Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2308SI-1T Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY2308SI-1T
Description  3.3V Zero Delay Buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2308SI-1T Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY2308SI-1T Datasheet HTML 1Page - Cypress Semiconductor CY2308SI-1T Datasheet HTML 2Page - Cypress Semiconductor CY2308SI-1T Datasheet HTML 3Page - Cypress Semiconductor CY2308SI-1T Datasheet HTML 4Page - Cypress Semiconductor CY2308SI-1T Datasheet HTML 5Page - Cypress Semiconductor CY2308SI-1T Datasheet HTML 6Page - Cypress Semiconductor CY2308SI-1T Datasheet HTML 7Page - Cypress Semiconductor CY2308SI-1T Datasheet HTML 8Page - Cypress Semiconductor CY2308SI-1T Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
CY2308
Document Number: 38-07146 Rev. *E
Page 2 of 15
Pinouts
Figure 1. Pin Diagram - 16 Pin SOIC
Table 1. Pin Definitions - 16 Pin SOIC
Pin
Signal
Description
1REF[1]
Input reference frequency, 5V tolerant input
2
CLKA1[2]
Clock output, Bank A
3
CLKA2[2]
Clock output, Bank A
4VDD
3.3V supply
5
GND
Ground
6
CLKB1[2]
Clock output, Bank B
7
CLKB2[2]
Clock output, Bank B
8S2[3]
Select input, bit 2
9S1[3]
Select input, bit 1
10
CLKB3[2]
Clock output, Bank B
11
CLKB4[2]
Clock output, Bank B
12
GND
Ground
13
VDD
3.3V supply
14
CLKA3[2]
Clock output, Bank A
15
CLKA4[2]
Clock output, Bank A
16
FBK
PLL feedback input
9
16
FBK
CLKA4
CLKA3
VDD
GND
CLKB4
CLKB3
S1
1
2
3
4
5
6
7
8
10
11
12
13
14
15
REF
CLKA1
CLKA2
VDD
GND
CLKB1
CLKB2
S2
Top View
Select Input Decoding
S2
S1
CLOCK A1–A4
CLOCK B1–B4
Output Source
PLL Shutdown
0
0
Tri-State
Tri-State
PLL
Y
0
1
Driven
Tri-State
PLL
N
1
0
Driven[4]
Driven[4]
Reference
Y
1
1
Driven
Driven
PLL
N
Notes
1. Weak pull down.
2. Weak pull down on all outputs.
3. Weak pull ups on these inputs.
4. Outputs inverted on 2308–2 and 2308–3 in bypass mode, S2 = 1 and S1 = 0.
[+] Feedback


Similar Part No. - CY2308SI-1T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2308SI-1T CYPRESS-CY2308SI-1T Datasheet
359Kb / 14P
   3.3V Zero Delay Buffer
CY2308SI-1T CYPRESS-CY2308SI-1T Datasheet
377Kb / 15P
   3.3V Zero Delay Buffer
CY2308SI-1T CYPRESS-CY2308SI-1T Datasheet
604Kb / 18P
   3.3 V Zero Delay Buffer
More results

Similar Description - CY2308SI-1T

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
   3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
   3.3V Zero-Delay Buffer
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
ASM5P2304B ALSC-ASM5P2304B Datasheet
376Kb / 13P
   3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304 Datasheet
109Kb / 8P
   3.3V Zero Delay Buffer
CY23S08 CYPRESS-CY23S08_09 Datasheet
279Kb / 11P
   3.3V Zero Delay Buffer
CY2304 CYPRESS-CY2304_08 Datasheet
258Kb / 9P
   3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com