Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CY6264 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part No. CY6264
Description  8K x 8 Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY6264 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY6264_06 Datasheet HTML 1Page - Cypress Semiconductor CY6264_06 Datasheet HTML 2Page - Cypress Semiconductor CY6264_06 Datasheet HTML 3Page - Cypress Semiconductor CY6264_06 Datasheet HTML 4Page - Cypress Semiconductor CY6264_06 Datasheet HTML 5Page - Cypress Semiconductor CY6264_06 Datasheet HTML 6Page - Cypress Semiconductor CY6264_06 Datasheet HTML 7Page - Cypress Semiconductor CY6264_06 Datasheet HTML 8Page - Cypress Semiconductor CY6264_06 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CY6264
Document #: 001-02367 Rev. *A
Page 2 of 9
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –65
°C to +150°C
Ambient Temperature with
Power Applied............................................. –55
°C to +125°C
Supply Voltage to Ground Potential ............... –0.5V to +7.0V
DC Voltage Applied to Outputs
in High Z State[1] ............................................ –0.5V to +7.0V
DC Input Voltage[1]......................................... –0.5V to +7.0V
Output Current into Outputs (LOW)............................. 20 mA
Static Discharge Voltage........................................... >2001V
(per MIL-STD-883, Method 3015)
Latch-Up Current .................................................... >200 mA
Selection Guide
Range
-55
-70
Unit
Maximum Access Time
55
70
ns
Maximum Operating Current
Commercial
100
100
mA
Industrial
260
200
mA
Automotive-A
200
mA
Maximum CMOS Standby Current
Commercial
15
15
mA
Industrial
30
30
mA
Automotive-A
30
mA
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0
°C to +70°C
5V
± 10%
Industrial
–40
°C to +85°C
Automotive-A
–40
°C to +85°C
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
-55
-70
Unit
Min.
Max.
Min.
Max.
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA
0.4
0.4
V
VIH
Input HIGH Voltage
2.2
VCC
2.2
VCC
V
VIL
Input LOW Voltage[1]
–0.5
0.8
–0.5
0.8
V
IIX
Input Leakage Current
GND < VI < VCC
–5
+5
–5
+5
µA
IOZ
Output Leakage Current GND < VI < VCC, Output Disabled
–5
+5
–5
+5
µA
ICC
VCC Operating
Supply Current
VCC = Max.,IOUT = 0 mA
Com’l
100
100
mA
Ind’l
260
200
Auto-A
200
ISB1
Automatic CE1
Power–Down Current
Max. VCC, CE1 > VIH,
Min. Duty Cycle=100%
Com’l
20
20
mA
Ind’l
50
40
Auto-A
40
ISB2
Automatic CE1
Power–Down Current
Max. VCC, CE1 > VCC – 0.3V,
VIN > VCC – 0.3V or VIN < 0.3V
Com’l
15
15
mA
Ind’l
30
30
Auto-A
30
Capacitance[2]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
7
pF
COUT
Output Capacitance
7
pF
Notes:
1. Minimum voltage is equal to –3.0V for pulse durations less than 30 ns.
2. Tested initially and after any design or process changes that may affect these parameters.
[+] Feedback
[+] Feedback


Similar Part No. - CY6264_06

ManufacturerPart No.DatasheetDescription
Cypress Semiconductor
Cypress Semiconductor
CY6264 CYPRESS-CY6264_09 Datasheet
260Kb / 9P
   8K x 8 Static RAM
More results

Similar Description - CY6264_06

ManufacturerPart No.DatasheetDescription
Cypress Semiconductor
Cypress Semiconductor
CY7C185 CYPRESS-CY7C185 Datasheet
197Kb / 11P
   8K x 8 Static RAM
CY7C185 CYPRESS-CY7C185_06 Datasheet
307Kb / 12P
   8K x 8 Static RAM
Dallas Semiconductor
Dallas Semiconductor
DS2064 DALLAS-DS2064 Datasheet
73Kb / 9P
   8K x 8 Static RAM
Cypress Semiconductor
Cypress Semiconductor
CY6264 CYPRESS-CY6264 Datasheet
253Kb / 8P
   8K x 8 Static RAM
Mosel Vitelic, Corp
Mosel Vitelic, Corp
V62C51864 MOSEL-V62C51864 Datasheet
59Kb / 10P
   8K X 8 STATIC RAM
Cypress Semiconductor
Cypress Semiconductor
CY7C185 CYPRESS-CY7C185_01 Datasheet
200Kb / 11P
   8K x 8 Static RAM
CY6264 CYPRESS-CY6264_09 Datasheet
260Kb / 9P
   8K x 8 Static RAM
Winbond
Winbond
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
Cypress Semiconductor
Cypress Semiconductor
CY7C185D CYPRESS-CY7C185D Datasheet
182Kb / 10P
   64K (8K x 8) Static RAM
Sharp Electrionic Components
Sharp Electrionic Compo...
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz