Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CY6264 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part No. CY6264
Description  8K x 8 Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY6264 Datasheet(HTML) 8 Page - Cypress Semiconductor

  CY6264_06 Datasheet HTML 1Page - Cypress Semiconductor CY6264_06 Datasheet HTML 2Page - Cypress Semiconductor CY6264_06 Datasheet HTML 3Page - Cypress Semiconductor CY6264_06 Datasheet HTML 4Page - Cypress Semiconductor CY6264_06 Datasheet HTML 5Page - Cypress Semiconductor CY6264_06 Datasheet HTML 6Page - Cypress Semiconductor CY6264_06 Datasheet HTML 7Page - Cypress Semiconductor CY6264_06 Datasheet HTML 8Page - Cypress Semiconductor CY6264_06 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
CY6264
Document #: 001-02367 Rev. *A
Page 8 of 9
© Cypress Semiconductor Corporation, 2006. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be
used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its
products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
All products and company names mentioned in this document may be the trademarks of their respective holders.
Ordering Information
Speed
(ns)
Ordering Code
Package
Diagram
Package Type
Operating
Range
55
CY6264-55SNXC
51-85092
28-lead (300-mil Narrow Body) SNC (Pb-Free)
Commercial
CY6264-55SNXI
28-lead (300-mil Narrow Body) SNC (Pb-Free)
Industrial
70
CY6264-70SNC
28-lead (300-mil Narrow Body) SNC
Commercial
CY6264-70SNXC
28-lead (300-mil Narrow Body) SNC (Pb-Free)
CY6264-70SNI
28-lead (300-mil Narrow Body) SNC
Industrial
CY6264-70SNXI
28-lead (300-mil Narrow Body) SNC (Pb-Free)
CY6264-70SNXA
28-lead (300-mil Narrow Body) SNC (Pb-Free)
Automotive-A
Please contact your local Cypress sales representative for availability of these parts
Package Diagram
DIMENSIONS IN INCHES
MIN.
MAX.
PIN1ID
0.291
0.300
0.463
0.477
0.050
TYP.
0.094
0.110
0.002
0.014
SEATING PLANE
0.008
0.012
0.702
0.710
0.020
0.042
0.004
0.014
0.020
0.020
0.015
0.032
0.026
A
OMEDATA
CSPI
DETAIL "A"
0.390
0.420
0.390
0.420
DETAIL "B"
B
51-85092-*B
28-lead (300 mil) SNC Package Outline (Narrow Body) (51-85092)
[+] Feedback
[+] Feedback


Similar Part No. - CY6264_06

ManufacturerPart No.DatasheetDescription
Cypress Semiconductor
Cypress Semiconductor
CY6264 CYPRESS-CY6264_09 Datasheet
260Kb / 9P
   8K x 8 Static RAM
More results

Similar Description - CY6264_06

ManufacturerPart No.DatasheetDescription
Cypress Semiconductor
Cypress Semiconductor
CY7C185 CYPRESS-CY7C185 Datasheet
197Kb / 11P
   8K x 8 Static RAM
CY7C185 CYPRESS-CY7C185_06 Datasheet
307Kb / 12P
   8K x 8 Static RAM
Dallas Semiconductor
Dallas Semiconductor
DS2064 DALLAS-DS2064 Datasheet
73Kb / 9P
   8K x 8 Static RAM
Cypress Semiconductor
Cypress Semiconductor
CY6264 CYPRESS-CY6264 Datasheet
253Kb / 8P
   8K x 8 Static RAM
Mosel Vitelic, Corp
Mosel Vitelic, Corp
V62C51864 MOSEL-V62C51864 Datasheet
59Kb / 10P
   8K X 8 STATIC RAM
Cypress Semiconductor
Cypress Semiconductor
CY7C185 CYPRESS-CY7C185_01 Datasheet
200Kb / 11P
   8K x 8 Static RAM
CY6264 CYPRESS-CY6264_09 Datasheet
260Kb / 9P
   8K x 8 Static RAM
Winbond
Winbond
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
Cypress Semiconductor
Cypress Semiconductor
CY7C185D CYPRESS-CY7C185D Datasheet
182Kb / 10P
   64K (8K x 8) Static RAM
Sharp Electrionic Components
Sharp Electrionic Compo...
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz