Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CY2907 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part No. CY2907
Description  Single-PLL General Purpose EPROM Programmable Clock Generator
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo 

CY2907 Datasheet(HTML) 6 Page - Cypress Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
CY2907
Document #: 38-07137 Rev. *A
Page 6 of 11
Switching Characteristics at 3.3V Commercial[4]
Parameter
Output[7]
Description
Test Conditions
Min
Max
Unit
tR
CLKA
Output Rise Time 20% to 80%
15-pF Load
3.5
ns
tF
CLKA
Output Fall Time 80% to 20%
15-pF Load
2.5
ns
tD
CLKA
Duty Cycle
15-pF Load at 1.4V
40.0
53.0
%
FI
XTALIN
Input Frequency
Crystal Oscillator
10
25
MHz
FI
XTALIN
Input Frequency
External Input Clock[8]
130
MHz
FO
CLKA
Output Frequency
CY2907, 15-pF Load
0.5
100.0
MHz
CY2907F, 15-pF Load
0.5
80.0
MHz
tJIS
CLKA
Jitter (One Sigma)
25 MHz to 100 MHz
150
ps
tJIS
CLKA
Jitter (One Sigma)
14 MHz to 25 MHz
200
ps
tJIS
CLKA
Jitter (One Sigma)
Less than 14 MHz
1
%
tJAB
CLKA
Jitter (Absolute)
25 MHz to 120 MHz
–250
+250
ps
tJAB
CLKA
Jitter (Absolute)
14 MHz to 25 MHz
–500
+500
ps
tJAB
CLKA
Jitter (Absolute)
Less than 14 MHz
3
%
tPU
Power Up Time
18
ms
tFT
CLKA
Transition Time
8 MHz to 66.6 MHz
13
ms
Notes
7. REFCLK output can also be configured to be driven by the PLL. In that case these characteristics are also valid.
8. Refer to the application note Crystal Oscillator Topics when using an external reference clock as an input frequency source.
Switching Characteristics at 5.0V Industrial
Parameter
Output[7]
Description
Test Conditions
Min
Max
Unit
tR
CLKA
Output Rise Time 0.8V to 2.0V
15-pF Load
1.40
ns
tF
CLKA
Output Fall Time 2.0V to 0.8V
15-pF Load
1.00
ns
tR
CLKA
Output Rise Time 20% to 80%
15-pF Load
3.5
ns
tF
CLKA
Output Fall Time 80% to 20%
15-pF Load
2.5
ns
tD
CLKA
Duty Cycle
15-pF Load at 1.4V
45.0
55.0
%
FI
XTALIN
Input Frequency
Crystal Oscillator
10
25
MHz
FI
XTALIN
Input Frequency
External Input Clock[8]
1
30
MHz
FO
CLKA
Output Frequency
CY2907, 15-pF Load
0.5
100.0
MHz
CY2907F, 15-pF Load
0.5
90
MHz
tJIS
CLKA
Jitter (One Sigma)
20 MHz to 130 MHz
150
ps
tJIS
CLKA
Jitter (One Sigma)
14 MHz to 20 MHz
200
ps
tJIS
CLKA
Jitter (One Sigma)
Less than 14 MHz
1
%
tJAB
CLKA
Jitter (Absolute)
20 MHz to 130 MHz
–250
+ 250
ps
tJAB
CLKA
Jitter (Absolute)
14 MHz to 20 MHz
–500
+ 500
ps
tJAB
CLKA
Jitter (Absolute)
Less than 14 MHz
3
%
tPU
Power Up Time
18
ms
tFT
CLKA
Transition Time
8 MHz to 66.6 MHz
13
ms
[+] Feedback
[+] Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn