Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CY2545 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part No. CY2545
Description  Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo 

CY2545 Datasheet(HTML) 4 Page - Cypress Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
PRELIMINARY
CY2545
CY2547
Document #: 001-13196 Rev. **
Page 4 of 17
19
GND
Power
Power supply ground
20
CLK8
Output
Programmable Output Clock
21
CLKIN/RST
Input/Input
Multifunction programmable pin. High true reset input or 1.8V
External low voltage reference clock input
22
VDD_CORE
Power
1.8V Power supply for core
23
XOUT
Output
Crystal output
24
XIN/EXCLKIN
Input
Crystal input or 1.8V external clock input
Pin Number
Name
IO
Description
[+] Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn