Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1568V18-300BZXI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1568V18-300BZXI
Description  72-Mbit DDR-II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1568V18-300BZXI Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1568V18-300BZXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1568V18-300BZXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1568V18-300BZXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1568V18-300BZXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1568V18-300BZXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1568V18-300BZXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1568V18-300BZXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1568V18-300BZXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1568V18-300BZXI Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
CY7C1566V18
CY7C1577V18
CY7C1568V18
CY7C1570V18
Document Number: 001-06551 Rev. *D
Page 6 of 27
Pin Definitions
Pin Name
IO
Pin Description
DQ[x:0]
Input and
Output
Synchronous
Data Input and Output Signals. Inputs are sampled on the rising edge of K and K clocks during
valid write operations. These pins drive out the requested data during a read operation. Valid data is
driven out on the rising edge of both the K and K clocks during read operations. When read access
is deselected, Q[x:0] are automatically tri-stated.
CY7C1566V18
− DQ[7:0]
CY7C1577V18
− DQ[8:0]
CY7C1568V18
− DQ[17:0]
CY7C1570V18
− DQ[35:0]
LD
Input
Synchronous
Synchronous Load. Sampled on the rising edge of the K clock. This input is brought LOW when a
bus cycle sequence is defined. This definition includes address and read or write direction. All trans-
actions operate on a burst of 2 data. LD must meet the setup and hold times around edge of K.
NWS0, NWS1 Input
Synchronous
Nibble Write Select 0, 1, Active LOW (CY7C1566V18 only). Sampled on the rising edge of the K
and K clocks during write operations. Used to select the nibble that is written into the device during
the current portion of the write operations. Nibbles not written remain unaltered.
NWS0 controls D[3:0] and NWS1 controls D[7:4].
All the Nibble Write Selects are sampled on the same edge as the data. Deselecting a Nibble Write
Select ignores the corresponding nibble of data and does not write into the device.
BWS0, BWS1,
BWS2, BWS3
Input
Synchronous
Byte Write Select 0, 1, 2, and 3, Active LOW. Sampled on the rising edge of the K and K clocks
during write operations. Used to select which byte is written into the device during the current portion
of the write operations. Bytes not written remain unaltered.
CY7C1577V18
− BWS0 controls D[8:0]
CY7C1568V18
− BWS0 controls D[8:0] and BWS1 controls D[17:9].
CY7C1570V18
− BWS0 controls D[8:0], BWS1 controls D[17:9], BWS2 controls D[26:18] and BWS3
controls D[35:27].
All the Byte Write Selects are sampled on the same edge as the data. Deselecting a Byte Write Select
ignores the corresponding byte of data and does not write into the device.
A
Input
Synchronous
Address Inputs. Sampled on the rising edge of the K clock during active read and write operations.
These address inputs are multiplexed for both read and write operations. Internally, the device is
organized as 8M x 8 (2 arrays each of 4M x 8) for CY7C1566V18, 8M x 9 (2 arrays each of 4M x 9)
for CY7C1577V18, 4M x 18 (2 arrays each of 2M x 18) for CY7C1568V18, and 2M x 36 (2 arrays
each of 1M x 36) for CY7C1570V18.
R/W
Input
Synchronous
Synchronous Read/Write Input. When LD is LOW, this input designates the access type (read
when R/W is HIGH, write when R/W is LOW) for loaded address. R/W must meet the setup and hold
times around edge of K.
QVLD
Valid Output
Indicator
Valid Output Indicator. The Q Valid indicates valid output data. QVLD is edge aligned with CQ and
CQ.
K
Input Clock
Positive Input Clock Input. The rising edge of K is used to capture synchronous inputs to the device
and to drive out data through Q[x:0] when in single clock mode. All accesses are initiated on the rising
edge of K.
K
Input Clock
Negative Input Clock Input. K is used to capture synchronous data presented to the device and to
drive out data through Q[x:0] when in single clock mode.
CQ
Clock Output Synchronous Echo Clock Outputs. This is a free running clock and is synchronized to the input
clock (K) of the DDR-II+. The timing for the echo clocks is shown in “Switching Characteristics” on
page 22.
CQ
Clock Output Synchronous Echo Clock Outputs. This is a free running clock and is synchronized to the input
clock (K) of the DDR-II+. The timing for the echo clocks is shown in “Switching Characteristics” on
page 22.


Similar Part No. - CY7C1568V18-300BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1568V18-300BZXI CYPRESS-CY7C1568V18-300BZXI Datasheet
664Kb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
More results

Similar Description - CY7C1568V18-300BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1566KV18 CYPRESS-CY7C1566KV18_11 Datasheet
921Kb / 31P
   72-Mbit DDR II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1566V18 CYPRESS-CY7C1566V18_08 Datasheet
664Kb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1568XV18 CYPRESS-CY7C1568XV18 Datasheet
450Kb / 27P
   72-Mbit DDR II Xtreme SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1546KV18 CYPRESS-CY7C1546KV18 Datasheet
959Kb / 31P
   72-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1546V18 CYPRESS-CY7C1546V18 Datasheet
1Mb / 27P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
logo
Renesas Technology Corp
RMQCBA3636DGBA RENESAS-RMQCBA3636DGBA_15 Datasheet
849Kb / 30P
   36-Mbit DDR??II SRAM 2-word Burst Architecture (2.5 Cycle Read latency)
logo
Cypress Semiconductor
CY7C1266V18 CYPRESS-CY7C1266V18 Datasheet
1Mb / 27P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1166V18 CYPRESS-CY7C1166V18 Datasheet
1Mb / 27P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C12661KV18 CYPRESS-CY7C12661KV18 Datasheet
903Kb / 30P
   36-Mbit DDR II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1548KV18 CYPRESS-CY7C1548KV18_12 Datasheet
844Kb / 29P
   72-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com