Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY22E016L-SZ45XCT Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY22E016L-SZ45XCT
Description  16-Kbit (2K x 8) nvSRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22E016L-SZ45XCT Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY22E016L-SZ45XCT Datasheet HTML 2Page - Cypress Semiconductor CY22E016L-SZ45XCT Datasheet HTML 3Page - Cypress Semiconductor CY22E016L-SZ45XCT Datasheet HTML 4Page - Cypress Semiconductor CY22E016L-SZ45XCT Datasheet HTML 5Page - Cypress Semiconductor CY22E016L-SZ45XCT Datasheet HTML 6Page - Cypress Semiconductor CY22E016L-SZ45XCT Datasheet HTML 7Page - Cypress Semiconductor CY22E016L-SZ45XCT Datasheet HTML 8Page - Cypress Semiconductor CY22E016L-SZ45XCT Datasheet HTML 9Page - Cypress Semiconductor CY22E016L-SZ45XCT Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
PRELIMINARY
CY22E016L
Document #: 001-06727 Rev. *C
Page 6 of 14
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –65
°C to +150°C
Ambient Temperature with
Power Applied............................................. –55
°C to +125°C
Supply Voltage on VCC Relative to GND.......... –0.5V to 7.0V
Voltage Applied to Outputs
in High-Z State .......................................–0.5V to VCC + 0.5V
Input Voltage ............................................ –0.5V to Vcc+0.5V
Transient Voltage (<20 ns) on
Any Pin to Ground Potential...................–0.5V to VCC + 2.0V
Package Power Dissipation
Capability (TA = 25°C) ................................................... 1.0W
Surface Mount Lead Soldering
Temperature (3 Seconds) .......................................... +260
°C
Output Short Circuit Current [1].................................... 15 mA
Static Discharge Voltage.......................................... > 2001V
(per MIL-STD-883, Method 3015)
Latch-up Current.................................................... > 200 mA
Operating Range
Range
Ambient Temperature
VCC
Commercial
0
°C to +70°C
4.5V to 5.5V
Industrial
-40
°C to +85°C
DC Electrical Characteristics Over the Operating Range (VCC = 4.5V to 5.5V)
[2]
Parameter
Description
Test Conditions
Min.
Max.
Unit
ICC1
Average VCC Current
tRC = 25 ns
tRC = 35 ns
tRC = 45 ns
Dependent on output loading and cycle rate.
Values obtained without output loads. IOUT = 0mA.
Commercial
85
75
65
mA
mA
mA
Industrial
75
mA
ICC2
Average VCC Current
during STORE
All Inputs Don’t Care, VCC = Max.
Average current for duration tSTORE
3mA
ICC3
Average VCC Current at
tAVAV = 200 ns, 5V, 25°C
typical
WE > (VCC – 0.2). All other inputs cycling.
Dependent on output loading and cycle rate. Values obtained
without output loads.
10
mA
ICC4
Average VCAP Current
during AutoStore Cycle
All Inputs Don’t Care, VCC = Max.
Average current for duration tSTORE
2mA
ISB
VCC Standby Current
CE > (VCC – 0.2). All others VIN < 0.2V or > (VCC – 0.2V).
Standby current level after nonvolatile cycle is complete.
Inputs are static. f = 0MHz.
2.5
mA
IILK
Input Leakage Current VCC = Max., VSS < VIN < VCC
-1
+1
µA
IOLK
Off-State Output
Leakage Current
VCC = Max., VSS < VIN < VCC,
CE or OE > VIH
-5
+5
µA
VIH
Input HIGH Voltage
2.2
VCC + 0.5 V
VIL
Input LOW Voltage
VSS – 0.5
0.8
V
VOH
Output HIGH Voltage
IOUT = –4 mA except HSB
2.4
V
VOL
Output LOW Voltage
IOUT = 8 mA except HSB
0.4
V
VBL
Logic “0” on HSB
IOUT = 3 mA
0.4
V
Capacitance [3]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 0 to 3.0 V
8pF
COUT
Output Capacitance
7
pF
Notes:
1. Outputs shorted for no more than one second. No more than one output shorted at a time.
2. Typical conditions for the Active Current shown on the front page of the data sheet are average values at 25°C (room temperature), and VCC = 5V. Not 100% tested.
3. These parameters are guaranteed but not tested.
[+] Feedback
[+] Feedback


Similar Part No. - CY22E016L-SZ45XCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22E016L-SZ45XCT CYPRESS-CY22E016L-SZ45XCT Datasheet
506Kb / 14P
   16 Kbit (2K x 8) nvSRAM
More results

Similar Description - CY22E016L-SZ45XCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22E016L CYPRESS-CY22E016L_07 Datasheet
506Kb / 14P
   16 Kbit (2K x 8) nvSRAM
STK22C48 CYPRESS-STK22C48 Datasheet
514Kb / 14P
   16 Kbit (2K x 8) AutoStore nvSRAM
logo
List of Unclassifed Man...
STK10C48 ETC-STK10C48 Datasheet
106Kb / 9P
   2K X 8 NVSRAM
logo
Simtek Corporation
U631H16 SIMTEK-U631H16 Datasheet
133Kb / 13P
   SimtekSoftStore 2K x 8 nvSRAM
U630H16 SIMTEK-U630H16 Datasheet
152Kb / 15P
   HardStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U63716 ETC-U63716 Datasheet
206Kb / 13P
   CAPSTORE 2K X 8 NVSRAM
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
logo
Simtek Corporation
U635H16 SIMTEK-U635H16 Datasheet
137Kb / 14P
   PowerStore 2K x 8 nvSRAM
U630H16P SIMTEK-U630H16P Datasheet
178Kb / 17P
   HardStore 2K x 8 nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com