Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY22E016L Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY22E016L
Description  16-Kbit (2K x 8) nvSRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22E016L Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY22E016L Datasheet HTML 6Page - Cypress Semiconductor CY22E016L Datasheet HTML 7Page - Cypress Semiconductor CY22E016L Datasheet HTML 8Page - Cypress Semiconductor CY22E016L Datasheet HTML 9Page - Cypress Semiconductor CY22E016L Datasheet HTML 10Page - Cypress Semiconductor CY22E016L Datasheet HTML 11Page - Cypress Semiconductor CY22E016L Datasheet HTML 12Page - Cypress Semiconductor CY22E016L Datasheet HTML 13Page - Cypress Semiconductor CY22E016L Datasheet HTML 14Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
PRELIMINARY
CY22E016L
Document #: 001-06727 Rev. *C
Page 11 of 14
Figure 10. AutoStore/Power-Up RECALL
Switching Waveforms (continued)
VCC
VSWITCH
tRESTORE
AutoStore
POWER-UP RECALL
VRESET
tSTORE
tDELAY
tVSBL
HSB
DQ (DATA OUT)
POWER UP
RECALL
BROWN OUT
NO STROKE
(NO SRAM WRITES)
NO RECALL
(VCC DID NOT GO
BELOW VRESET)
BROWN OUT
AutoStore
NO RECALL
(VCC DID NOT GO
BELOW VRESET)
TM
BROWN OUT
AutoStore TM
RECALL WHEN
VCC RETURNS
ABOVE VSWITCH
[+] Feedback
[+] Feedback


Similar Part No. - CY22E016L

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22E016L CYPRESS-CY22E016L Datasheet
506Kb / 14P
   16 Kbit (2K x 8) nvSRAM
CY22E016L-SZ25XC CYPRESS-CY22E016L-SZ25XC Datasheet
506Kb / 14P
   16 Kbit (2K x 8) nvSRAM
CY22E016L-SZ25XCT CYPRESS-CY22E016L-SZ25XCT Datasheet
506Kb / 14P
   16 Kbit (2K x 8) nvSRAM
CY22E016L-SZ25XI CYPRESS-CY22E016L-SZ25XI Datasheet
506Kb / 14P
   16 Kbit (2K x 8) nvSRAM
CY22E016L-SZ25XIT CYPRESS-CY22E016L-SZ25XIT Datasheet
506Kb / 14P
   16 Kbit (2K x 8) nvSRAM
More results

Similar Description - CY22E016L

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22E016L CYPRESS-CY22E016L_07 Datasheet
506Kb / 14P
   16 Kbit (2K x 8) nvSRAM
STK22C48 CYPRESS-STK22C48 Datasheet
514Kb / 14P
   16 Kbit (2K x 8) AutoStore nvSRAM
logo
List of Unclassifed Man...
STK10C48 ETC-STK10C48 Datasheet
106Kb / 9P
   2K X 8 NVSRAM
logo
Simtek Corporation
U631H16 SIMTEK-U631H16 Datasheet
133Kb / 13P
   SimtekSoftStore 2K x 8 nvSRAM
U630H16 SIMTEK-U630H16 Datasheet
152Kb / 15P
   HardStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U63716 ETC-U63716 Datasheet
206Kb / 13P
   CAPSTORE 2K X 8 NVSRAM
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
logo
Simtek Corporation
U635H16 SIMTEK-U635H16 Datasheet
137Kb / 14P
   PowerStore 2K x 8 nvSRAM
U630H16P SIMTEK-U630H16P Datasheet
178Kb / 17P
   HardStore 2K x 8 nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com