Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C27643-24LFIT Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY8C27643-24LFIT
Description  PSoC짰 Mixed-Signal Array
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C27643-24LFIT Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY8C27643-24LFIT Datasheet HTML 1Page - Cypress Semiconductor CY8C27643-24LFIT Datasheet HTML 2Page - Cypress Semiconductor CY8C27643-24LFIT Datasheet HTML 3Page - Cypress Semiconductor CY8C27643-24LFIT Datasheet HTML 4Page - Cypress Semiconductor CY8C27643-24LFIT Datasheet HTML 5Page - Cypress Semiconductor CY8C27643-24LFIT Datasheet HTML 6Page - Cypress Semiconductor CY8C27643-24LFIT Datasheet HTML 7Page - Cypress Semiconductor CY8C27643-24LFIT Datasheet HTML 8Page - Cypress Semiconductor CY8C27643-24LFIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
October 26, 2006
Document No. 38-12012 Rev. *K
2
CY8C27x43 Final Data Sheet
PSoC® Overview
processor. The CPU utilizes an interrupt controller with 17 vec-
tors, to simplify programming of real time embedded events.
Program execution is timed and protected using the included
Sleep and Watch Dog Timers (WDT).
Memory encompasses 16K of Flash for program storage, 256
bytes of SRAM for data storage, and up to 2K of EEPROM
emulated using the Flash. Program Flash utilizes four protec-
tion levels on blocks of 64 bytes, allowing customized software
IP protection.
The PSoC device incorporates flexible internal clock genera-
tors, including a 24 MHz IMO (internal main oscillator) accurate
to 2.5% over temperature and voltage. The 24 MHz IMO can
also be doubled to 48 MHz for use by the digital system. A low
power 32 kHz ILO (internal low speed oscillator) is provided for
the Sleep timer and WDT. If crystal accuracy is desired, the
ECO (32.768 kHz external crystal oscillator) is available for use
as a Real Time Clock (RTC) and can optionally generate a crys-
tal-accurate 24 MHz system clock using a PLL. The clocks,
together with programmable clock dividers (as a System
Resource), provide the flexibility to integrate almost any timing
requirement into the PSoC device.
PSoC GPIOs provide connection to the CPU, digital and analog
resources of the device. Each pin’s drive mode may be selected
from eight options, allowing great flexibility in external interfac-
ing. Every pin also has the capability to generate a system inter-
rupt on high level, low level, and change from last read.
The Digital System
The Digital System is composed of 8 digital PSoC blocks. Each
block is an 8-bit resource that can be used alone or combined
with other blocks to form 8, 16, 24, and 32-bit peripherals, which
are called user module references.
Digital System Block Diagram
Digital peripheral configurations include those listed below.
PWMs (8 to 32 bit)
PWMs with Dead band (8 to 32 bit)
Counters (8 to 32 bit)
Timers (8 to 32 bit)
UART 8 bit with selectable parity (up to 2)
SPI slave and master (up to 2)
I2C slave and multi-master (1 available as a System
Resource)
Cyclical Redundancy Checker/Generator (8 to 32 bit)
IrDA (up to 2)
Pseudo Random Sequence Generators (8 to 32 bit)
The digital blocks can be connected to any GPIO through a
series of global buses that can route any signal to any pin. The
buses also allow for signal multiplexing and for performing logic
operations. This configurability frees your designs from the con-
straints of a fixed peripheral controller.
Digital blocks are provided in rows of four, where the number of
blocks varies by PSoC device family. This allows you the opti-
mum choice of system resources for your application. Family
resources are shown in the table titled “PSoC Device Charac-
teristics” on page 3.
The Analog System
The Analog System is composed of 12 configurable blocks,
each comprised of an opamp circuit allowing the creation of
complex analog signal flows. Analog peripherals are very flexi-
ble and can be customized to support specific application
requirements. Some of the more common PSoC analog func-
tions (most available as user modules) are listed below.
Analog-to-digital converters (up to 4, with 6- to 14-bit resolu-
tion, selectable as Incremental, Delta Sigma, and SAR)
Filters (2, 4, 6, and 8 pole band-pass, low-pass, and notch)
Amplifiers (up to 4, with selectable gain to 48x)
Instrumentation amplifiers (up to 2, with selectable gain to
93x)
Comparators (up to 4, with 16 selectable thresholds)
DACs (up to 4, with 6- to 9-bit resolution)
Multiplying DACs (up to 4, with 6- to 9-bit resolution)
High current output drivers (four with 30 mA drive as a Core
Resource)
1.3V reference (as a System Resource)
DTMF Dialer
Modulators
Correlators
Peak detectors
Many other topologies possible
DIGITAL SYSTEM
To System Bus
DigitalClocks
FromCore
Digital PSoC Block Array
ToAnalog
System
8
8
8
8
Row 1
DBB10
DBB11
DCB12
DCB13
4
4
Row 0
DBB00
DBB01
DCB02
DCB03
4
4
GIE[7:0]
GIO[7:0]
GOE[7:0]
GOO[7:0]
Global Digital
Interconnect
Port 4
Port 3
Port 2
Port 1
Port 0
Port 5
[+] Feedback
[+] Feedback


Similar Part No. - CY8C27643-24LFIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C27643-24LFIT CYPRESS-CY8C27643-24LFIT Datasheet
542Kb / 44P
   PSoC Mixed Signal Array
More results

Similar Description - CY8C27643-24LFIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21234 CYPRESS-CY8C21234_08 Datasheet
1Mb / 43P
   PSoC짰 Mixed-Signal Array
CY8C24223A CYPRESS-CY8C24223A_06 Datasheet
492Kb / 33P
   PSoC짰 Mixed-Signal Array
CY8C20234 CYPRESS-CY8C20234 Datasheet
469Kb / 32P
   PSoC짰 Mixed-Signal Array
CY8C29466 CYPRESS-CY8C29466_07 Datasheet
709Kb / 48P
   PSoC짰 Mixed-Signal Array
CY8C21234 CYPRESS-CY8C21234_07 Datasheet
612Kb / 42P
   PSoC짰 Mixed-Signal Array
CY8C20534 CYPRESS-CY8C20534 Datasheet
1Mb / 34P
   PSoC짰 Mixed-Signal Array
CY8C21634 CYPRESS-CY8C21634 Datasheet
1Mb / 42P
   PSoC짰 Mixed-Signal Array
CY8C21323 CYPRESS-CY8C21323_08 Datasheet
956Kb / 37P
   PSoC짰 Mixed Signal Array
CY8C29866 CYPRESS-CY8C29866 Datasheet
668Kb / 49P
   PSoC짰 Mixed-Signal Array
CY8C27243 CYPRESS-CY8C27243_06 Datasheet
510Kb / 34P
   PSoC짰 Mixed-Signal Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com