Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B104L Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY14B104L
Description  4-Mbit (512K x 8/256K x 16) nvSRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B104L Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY14B104L Datasheet HTML 6Page - Cypress Semiconductor CY14B104L Datasheet HTML 7Page - Cypress Semiconductor CY14B104L Datasheet HTML 8Page - Cypress Semiconductor CY14B104L Datasheet HTML 9Page - Cypress Semiconductor CY14B104L Datasheet HTML 10Page - Cypress Semiconductor CY14B104L Datasheet HTML 11Page - Cypress Semiconductor CY14B104L Datasheet HTML 12Page - Cypress Semiconductor CY14B104L Datasheet HTML 13Page - Cypress Semiconductor CY14B104L Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
CY14B104L/CY14B104N
PRELIMINARY
Document #: 001-07102 Rev. *E
Page 10 of 21
AC Test Conditions
Input Pulse Levels ................................................... 0V to 3V
Input Rise and Fall Times (10% - 90%) ....................... <5 ns
Input and Output Timing Reference Levels ....................1.5V
Notes
8. WE must be HIGH during SRAM read cycles.
9. Device is continuously selected with CE and OE both LOW.
10. Measured ±200 mV from steady state output voltage.
11. If WE is LOW when CE goes LOW, the outputs remain in the high impedance state.
AC Switching Characteristics
Parameters
Description
15ns
25ns
45ns
Unit
Cypress
Parameters
Alt.
Parameters
Min
Max
Min
Max
Min.
Max.
SRAM Read Cycle
tACE
tACS
Chip Enable Access Time
15
25
45
ns
tRC
[8]
tRC
Read Cycle Time
15
25
45
ns
tAA
[9]
tAA
Address Access Time
15
25
45
ns
tDOE
tOE
Output Enable to Data Valid
10
12
20
ns
tOHA
tOH
Output Hold After Address Change
3
3
3
ns
tLZCE
[10]
tLZ
Chip Enable to Output Active
3
3
3
ns
tHZCE
[10]
tHZ
Chip Disable to Output Inactive
7
10
15
ns
tLZOE
[10]
tOLZ
Output Enable to Output Active
0
0
0
ns
tHZOE
[10]
tOHZ
Output Disable to Output Inactive
7
10
15
ns
tPU
[7]
tPA
Chip Enable to Power Active
0
0
0
ns
tPD
[7]
tPS
Chip Disable to Power Standby
15
25
45
ns
tDBE
-
Byte Enale to Data Valid
10
12
22
ns
tLZBE
-
Byte Enable to Output Active
0
0
0
ns
tHZBE
-
Byte Disable to Output Inactive
7
10
22
ns
SRAM Write Cycle
tWC
tWC
Write Cycle Time
15
25
45
ns
tPWE
tWP
Write Pulse Width
10
20
30
ns
tSCE
tCW
Chip Enable To End of Write
15
20
30
ns
tSD
tDW
Data Setup to End of Write
5
10
15
ns
tHD
tDH
Data Hold After End of Write
0
0
0
ns
tAW
tAW
Address Setup to End of Write
15
20
30
ns
tSA
tAS
Address Setup to Start of Write
0
0
0
ns
tHA
tWR
Address Hold After End of Write
0
0
0
ns
tHZWE
[10,11]
tWZ
Write Enable to Output Disable
7
10
15
ns
tLZWE
[10]
tOW
Output Active after End of Write
3
3
3
ns
tBW
-
Byte Enable to End of Write
15
20
30
ns
[+] Feedback
[+] Feedback


Similar Part No. - CY14B104L

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104L CYPRESS-CY14B104L Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L-BA15XCT CYPRESS-CY14B104L-BA15XCT Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L-BA15XI CYPRESS-CY14B104L-BA15XI Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L-BA15XIT CYPRESS-CY14B104L-BA15XIT Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L-BA20XCT CYPRESS-CY14B104L-BA20XCT Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
More results

Similar Description - CY14B104L

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104L CYPRESS-CY14B104L_08 Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L_09 Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA Datasheet
863Kb / 23P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104KA CYPRESS-CY14B104KA Datasheet
1,000Kb / 31P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real-Time-Clock
CY14B104K CYPRESS-CY14B104K Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
CY14E104K CYPRESS-CY14E104K Datasheet
732Kb / 28P
   4 Mbit (512K x 8 / 256K x 16) nvSRAM with Real-Time-Clock
CY14B108L CYPRESS-CY14B108L Datasheet
860Kb / 24P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
CY14E108L CYPRESS-CY14E108L Datasheet
611Kb / 20P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
   2-Mbit (256K x 8/128K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com