Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B101K Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY14B101K
Description  1 Mbit (128K x 8) nvSRAM With Real-Time Clock
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B101K Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY14B101K Datasheet HTML 1Page - Cypress Semiconductor CY14B101K Datasheet HTML 2Page - Cypress Semiconductor CY14B101K Datasheet HTML 3Page - Cypress Semiconductor CY14B101K Datasheet HTML 4Page - Cypress Semiconductor CY14B101K Datasheet HTML 5Page - Cypress Semiconductor CY14B101K Datasheet HTML 6Page - Cypress Semiconductor CY14B101K Datasheet HTML 7Page - Cypress Semiconductor CY14B101K Datasheet HTML 8Page - Cypress Semiconductor CY14B101K Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
CY14B101K
PRELIMINARY
Document #: 001-06401 Rev. *E
Page 5 of 24
Table 1. Mode Selection
CE
WE
OE
A15 – A0
Mode
IO
Power
H
X
X
X
Not Selected
Output High-Z
Standby
L
H
L
X
READ SRAM
Output Data
Active
L
L
X
X
WRITE SRAM
Input Data
Active
L
H
L
0x4E38
0xB1C7
0x83E0
0x7C1F
0x703F
0x8B45
READ SRAM
READ SRAM
READ SRAM
READ SRAM
READ SRAM
Autostore
Disable
Output Data
Output Data
Output Data
Output Data
Output Data
Output Data
Active[1, 2, 3]
L
H
L
0x4E38
0xB1C7
0x83E0
0x7C1F
0x703F
0x4B46
READ SRAM
READ SRAM
READ SRAM
READ SRAM
Read SRAM
Autostore
Enable
Output Data
Output Data
Output Data
Output Data
Output Data
Output Data
Active[1, 2, 3]
L
H
L
0x4E38
0xB1C7
0x83E0
0x7C1F
0x703F
0x8FC0
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile
Store
Output Data
Output Data
Output Data
Output Data
Output Data
Output High-Z
Active ICC2[1, 2, 3]
L
H
L
0x4E38
0xB1C7
0x83E0
0x7C1F
0x703F
0x4C63
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile
Recall
Output Data
Output Data
Output Data
Output Data
Output Data
Output High-Z
Active[1, 2, 3]
Notes
1. The six consecutive address locations must be in the order listed. WE must be HIGH during all six cycles to enable a nonvolatile cycle.
2. While there are 17 address lines on the CY14B101K, only the lower 16 lines are used to control software modes.
3. IO state depends on the state of OE. The IO table shown is based on OE Low.
[+] Feedback
[+] Feedback


Similar Part No. - CY14B101K

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101K CYPRESS-CY14B101K Datasheet
717Kb / 24P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K-SP25XC CYPRESS-CY14B101K-SP25XC Datasheet
717Kb / 24P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K-SP25XCT CYPRESS-CY14B101K-SP25XCT Datasheet
717Kb / 24P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K-SP25XI CYPRESS-CY14B101K-SP25XI Datasheet
717Kb / 24P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K-SP25XIT CYPRESS-CY14B101K-SP25XIT Datasheet
717Kb / 24P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
More results

Similar Description - CY14B101K

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101K CYPRESS-CY14B101K_09 Datasheet
796Kb / 28P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K_0711 CYPRESS-CY14B101K_0711 Datasheet
717Kb / 24P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101P CYPRESS-CY14B101P Datasheet
1Mb / 33P
   1 Mbit (128K x 8) Serial SPI nvSRAM with Real Time Clock
CY14C101I CYPRESS-CY14C101I Datasheet
2Mb / 42P
   1 Mbit (128K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B101KA CYPRESS-CY14B101KA Datasheet
972Kb / 29P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14B101KA CYPRESS-CY14B101KA_11 Datasheet
1Mb / 34P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
STK17TA8 CYPRESS-STK17TA8 Datasheet
787Kb / 23P
   128k X 8 AutoStore nvSRAM with Real Time Clock
CY14V101PS CYPRESS-CY14V101PS Datasheet
1Mb / 67P
   1-Mbit (128K 횞 8) Quad SPI nvSRAM with Real Time Clock
CY14B108K CYPRESS-CY14B108K Datasheet
1Mb / 29P
   8 Mbit (1024K x 8/512K x 16) nvSRAM with Real Time Clock
CY14C101PA_1105 CYPRESS-CY14C101PA_1105 Datasheet
1Mb / 44P
   1-Mbit (128 K x 8) Serial (SPI) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com