Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C29466 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY8C29466
Description  PSoC짰 Mixed-Signal Array
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C29466 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY8C29466_06 Datasheet HTML 1Page - Cypress Semiconductor CY8C29466_06 Datasheet HTML 2Page - Cypress Semiconductor CY8C29466_06 Datasheet HTML 3Page - Cypress Semiconductor CY8C29466_06 Datasheet HTML 4Page - Cypress Semiconductor CY8C29466_06 Datasheet HTML 5Page - Cypress Semiconductor CY8C29466_06 Datasheet HTML 6Page - Cypress Semiconductor CY8C29466_06 Datasheet HTML 7Page - Cypress Semiconductor CY8C29466_06 Datasheet HTML 8Page - Cypress Semiconductor CY8C29466_06 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
December 11, 2006
Document No. 38-12026 Rev. *D
2
CY8C29x66 Automotive Data Sheet
PSoC® Overview
processor. The CPU utilizes an interrupt controller with 25 vec-
tors, to simplify programming of real time embedded events.
Program execution is timed and protected using the included
Sleep and Watch Dog Timers (WDT).
Memory includes 32K of Flash for program storage and 2K of
SRAM for data storage. Program Flash utilizes four protection
levels on blocks of 64 bytes, allowing customized software IP
protection.
The PSoC device incorporates flexible internal clock genera-
tors, including a 24 MHz IMO (internal main oscillator) accurate
to 4% over temperature and voltage. A low power 32 kHz ILO
(internal low speed oscillator) is provided for the Sleep timer
and WDT. If crystal accuracy is desired, the ECO (32.768 kHz
external crystal oscillator) is available for use as a Real Time
Clock (RTC) and can optionally generate a crystal-accurate 24
MHz system clock using a PLL. The clocks, together with pro-
grammable clock dividers (as a System Resource), provide the
flexibility to integrate almost any timing requirement into the
PSoC device.
PSoC GPIOs provide connection to the CPU, digital and analog
resources of the device. Each pin’s drive mode may be selected
from eight options, allowing great flexibility in external interfac-
ing. Every pin also has the capability to generate a system inter-
rupt on high level, low level, and change from last read.
The Digital System
The Digital System is composed of 16 digital PSoC blocks.
Each block is an 8-bit resource that can be used alone or com-
bined with other blocks to form 8, 16, 24, and 32-bit peripherals,
which are called user module references. Digital peripheral con-
figurations include those listed below.
PWMs (8 to 32 bit)
PWMs with Dead Band (8 to 32 bit)
Counters (8 to 32 bit)
Timers (8 to 32 bit)
UART 8 bit with selectable parity (up to 4)
SPI Master and Slave (up to 4 each)
I2C Slave and Multi-Master (1 available as a System
Resource)
Cyclical Redundancy Checker/Generator (8 to 32 bit)
IrDA (up to 4)
Pseudo Random Sequence Generators (8 to 32 bit)
The digital blocks can be connected to any GPIO through a
series of global buses that can route any signal to any pin. The
buses also allow for signal multiplexing and for performing logic
operations. This configurability frees your designs from the con-
straints of a fixed peripheral controller.
Digital blocks are provided in rows of four, where the number of
blocks varies by PSoC device family. This allows you the opti-
mum choice of system resources for your application. Family
resources are shown in the table titled “PSoC Device Charac-
teristics” on page 3.
Digital System Block Diagram
The Analog System
The Analog System is composed of 12 configurable blocks,
each comprised of an opamp circuit allowing the creation of
complex analog signal flows. Analog peripherals are very flexi-
ble and can be customized to support specific application
requirements. Some of the more common PSoC analog func-
tions (most available as user modules) are listed below.
Analog-to-digital converters (up to 4, with 6- to 14-bit resolu-
tion, selectable as Incremental, Delta Sigma, and SAR)
Filters (2, 4, 6, or 8 pole band-pass, low-pass, and notch)
Amplifiers (up to 4, with selectable gain to 48x)
Instrumentation amplifiers (up to 2, with selectable gain to
93x)
Comparators (up to 4, with 16 selectable thresholds)
DACs (up to 4, with 6- to 9-bit resolution)
Multiplying DACs (up to 4, with 6- to 9-bit resolution)
High current output drivers (four with 40 mA drive as a PSoC
Core resource)
1.3V reference (as a System Resource)
DTMF Dialer
DIGITAL SYSTEM
To System Bus
Digital Clocks
From Core
Digital PSoC Block Array
To Analog
System
8
8
8
8
Row 1
DBB10
DBB11
DCB12
DCB13
4
4
Row 2
DBB20
DBB21
DCB22
DCB23
4
4
Row 0
DBB00
DBB01
DCB02
DCB03
4
4
Row 3
DBB30
DBB31
DCB32
DCB33
4
4
GIE[7:0]
GIO[7:0]
GOE[7:0]
GOO[7:0]
Global Digital
Interconnect
Port 5
Port 4
Port 3
Port 2
Port 1
Port 0
[+] Feedback
[+] Feedback


Similar Part No. - CY8C29466_06

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C29466 CYPRESS-CY8C29466_07 Datasheet
709Kb / 48P
   PSoC짰 Mixed-Signal Array
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
More results

Similar Description - CY8C29466_06

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21234 CYPRESS-CY8C21234_08 Datasheet
1Mb / 43P
   PSoC짰 Mixed-Signal Array
CY8C24223A CYPRESS-CY8C24223A_06 Datasheet
492Kb / 33P
   PSoC짰 Mixed-Signal Array
CY8C20234 CYPRESS-CY8C20234 Datasheet
469Kb / 32P
   PSoC짰 Mixed-Signal Array
CY8C29466 CYPRESS-CY8C29466_07 Datasheet
709Kb / 48P
   PSoC짰 Mixed-Signal Array
CY8C27143 CYPRESS-CY8C27143_06 Datasheet
809Kb / 51P
   PSoC짰 Mixed-Signal Array
CY8C21234 CYPRESS-CY8C21234_07 Datasheet
612Kb / 42P
   PSoC짰 Mixed-Signal Array
CY8C20534 CYPRESS-CY8C20534 Datasheet
1Mb / 34P
   PSoC짰 Mixed-Signal Array
CY8C21634 CYPRESS-CY8C21634 Datasheet
1Mb / 42P
   PSoC짰 Mixed-Signal Array
CY8C21323 CYPRESS-CY8C21323_08 Datasheet
956Kb / 37P
   PSoC짰 Mixed Signal Array
CY8C29866 CYPRESS-CY8C29866 Datasheet
668Kb / 49P
   PSoC짰 Mixed-Signal Array
CY8C27243 CYPRESS-CY8C27243_06 Datasheet
510Kb / 34P
   PSoC짰 Mixed-Signal Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com