Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1510V18-250BZC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1510V18-250BZC
Description  72-Mbit QDR-II??SRAM 2-Word Burst Architecture
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1510V18-250BZC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1510V18-250BZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1510V18-250BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1510V18-250BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1510V18-250BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1510V18-250BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1510V18-250BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1510V18-250BZC Datasheet HTML 9Page - Cypress Semiconductor CY7C1510V18-250BZC Datasheet HTML 10Page - Cypress Semiconductor CY7C1510V18-250BZC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
CY7C1510V18
CY7C1525V18
CY7C1512V18
CY7C1514V18
Document #: 38-05489 Rev. *D
Page 7 of 27
Functional Overview
The
CY7C1510V18,CY7C1525V18,CY7C1512V18
and
CY7C1514V18 are synchronous pipelined Burst SRAMs
equipped with both a Read port and a Write port. The Read
port is dedicated to Read operations and the Write port is
dedicated to Write operations. Data flows into the SRAM
through the Write port and out through the Read Port. These
devices multiplex the address inputs in order to minimize the
number of address pins required. By having separate Read
and Write ports, the QDR-II completely eliminates the need to
“turn-around” the data bus and avoids any possible data
contention, thereby simplifying system design. Each access
consists of two 8-bit data transfers in the case of
CY7C1510V18, two 9-bit data transfers in the case of
CY7C1525V18, two 18-bit data transfers in the case of
CY7C1512V18 and two 36-bit data transfers in the case of
CY7C1514V18, in one clock cycle.
Accesses for both ports are initiated on the rising edge of the
positive Input Clock (K). All synchronous input timings are
referenced from the rising edge of the input clocks (K and K)
and all output timings are referenced to the rising edge of
output clocks (C and C or K and K when in single clock mode).
All synchronous data inputs (D[x:0]) inputs pass through input
registers controlled by the input clocks (K and K). All
synchronous data outputs (Q[x:0]) outputs pass through output
registers controlled by the rising edge of the output clocks (C
and C or K and K when in single clock mode).
All synchronous control (RPS, WPS, BWS[x:0]) inputs pass
through input registers controlled by the rising edge of the
input clocks (K and K).
CY7C1512V18 is described in the following sections. The
same
basic
descriptions
apply
to
CY7C1510V18,
CY7C1525V18 and CY7C1514V18.
K
Input-Clock
Positive Input Clock Input. The rising edge of K is used to capture synchronous inputs
to the device and to drive out data through Q[x:0] when in single clock mode. All accesses
are initiated on the rising edge of K.
K
Input-Clock
Negative Input Clock Input. K is used to capture synchronous inputs being presented
to the device and to drive out data through Q[x:0] when in single clock mode.
CQ
Echo Clock
CQ is referenced with respect to C. This is a free running clock and is synchronized
to the input clock for output data (C) of the QDR-II. In the single clock mode, CQ is
generated with respect to K. The timings for the echo clocks are shown in the AC timing
table.
CQ
Echo Clock
CQ is referenced with respect to C. This is a free running clock and is synchronized
to the input clock for output data (C) of the QDR-II. In the single clock mode, CQ is
generated with respect to K. The timings for the echo clocks are shown in the AC timing
table.
ZQ
Input
Output Impedance Matching Input. This input is used to tune the device outputs to the
system data bus impedance. CQ,CQ and Q[x:0] output impedance are set to 0.2 x RQ,
where RQ is a resistor connected between ZQ and ground. Alternately, this pin can be
connected directly to VDDQ, which enables the minimum impedance mode. This pin
cannot be connected directly to GND or left unconnected.
DOFF
Input
DLL Turn Off - Active LOW. Connecting this pin to ground will turn off the DLL inside
the device. The timings in the DLL turned off operation will be different from those listed
in this data sheet.
TDO
Output
TDO for JTAG.
TCK
Input
TCK pin for JTAG.
TDI
Input
TDI pin for JTAG.
TMS
Input
TMS pin for JTAG.
NC
N/A
Not connected to the die. Can be tied to any voltage level.
VSS/144M
Input
Address expansion for 144M. Can be tied to any voltage level.
VSS/288M
Input
Address expansion for 288M. Can be tied to any voltage level.
VREF
Input-
Reference
Reference Voltage Input. Static input used to set the reference level for HSTL inputs
and Outputs as well as AC measurement points.
VDD
Power Supply
Power supply inputs to the core of the device.
VSS
Ground
Ground for the device.
VDDQ
Power Supply
Power supply inputs for the outputs of the device.
Pin Definitions (continued)
Pin Name
I/O
Pin Description
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1510V18-250BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1510V18-250BZC CYPRESS-CY7C1510V18-250BZC Datasheet
369Kb / 24P
   72-Mbit QDR-II??SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1510V18-250BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1510KV18 CYPRESS-CY7C1510KV18_09 Datasheet
836Kb / 30P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1510JV18 CYPRESS-CY7C1510JV18_09 Datasheet
654Kb / 26P
   72-Mbit QDR??II SRAM 2-Word Burst Architecture
CY7C1512KV18 CYPRESS-CY7C1512KV18 Datasheet
814Kb / 30P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1510AV18 CYPRESS-CY7C1510AV18_07 Datasheet
646Kb / 28P
   72-Mbit QDR??II SRAM 2-Word Burst Architecture
CY7C1510AV18 CYPRESS-CY7C1510AV18_09 Datasheet
711Kb / 28P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1510V18 CYPRESS-CY7C1510V18 Datasheet
369Kb / 24P
   72-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1510AV18 CYPRESS-CY7C1510AV18 Datasheet
1Mb / 26P
   72-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1510JV18 CYPRESS-CY7C1510JV18 Datasheet
628Kb / 26P
   72-Mbit QDR??II SRAM 2-Word Burst Architecture
CY7C1510V18 CYPRESS-CY7C1510V18_09 Datasheet
675Kb / 29P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1511KV18 CYPRESS-CY7C1511KV18_09 Datasheet
837Kb / 31P
   72-Mbit QDR II SRAM 4-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com