Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1520AV18-278BZI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1520AV18-278BZI
Description  72-Mbit DDR-II SRAM 2-Word Burst Architecture
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1520AV18-278BZI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1520AV18-278BZI Datasheet HTML 1Page - Cypress Semiconductor CY7C1520AV18-278BZI Datasheet HTML 2Page - Cypress Semiconductor CY7C1520AV18-278BZI Datasheet HTML 3Page - Cypress Semiconductor CY7C1520AV18-278BZI Datasheet HTML 4Page - Cypress Semiconductor CY7C1520AV18-278BZI Datasheet HTML 5Page - Cypress Semiconductor CY7C1520AV18-278BZI Datasheet HTML 6Page - Cypress Semiconductor CY7C1520AV18-278BZI Datasheet HTML 7Page - Cypress Semiconductor CY7C1520AV18-278BZI Datasheet HTML 8Page - Cypress Semiconductor CY7C1520AV18-278BZI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
PRELIMINARY
CY7C1516AV18
CY7C1527AV18
CY7C1518AV18
CY7C1520AV18
Document #: 001-06982 Rev. *B
Page 3 of 28
4M x 18 Array
Write
Reg
Write
Reg
Logic Block Diagram (CY7C1518AV18)
CLK
A(21: 0)
Gen.
K
K
Control
Logic
Address
Register
Read Data Reg.
R/W
DQ[17: 0]
Output
Logic
Reg.
Reg.
Reg.
18
18
36
18
BWS[1: 0]
VREF
18
22
C
C
18
LD
Control
Burst
Logic
A0
A(21:1)
21
CQ
CQ
R/W
DOFF
Logic Block Diagram (CY7C1520AV18)
CLK
A(20:0)
Gen.
K
K
Control
Logic
Address
Register
Read Data Reg.
R/W
DQ[35: 0]
Output
Logic
Reg.
Reg.
Reg.
36
36
72
36
BWS[3:0]
VREF
36
21
C
C
36
LD
Control
Burst
Logic
A0
A(20:1)
20
2M x 36 Array
Write
Reg
Write
Reg
CQ
CQ
36
R/W
DOFF
Selection Guide
300 MHz
278 MHz
250 MHz
200 MHz
167 MHz
Unit
Maximum Operating Frequency
300
278
250
200
167
MHz
Maximum Operating Current
900
860
800
700
650
mA
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1520AV18-278BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1520AV18-278BZI CYPRESS-CY7C1520AV18-278BZI Datasheet
691Kb / 30P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1520AV18-278BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1516JV18 CYPRESS-CY7C1516JV18 Datasheet
629Kb / 26P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1566KV18 CYPRESS-CY7C1566KV18 Datasheet
834Kb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516JV18 CYPRESS-CY7C1516JV18_09 Datasheet
666Kb / 26P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516KV18 CYPRESS-CY7C1516KV18_09 Datasheet
1Mb / 30P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516V18 CYPRESS-CY7C1516V18 Datasheet
673Kb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516AV18 CYPRESS-CY7C1516AV18_07 Datasheet
691Kb / 30P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516KV18 CYPRESS-CY7C1516KV18_11 Datasheet
1Mb / 33P
   72-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1516KV18 CYPRESS-CY7C1516KV18 Datasheet
1Mb / 30P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C2566KV18 CYPRESS-CY7C2566KV18 Datasheet
837Kb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1522AV18 CYPRESS-CY7C1522AV18_07 Datasheet
686Kb / 30P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com