Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C20234 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY8C20234
Description  PSoC짰 Mixed-Signal Array
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20234 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY8C20234 Datasheet HTML 6Page - Cypress Semiconductor CY8C20234 Datasheet HTML 7Page - Cypress Semiconductor CY8C20234 Datasheet HTML 8Page - Cypress Semiconductor CY8C20234 Datasheet HTML 9Page - Cypress Semiconductor CY8C20234 Datasheet HTML 10Page - Cypress Semiconductor CY8C20234 Datasheet HTML 11Page - Cypress Semiconductor CY8C20234 Datasheet HTML 12Page - Cypress Semiconductor CY8C20234 Datasheet HTML 13Page - Cypress Semiconductor CY8C20234 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
September 18, 2006
Document No. 001-05356 Rev. *B
10
CY8C20234, CY8C20334, CY8C20434 Final Data Sheet
1. Pin Information
1.1.4
48-Pin OCD Part Pinout
The 48-pin QFN part table and drawing below is for the CY8C20000 On-Chip Debug (OCD) PSoC device.
Note This part is only used for in-circuit debugging. It is NOT available for production
Table 1-4. 48-Pin OCD Part Pinout (QFN**)
Pin
No.
Name
Description
CY8C20000 OCD PSoC Device
1
NC
No connection.
2
IO
I
P0[1]
3
IO
IP2[7]
4
IO
IP2[5]
5
IO
I
P2[3]
6
IO
I
P2[1]
7
IO
IP3[3]
8
IO
I
P3[1]
9
IOH
I
P1[7]
I2C SCL, SPI SS.
10
IOH
I
P1[5]
I2C SDA, SPI MISO.
11
NC
No connection.
12
NC
No connection.
13
NC
No connection.
14
NC
No connection.
15
IOH
I
P1[3]
SPI CLK.
16
IOH
I
P1[1]
CLK*, I2C SCL, SPI MOSI.
17
Power
Vss
Ground connection.
18
CCLK
OCD CPU clock output.
19
HCLK
OCD high speed clock output.
20
IOH
I
P1[0]
DATA*, I2C SDA.
21
IOH
I
P1[2]
22
NC
No connection.
23
NC
No connection.
Not for Production
24
NC
No connection.
25
IOH
I
P1[4]
Optional external clock input (EXTCLK).
26
IOH
I
P1[6]
27
Input
XRES
Active high external reset with internal
pull down.
28
IO
IP3[0]
29
IO
IP3[2]
30
IO
IP2[0]
31
IO
I
P2[2]
32
IO
I
P2[4]
Pin
No.
Name
Description
33
IO
I
P2[6]
41
Power
Vdd
Supply voltage.
34
IO
I
P0[0]
42
OCDO
OCD even data IO.
35
IO
I
P0[2]
43
OCDE
OCD odd data output.
36
IO
I
P0[4]
44
IO
I
P0[7]
37
NC
No connection.
45
IO
I
P0[5]
38
NC
No connection.
46
IO
I
P0[3]
Integrating input.
39
NC
No connection.
47
Power
Vss
Ground connection.
40
IO
I
P0[6]
Analog bypass.
48
NC
No connection.
CP
Power
Vss
Center pad must be connected to ground.
LEGEND A = Analog, I = Input, O = Output, NC = No Connection H = 5 mA High Output Drive.
* ISSP pin which is not HighZ at POR. See the PSoC Mixed-Signal Array Technical Reference Manual for details.
** The center pad on the QFN package should be connected to ground (Vss) for best mechanical, thermal, and electrical performance. If not connected to ground, it
should be electrically floated and not connected to any other signal.
OCD QFN
(Top V ie w )
10
11
12
NC
AI,P0[1]
AI,P2[7]
AI,P2[5]
AI,P2[3]
AI,P2[1]
AI,P3[3]
AI,P3[1]
AI, I2C SCL, SPI SS, P1[7]
AI, I2C SDA, SPI M ISO, P1[5]
NC
NC
35
34
33
32
31
30
29
28
27
26
25
36
P0[2],AI
P0[0],AI
P2[6],AI
P2[4],AI
P2[2],AI
P2[0],AI
P3[2],AI
P3[0],AI
XRES
P1[6],AI
P1[4],EXT CLK,AI
P0[4],AI
1
2
3
4
5
6
7
8
9
[+] Feedback
[+] Feedback


Similar Part No. - CY8C20234

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20234 CYPRESS-CY8C20234 Datasheet
1Mb / 34P
   PSoC짰 Mixed-Signal Array
CY8C20234 CYPRESS-CY8C20234 Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C20234 CYPRESS-CY8C20234 Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C20234 CYPRESS-CY8C20234 Datasheet
637Kb / 30P
   Automotive PSoC Programmable System-on-Chip
CY8C20234-12LKXA CYPRESS-CY8C20234-12LKXA Datasheet
637Kb / 30P
   Automotive PSoC Programmable System-on-Chip
More results

Similar Description - CY8C20234

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21234 CYPRESS-CY8C21234_08 Datasheet
1Mb / 43P
   PSoC짰 Mixed-Signal Array
CY8C24223A CYPRESS-CY8C24223A_06 Datasheet
492Kb / 33P
   PSoC짰 Mixed-Signal Array
CY8C29466 CYPRESS-CY8C29466_07 Datasheet
709Kb / 48P
   PSoC짰 Mixed-Signal Array
CY8C27143 CYPRESS-CY8C27143_06 Datasheet
809Kb / 51P
   PSoC짰 Mixed-Signal Array
CY8C21234 CYPRESS-CY8C21234_07 Datasheet
612Kb / 42P
   PSoC짰 Mixed-Signal Array
CY8C20534 CYPRESS-CY8C20534 Datasheet
1Mb / 34P
   PSoC짰 Mixed-Signal Array
CY8C21634 CYPRESS-CY8C21634 Datasheet
1Mb / 42P
   PSoC짰 Mixed-Signal Array
CY8C21323 CYPRESS-CY8C21323_08 Datasheet
956Kb / 37P
   PSoC짰 Mixed Signal Array
CY8C29866 CYPRESS-CY8C29866 Datasheet
668Kb / 49P
   PSoC짰 Mixed-Signal Array
CY8C27243 CYPRESS-CY8C27243_06 Datasheet
510Kb / 34P
   PSoC짰 Mixed-Signal Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com