Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1576V18-400BZXI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1576V18-400BZXI
Description  72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1576V18-400BZXI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1576V18-400BZXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1576V18-400BZXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1576V18-400BZXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1576V18-400BZXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1576V18-400BZXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1576V18-400BZXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1576V18-400BZXI Datasheet HTML 11Page - Cypress Semiconductor CY7C1576V18-400BZXI Datasheet HTML 12Page - Cypress Semiconductor CY7C1576V18-400BZXI Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
CY7C1561V18
CY7C1576V18
CY7C1563V18
CY7C1565V18
Document Number: 001-05384 Rev. *E
Page 9 of 28
Application Example
Figure 1 shows four QDR-II+ used in an application.
Figure 1. Application Example
Truth Table
The truth table for CY7C1561V18, CY7C1563V18, and CY7C1565V18 follows.[3, 4, 5, 6, 7, 8]
Operation
K
RPS WPS
DQ
DQ
DQ
DQ
Write Cycle:
Load address on the rising
edge of K; input write data
on two consecutive K and
K rising edges.
L-H
H[9]
L[10] D(A) at K(t+1)
↑ D(A+1) at K(t+1) ↑ D(A+2) at K(t+2) ↑ D(A + 3) at K(t +2) ↑
Read Cycle:
(2.5 cycle Latency)
Load address on the rising
edge of K; wait two and a
half cycles; read data on
two consecutive K and K
rising edges.
L-H
L[10] XQ(A) at K(t+2)
↑ Q(A+1) at K(t+3) ↑ Q(A+2) at K(t+3)↑
Q(A + 3) at K(t + 4)
NOP: No Operation
L-H
H
H
D = X
Q = High-Z
D = X
Q = High-Z
D = X
Q = High-Z
D = X
Q = High-Z
Standby: Clock Stopped
Stopped X
X
Previous State
Previous State
Previous State
Previous State
BUS MASTER
(CPU or ASIC)
DATA IN
DATA OUT
Address
Source K
Source K
Vt
Vt
Vt
R
R
CLKIN/CLKIN
D
A
K
SRAM #4
RQ = 250ohms
ZQ
CQ/CQ
Q
K
RPS WPS BWS
D
A
K
SRAM #1
RQ = 250ohms
ZQ
CQ/CQ
Q
K
RPS WPS BWS
RPS
WPS
BWS
R = 50ohms, Vt = V
/2
DDQ
R
Notes
3. X = “Don't Care,” H = Logic HIGH, L = Logic LOW,
represents rising edge.
4. Device powers up deselected with the outputs in a tri-state condition.
5. “A” represents address location latched by the devices when transaction was initiated. A + 1, A + 2, and A +3 represents the address sequence in the burst.
6. “t” represents the cycle at which a read/write operation is started. t + 1, t + 2, and t + 3 are the first, second and third clock cycles respectively succeeding the “t” clock cycle.
7. Data inputs are registered at K and K rising edges. Data outputs are delivered on K and K rising edges also.
8. It is recommended that K = K = HIGH when clock is stopped. This is not essential, but permits most rapid restart by overcoming transmission line charging symmetrically.
9. If this signal was LOW to initiate the previous cycle, this signal becomes a “Don’t Care” for this operation.
10. This signal was HIGH on previous K clock rise. Initiating consecutive read or write operations on consecutive K clock rises is not permitted. The device ignores the
second read or write request.


Similar Part No. - CY7C1576V18-400BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1576V18-400BZXI CYPRESS-CY7C1576V18-400BZXI Datasheet
676Kb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency)
More results

Similar Description - CY7C1576V18-400BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1561V18 CYPRESS-CY7C1561V18_08 Datasheet
676Kb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1561KV18 CYPRESS-CY7C1561KV18_11 Datasheet
856Kb / 29P
   72-Mbit QDR II SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1541V18 CYPRESS-CY7C1541V18 Datasheet
1Mb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
logo
Renesas Technology Corp
RMQSAA3636DGBA RENESAS-RMQSAA3636DGBA_15 Datasheet
832Kb / 30P
   36-Mbit QDR??II SRAM 4-word Burst Architecture (2.5 Cycle Read latency)
logo
Cypress Semiconductor
CY7C1541V18 CYPRESS-CY7C1541V18_08 Datasheet
665Kb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1261V18 CYPRESS-CY7C1261V18 Datasheet
1Mb / 28P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1161V18 CYPRESS-CY7C1161V18 Datasheet
1Mb / 29P
   18-Mbit QDR??II SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency)
logo
Renesas Technology Corp
RMQSAA3636DGBA RENESAS-RMQSAA3636DGBA Datasheet
363Kb / 30P
   36-Mbit QDR™ II SRAM 4-word Burst Architecture (2.5 Cycle Read latency)
May 25, 2015
logo
Cypress Semiconductor
CY7C15632KV18 CYPRESS-CY7C15632KV18_12 Datasheet
783Kb / 30P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1566KV18 CYPRESS-CY7C1566KV18_11 Datasheet
921Kb / 31P
   72-Mbit DDR II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com