Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C68301C Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C68301C
Description  EZ-USB AT2LP??USB 2.0 to ATA/ATAPI Bridge
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68301C Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C68301C Datasheet HTML 7Page - Cypress Semiconductor CY7C68301C Datasheet HTML 8Page - Cypress Semiconductor CY7C68301C Datasheet HTML 9Page - Cypress Semiconductor CY7C68301C Datasheet HTML 10Page - Cypress Semiconductor CY7C68301C Datasheet HTML 11Page - Cypress Semiconductor CY7C68301C Datasheet HTML 12Page - Cypress Semiconductor CY7C68301C Datasheet HTML 13Page - Cypress Semiconductor CY7C68301C Datasheet HTML 14Page - Cypress Semiconductor CY7C68301C Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
CY7C68300C/CY7C68301C
CY7C68320C/CY7C68321C
Document 001-05809 Rev. *A
Page 11 of 42
Additional Pin Descriptions
The following sections provide additional pin information.
DPLUS, DMINUS
DPLUS and DMINUS are the USB signaling pins; they must
be tied to the D+ and D– pins of the USB connector. Because
they operate at high frequencies, the USB signals require
special consideration when designing the layout of the PCB.
See “General PCB Layout Recommendations For USB Mass
Storage Designs” on page 39 for PCB layout recommenda-
tions.
When RESET# is released, the assertion of the internal pull
up on D+ is gated by a combination of the state of the
VBUS_ATA_ENABLE pin, the value of configuration address
0x08 bit 0 (DRVPWRVLD Enable), and the detection of a
non-removable ATA/ATAPI drive on the IDE bus. See Table 2
for a description of this relationship.
SCL, SDA
The clock and data pins for the I2C port must be connected to
the configuration EEPROM and to 2.2K pull up resistors tied
to VCC. If no EEPROM is used in the design, the SCL and SDA
pins must still be connected to pull up resistors. The SCL and
SDA pins are active for several milliseconds at startup.
XTALIN, XTALOUT
The AT2LP requires a 24 MHz (
±100 ppm) signal to derive
internal timing. Typically, a 24 MHz (12 pF, 500
μW,
parallel-resonant, fundamental mode) crystal is used, but a 24
MHz square wave (3.3V, 50/50 duty cycle) from another
source can also be used. If a crystal is used, connect its pins
to XTALIN and XTALOUT, and also through 12 pF capacitors
to GND as shown in Figure 7. If an alternate clock source is
used, apply it to XTALIN and leave XTALOUT unconnected.
Figure 7. XTALIN/XTALOUT Diagram
100[3]
54[3]
5
ATAPUEN
(NC)
IO
Bus-powered ATA pull up voltage source (see
“ATAPUEN” on page 14).
Alternate function: General purpose input when the
EEPROM configuration byte 8 has bit 7 set to ‘1’. The
input value is reported through EP1IN (byte 0, bit 2).
Table 1. AT2LP Pin Descriptions
Note: (Italic pin names denote pin functionality during CY7C68300A compatibility mode)
(continued)
100
TQFP
56
QFN
56
SSOP
Pin Name
Pin
Type
Default State
at Startup
Pin Description
Table 2. D+ Pull Up Assertion Dependencies
VBUS_ATA_EN
111100
DRVPWRVLD Enable Bit
110011
ATA/ATAPI Drive Detected
YesNoYes
No
YesNo
State of D+ pull up
111000
24MHz Xtal
12pF
XTALIN
XTALOUT
12pF
[+] Feedback
[+] Feedback


Similar Part No. - CY7C68301C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68301C CYPRESS-CY7C68301C Datasheet
823Kb / 41P
   EZ-USB AT2LP??USB 2.0 to ATA/ATAPI Bridge
CY7C68301C-56LFXC CYPRESS-CY7C68301C-56LFXC Datasheet
823Kb / 41P
   EZ-USB AT2LP??USB 2.0 to ATA/ATAPI Bridge
CY7C68301C-56LTXC CYPRESS-CY7C68301C-56LTXC Datasheet
823Kb / 41P
   EZ-USB AT2LP??USB 2.0 to ATA/ATAPI Bridge
CY7C68301C-56PVXC CYPRESS-CY7C68301C-56PVXC Datasheet
823Kb / 41P
   EZ-USB AT2LP??USB 2.0 to ATA/ATAPI Bridge
More results

Similar Description - CY7C68301C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68300C CYPRESS-CY7C68300C_09 Datasheet
823Kb / 41P
   EZ-USB AT2LP??USB 2.0 to ATA/ATAPI Bridge
CY7C68300A CYPRESS-CY7C68300A Datasheet
157Kb / 26P
   EZ-USB AT2 USB 2.0 to ATA/ATAPI Bridge
CY7C68300 CYPRESS-CY7C68300 Datasheet
193Kb / 26P
   EZ-USB AT2??USB 2.0 to ATA/ATAPI Bridge
CY7C68300B CYPRESS-CY7C68300B Datasheet
457Kb / 36P
   EZ-USB AT2LPTM USB 2.0 to ATA/ATAPI Bridge
CY7C68300A CYPRESS-CY7C68300A_05 Datasheet
488Kb / 21P
   EZ-USB AT2??USB 2.0 To ATA/ATAPI Bridge
logo
Texas Instruments
TUSB6250PFC TI1-TUSB6250PFC Datasheet
478Kb / 125P
[Old version datasheet]   USB 2.0 To ATA/ATAPI Bridge Controller
TUSB6250 TI-TUSB6250 Datasheet
1Mb / 124P
[Old version datasheet]   USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
logo
List of Unclassifed Man...
GL811USB ETC-GL811USB Datasheet
291Kb / 36P
   USB 2.0 to ATA / ATAPI Bridge Controller
GL811E ETC-GL811E Datasheet
1Mb / 35P
   USB 2.0 to ATA / ATAPI Bridge Controller
logo
GENESYS LOGIC
GL811E GENESYS-GL811E Datasheet
750Kb / 33P
   USB 2.0 to ATA / ATAPI Bridge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com