Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY3687 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY3687
Description  MoBL-USB??FX2LP18 USB Microcontroller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY3687 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY3687 Datasheet HTML 2Page - Cypress Semiconductor CY3687 Datasheet HTML 3Page - Cypress Semiconductor CY3687 Datasheet HTML 4Page - Cypress Semiconductor CY3687 Datasheet HTML 5Page - Cypress Semiconductor CY3687 Datasheet HTML 6Page - Cypress Semiconductor CY3687 Datasheet HTML 7Page - Cypress Semiconductor CY3687 Datasheet HTML 8Page - Cypress Semiconductor CY3687 Datasheet HTML 9Page - Cypress Semiconductor CY3687 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
CY7C68053
Document # 001-06120 Rev *J
Page 6 of 42
3.9 Reset and Wakeup
The reset and wakeup pins are described in detail in this section.
3.9.1 Reset Pin
The input pin, RESET#, resets the FX2LP18 when asserted.
This pin has hysteresis and is active LOW. When a crystal is
used with the CY7C68053, the reset period must allow for the
stabilization of the crystal and the PLL. This reset period must be
approximately 5 ms after VCC has reached 3.0 V. If the crystal
input pin is driven by a clock signal the internal PLL stabilizes in
200
μs after V
CC has reached 3.0 V
[2]. Figure 2 shows a power
on reset condition and a reset applied during operation. A power
on reset is defined as the time reset is asserted while power is
being applied to the circuit. A powered reset is defined as a reset
in which the FX2LP18 has previously been powered on and
operating and the RESET# pin is asserted.
Cypress provides an application note which describes and
recommends power on reset implementation, which can be
found on the Cypress web site. For more information on reset
implementation for the MoBL-USB family of products, visit the
Cypress web site at http://www.cypress.com.
3.9.2 Wakeup Pins
The 8051 puts itself and the rest of the chip into a power-down
mode by setting PCON.0 = 1. This stops the oscillator and PLL.
When WAKEUP is asserted by external logic, the oscillator
restarts, after the PLL stabilizes, and then the 8051 receives a
wakeup interrupt. This applies whether or not FX2LP18 is
connected to the USB.
The FX2LP18 exits the power down (USB suspend) state using
one of the following methods:
USB bus activity (if D+/D– lines are left floating, noise on these
lines may indicate activity to the FX2LP18 and initiate a
wakeup)
External logic asserts the WAKEUP pin
External logic asserts the PA3/WU2 pin
The second wakeup pin, WU2, can also be configured as a
general purpose I/O pin. This allows a simple external R-C
network to be used as a periodic wakeup source. Note that
WAKEUP is active LOW by default.
3.9.3 Lowering Suspend Current
Good design practices for CMOS circuits dictate that any unused
input pins must not be floating between VIL and VIH. Floating
input pins will not damage the chip, but can substantially
increase suspend current. To achieve the lowest suspend
current, confiigure unused port pins as outputs. Connect unused
input pins to ground. Some examples of pins that need attention
during suspend are:
Port pins. For Port A, B, D pins, take extra care in shared bus
situations.
Connect completely unused pins to VCC_IO or GND.
In a single-master system, the firmware must output enable
all the port pins and drive them high or low, before FX2LP18
enters the suspend state.
In a multi-master system (FX2LP18 and another processor
sharing a common data bus), when FX2LP18 is suspended,
the external master must drive the pins high or low. The
external master must not let the pins float.
CLKOUT. If CLKOUT is not used, it must be tri-stated during
normal operation, but driven during suspend.
IFCLK, RDY0, RDY1. These pins must be pulled to VCC_IO or
GND or driven by another chip.
Figure 2. Reset Timing Plots
VIL
0 V
1.8 V
1.62 V
TRESET
VCC
RESET#
Power on Reset
TRESET
VCC
RESET#
VIL
Powered Reset
1.8 V
0 V
Table 3. Reset Timing Values
Condition
TRESET
Power on reset with crystal
5 ms
Power on reset with external
clock
200
μs + clock stability time
Powered reset
200
μs
Note
2. If the external clock is powered at the same time as the CY7C680xx and has a stabilization wait period, it must be added to the 200
μs.
[+] Feedback


Similar Part No. - CY3687

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY3687 CYPRESS-CY3687 Datasheet
1Mb / 42P
   MoBL-USB??FX2LP18 USB Microcontroller
More results

Similar Description - CY3687

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68053 CYPRESS-CY7C68053_09 Datasheet
1Mb / 40P
   MoBL-USB FX2LP18 USB Microcontroller
CY7C68053 CYPRESS-CY7C68053 Datasheet
1Mb / 42P
   MoBL-USB??FX2LP18 USB Microcontroller
CY7C68003 CYPRESS-CY7C68003_13 Datasheet
673Kb / 30P
   MoBL-USB??TX2UL USB 2.0 ULPI Transceiver
CY7C68003 CYPRESS-CY7C68003 Datasheet
160Kb / 5P
   MoBL-USB TX2UL USB 2.0 ULPI Transceiver
CY7C68000A CYPRESS-CY7C68000A_09 Datasheet
488Kb / 15P
   MoBL-USB TX2 USB 2.0 UTMI Transceiver
CY7C68000A CYPRESS-CY7C68000A_08 Datasheet
474Kb / 15P
   MoBL-USB??TX2 USB 2.0 UTMI Transceiver
CY7C68000A CYPRESS-CY7C68000A Datasheet
598Kb / 14P
   MoBL-USB??TX2 USB 2.0 UTMI Transceiver
CY7C68003 CYPRESS-CY7C68003_10 Datasheet
652Kb / 27P
   MoBL-USB??TX2UL USB 2.0 ULPI Transceiver
CY7C68013A CYPRESS-CY7C68013A Datasheet
1Mb / 55P
   EZ-USB FX2LP USB Microcontroller
CY7C68013A CYPRESS-CY7C68013A_06 Datasheet
3Mb / 60P
   EZ-USB FX2LP??USB Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com