Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C68300C Datasheet(PDF) 19 Page - Cypress Semiconductor

Part # CY7C68300C
Description  EZ-USB AT2LP??USB 2.0 to ATA/ATAPI Bridge
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68300C Datasheet(HTML) 19 Page - Cypress Semiconductor

Back Button CY7C68300C Datasheet HTML 15Page - Cypress Semiconductor CY7C68300C Datasheet HTML 16Page - Cypress Semiconductor CY7C68300C Datasheet HTML 17Page - Cypress Semiconductor CY7C68300C Datasheet HTML 18Page - Cypress Semiconductor CY7C68300C Datasheet HTML 19Page - Cypress Semiconductor CY7C68300C Datasheet HTML 20Page - Cypress Semiconductor CY7C68300C Datasheet HTML 21Page - Cypress Semiconductor CY7C68300C Datasheet HTML 22Page - Cypress Semiconductor CY7C68300C Datasheet HTML 23Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
CY7C68300C/CY7C68301C
CY7C68320C/CY7C68321C
Document 001-05809 Rev. *A
Page 19 of 42
Fused Memory Data
When no EEPROM is detected at startup, the AT2LP
enumerates with the VID/PID/DID values that are stored in the
fused memory space. These values can be programmed into
the AT2LP during chip manufacturing for high volume applica-
tions to avoid the need for an external EEPROM in some
designs. Contact your local Cypress Semiconductor sales
office for more information on this feature.
If no factory programming has been done, the values returned
from the fused memory space would all be 0x00, which is not
a valid mode of operation. In this case the chip uses the
manufacturing mode and return the default descriptors
(VID/PID of 0x4B4/0x6830). An EEPROM must be used with
designs that do not use factory-programmed chips in order to
identify the device as your company’s product.
Normal Mass Storage Mode
In Normal Mass Storage Mode, the chip behaves as a USB 2.0
to ATA/ATAPI bridge. This includes all typical USB device
states (powered, configured, etc.). The USB descriptors are
returned according to the values stored in the external
EEPROM or fused memory space. A unique serial number is
required for Mass Storage Class Bulk-Only Transport
compliance, which is one reason why an EEPROM or
factory-programmed part is needed.
Board Manufacturing Test Mode
In Board Manufacturing Test Mode the AT2LP behaves as a
USB 2.0 device but the ATA/ATAPI interface is not fully active.
This mode must not be used for mass storage operation in a
finished design. In this mode, the AT2LP allows for reading
from and writing to the EEPROM, and for board level testing,
through vendor specific ATAPI commands utilizing the CBW
Command Block as described in the USB Mass Storage Class
Bulk-Only Transport Specification. There is a vendor-specific
ATAPI command for EEPROM accesses (CfgCB) and one for
board level testing (MfgCB), as described in the following
sections.
There is a convenient method available for starting the AT2LP
in Board Manufacturing Test Mode to allow reprogramming of
EEPROMs without a mass storage device attached. If the ATA
Reset (ARESET#) line is LOW on power up, the AT2LP enters
Board Manufacturing Test Mode. It is recommended that a 10k
resistor be used to pull ARESET# to LOW. An easy way to pull
the ARESET# line LOW is to short pins 1 and 3 on the 40-pin
ATA connector with a 10k resistor, that ties the ARESET# line
to the required pull down on DD7.
CfgCB
The cfg_load and cfg_read vendor-specific commands are
passed down through the bulk pipe in the CBWCB portion of
the CBW. The format of this CfgCB is shown below. Byte 0 is
a vendor-specific command designator whose value is config-
urable and set in the configuration data (address 0x04). Byte 1
must be set to 0x26 to identify it as a CfgCB command. Byte2
is reserved and must be set to zero. Byte 3 is used to
determine the memory source to write/read. For the AT2LP,
this byte must be set to 0x02, indicating the EEPROM is
present. Bytes 4 and 5 are used to determine the start
address, which must always be 0x0000. Bytes 6 through 15
are reserved and must be set to zero.
The data transferred to the EEPROM must be in the format
specified in Table 11 of this data sheet. Maximum data transfer
size is 255 bytes.
The data transfer length is determined by the CBW Data
Transfer
Length
specified
in
bytes
8
through
11
(dCBWDataTransferLength) of the CBW (refer to Table 7).
The type/direction of the command is determined by the
direction bit specified in byte 12, bit 7 (bmCBWFlags) of the
CBW (refer to Table 7).
Table 7. Command Block Wrapper
Bits
Offset
76543210
0–3
DCBWSignature
4–7
dCBWTag
8–11 (08h–0Bh)
dCBWDataTransferLength
12 (0Ch)
bwCBWFLAGS
Dir
Obsolete
Reserved (0)
13 (0Dh)
Reserved (0)
bCBWLUN
14 (0Eh)
Reserved (0)
bCBWCBLength
15–30 (0Fh1Eh)
CBWCB (CfgCB or MfgCB)
[+] Feedback
[+] Feedback


Similar Part No. - CY7C68300C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68300C-56LFXC CYPRESS-CY7C68300C-56LFXC Datasheet
823Kb / 41P
   EZ-USB AT2LP??USB 2.0 to ATA/ATAPI Bridge
CY7C68300C-56LTXC CYPRESS-CY7C68300C-56LTXC Datasheet
823Kb / 41P
   EZ-USB AT2LP??USB 2.0 to ATA/ATAPI Bridge
CY7C68300C-56PVXC CYPRESS-CY7C68300C-56PVXC Datasheet
823Kb / 41P
   EZ-USB AT2LP??USB 2.0 to ATA/ATAPI Bridge
CY7C68300C CYPRESS-CY7C68300C_09 Datasheet
823Kb / 41P
   EZ-USB AT2LP??USB 2.0 to ATA/ATAPI Bridge
More results

Similar Description - CY7C68300C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68300C CYPRESS-CY7C68300C_09 Datasheet
823Kb / 41P
   EZ-USB AT2LP??USB 2.0 to ATA/ATAPI Bridge
CY7C68300A CYPRESS-CY7C68300A Datasheet
157Kb / 26P
   EZ-USB AT2 USB 2.0 to ATA/ATAPI Bridge
CY7C68300 CYPRESS-CY7C68300 Datasheet
193Kb / 26P
   EZ-USB AT2??USB 2.0 to ATA/ATAPI Bridge
CY7C68300B CYPRESS-CY7C68300B Datasheet
457Kb / 36P
   EZ-USB AT2LPTM USB 2.0 to ATA/ATAPI Bridge
CY7C68300A CYPRESS-CY7C68300A_05 Datasheet
488Kb / 21P
   EZ-USB AT2??USB 2.0 To ATA/ATAPI Bridge
logo
Texas Instruments
TUSB6250PFC TI1-TUSB6250PFC Datasheet
478Kb / 125P
[Old version datasheet]   USB 2.0 To ATA/ATAPI Bridge Controller
TUSB6250 TI-TUSB6250 Datasheet
1Mb / 124P
[Old version datasheet]   USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
logo
List of Unclassifed Man...
GL811USB ETC-GL811USB Datasheet
291Kb / 36P
   USB 2.0 to ATA / ATAPI Bridge Controller
GL811E ETC-GL811E Datasheet
1Mb / 35P
   USB 2.0 to ATA / ATAPI Bridge Controller
logo
GENESYS LOGIC
GL811E GENESYS-GL811E Datasheet
750Kb / 33P
   USB 2.0 to ATA / ATAPI Bridge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com