Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C68300C Datasheet(PDF) 41 Page - Cypress Semiconductor

Part # CY7C68300C
Description  EZ-USB AT2LP??USB 2.0 to ATA/ATAPI Bridge
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68300C Datasheet(HTML) 41 Page - Cypress Semiconductor

Back Button CY7C68300C Datasheet HTML 34Page - Cypress Semiconductor CY7C68300C Datasheet HTML 35Page - Cypress Semiconductor CY7C68300C Datasheet HTML 36Page - Cypress Semiconductor CY7C68300C Datasheet HTML 37Page - Cypress Semiconductor CY7C68300C Datasheet HTML 38Page - Cypress Semiconductor CY7C68300C Datasheet HTML 39Page - Cypress Semiconductor CY7C68300C Datasheet HTML 40Page - Cypress Semiconductor CY7C68300C Datasheet HTML 41Page - Cypress Semiconductor CY7C68300C Datasheet HTML 42Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
CY7C68300C/CY7C68301C
CY7C68320C/CY7C68321C
Document 001-05809 Rev. *A
Page 41 of 42
© Cypress Semiconductor Corporation, 2006. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be
used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its
products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
IDE Removable Media Devices
The AT2LP does not fully support IDE removable media
devices. Changes in media state are not reported to the
operating system so users are unable to eject/reinsert media
properly. This may result in lost or corrupted data. Note that
standard ATAPI optical drives and ATA CompactFlash-type
devices are not part of this group.
Devices With Small Buffers
The size of the drive’s buffer can greatly affect the overall data
transfer performance. Care must be taken to ensure that
drives have large enough buffers to handle the flow of data to
and from it. The exact buffer size needed depends on a
number of variables, but a good rule of thumb is:
(aprox min buffer) = (data rate) * (seek time + rotation time + other)
where ’other’ may include things like the time required to
switch heads, power up a laser, etc. Drives with buffers that
are too small to handle the extra data may perform consid-
erably slower than expected.
Disclaimers, Trademarks, and Copyrights
Purchase of I2C™ components from Cypress or one of its sublicensed Associated Companies conveys a license under the Philips
I2C Patent Rights to use these components in an I2C system provided that the system conforms to the I2C Standard Specification
as defined by Philips. Microsoft and Windows are registered trademarks of Microsoft Corporation. Apple and Mac OS are registered
trademarks of Apple Computer, Inc. EZ-USB AT2LP, EZ-USB AT2, EZ-USB FX2 and EZ-USB TX2 are trademarks, and EZ-USB
is a registered trademark of Cypress Semiconductor Corporation. All product and company names mentioned in this document
are the trademarks of their respective holders.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C68300C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68300C-56LFXC CYPRESS-CY7C68300C-56LFXC Datasheet
823Kb / 41P
   EZ-USB AT2LP??USB 2.0 to ATA/ATAPI Bridge
CY7C68300C-56LTXC CYPRESS-CY7C68300C-56LTXC Datasheet
823Kb / 41P
   EZ-USB AT2LP??USB 2.0 to ATA/ATAPI Bridge
CY7C68300C-56PVXC CYPRESS-CY7C68300C-56PVXC Datasheet
823Kb / 41P
   EZ-USB AT2LP??USB 2.0 to ATA/ATAPI Bridge
CY7C68300C CYPRESS-CY7C68300C_09 Datasheet
823Kb / 41P
   EZ-USB AT2LP??USB 2.0 to ATA/ATAPI Bridge
More results

Similar Description - CY7C68300C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68300C CYPRESS-CY7C68300C_09 Datasheet
823Kb / 41P
   EZ-USB AT2LP??USB 2.0 to ATA/ATAPI Bridge
CY7C68300A CYPRESS-CY7C68300A Datasheet
157Kb / 26P
   EZ-USB AT2 USB 2.0 to ATA/ATAPI Bridge
CY7C68300 CYPRESS-CY7C68300 Datasheet
193Kb / 26P
   EZ-USB AT2??USB 2.0 to ATA/ATAPI Bridge
CY7C68300B CYPRESS-CY7C68300B Datasheet
457Kb / 36P
   EZ-USB AT2LPTM USB 2.0 to ATA/ATAPI Bridge
CY7C68300A CYPRESS-CY7C68300A_05 Datasheet
488Kb / 21P
   EZ-USB AT2??USB 2.0 To ATA/ATAPI Bridge
logo
Texas Instruments
TUSB6250PFC TI1-TUSB6250PFC Datasheet
478Kb / 125P
[Old version datasheet]   USB 2.0 To ATA/ATAPI Bridge Controller
TUSB6250 TI-TUSB6250 Datasheet
1Mb / 124P
[Old version datasheet]   USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
logo
List of Unclassifed Man...
GL811USB ETC-GL811USB Datasheet
291Kb / 36P
   USB 2.0 to ATA / ATAPI Bridge Controller
GL811E ETC-GL811E Datasheet
1Mb / 35P
   USB 2.0 to ATA / ATAPI Bridge Controller
logo
GENESYS LOGIC
GL811E GENESYS-GL811E Datasheet
750Kb / 33P
   USB 2.0 to ATA / ATAPI Bridge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com