Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1422AV18-278BZC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1422AV18-278BZC
Description  36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1422AV18-278BZC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1422AV18-278BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1422AV18-278BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1422AV18-278BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1422AV18-278BZC Datasheet HTML 9Page - Cypress Semiconductor CY7C1422AV18-278BZC Datasheet HTML 10Page - Cypress Semiconductor CY7C1422AV18-278BZC Datasheet HTML 11Page - Cypress Semiconductor CY7C1422AV18-278BZC Datasheet HTML 12Page - Cypress Semiconductor CY7C1422AV18-278BZC Datasheet HTML 13Page - Cypress Semiconductor CY7C1422AV18-278BZC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
CY7C1422AV18
CY7C1429AV18
CY7C1423AV18
CY7C1424AV18
Document Number: 38-05617 Rev. *C
Page 10 of 28
Write Cycle Descriptions (CY7C1422AV18 and CY7C1429AV18) [2, 8]
BWS0/NWS0
BWS1/NWS1
KK
Comments
L
L
L-H
-
During the Data portion of a Write sequence
:
CY7C1422AV18
− both nibbles (D
[7:0]) are written into the device,
CY7C1423AV18
− both bytes (D
[17:0]) are written into the device.
L
L
-
L-H During the Data portion of a Write sequence
:
CY7C1422AV18
− both nibbles (D
[7:0]) are written into the device,
CY7C1423AV18
− both bytes (D
[17:0]) are written into the device.
L
H
L-H
-
During the Data portion of a Write sequence
:
CY7C1422AV18
− only the lower nibble (D
[3:0]) is written into the device. D[7:4]
will remain unaltered,
CY7C1423AV18
− only the lower byte (D
[8:0]) is written into the device. D[17:9]
will remain unaltered.
L
H
-
L-H During the Data portion of a Write sequence
:
CY7C1422AV18
− only the lower nibble (D
[3:0]) is written into the device. D[7:4]
will remain unaltered,
CY7C1423AV18
− only the lower byte (D
[8:0]) is written into the device. D[17:9]
will remain unaltered.
H
L
L-H
During the Data portion of a Write sequence
:
CY7C1422AV18
− only the upper nibble (D
[7:4]) is written into the device. D[3:0]
will remain unaltered,
CY7C1423AV18
− only the upper byte (D
[17:9]) is written into the device. D[8:0]
will remain unaltered.
H
L
L-H During the Data portion of a Write sequence
:
CY7C1422AV18
− only the upper nibble (D
[7:4]) is written into the device. D[3:0]
will remain unaltered,
CY7C1423AV18
− only the upper byte (D
[17:9]) is written into the device. D[8:0]
will remain unaltered.
H
H
L-H
No data is written into the devices during this portion of a Write operation.
H
H
L-H No data is written into the devices during this portion of a Write operation.
Note:
8. Assumes a Write cycle was initiated per the Write Cycle Description Truth Table. BWS0, BWS1 in the case of CY7C1422AV18 and CY7C1429AV18 and also
BWS2, BWS3 in the case of CY7C1423AV18 can be altered on different portions of a write cycle, as long as the set-up and hold requirements are achieved.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1422AV18-278BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1422BV18 CYPRESS-CY7C1422BV18 Datasheet
1Mb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422BV18 CYPRESS-CY7C1422BV18 Datasheet
658Kb / 30P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422BV18-167BZC CYPRESS-CY7C1422BV18-167BZC Datasheet
1Mb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422BV18-167BZC CYPRESS-CY7C1422BV18-167BZC Datasheet
658Kb / 30P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422BV18-167BZI CYPRESS-CY7C1422BV18-167BZI Datasheet
1Mb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1422AV18-278BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1422JV18 CYPRESS-CY7C1422JV18 Datasheet
678Kb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422BV18 CYPRESS-CY7C1422BV18 Datasheet
1Mb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422BV18 CYPRESS-CY7C1422BV18_07 Datasheet
658Kb / 30P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422KV18 CYPRESS-CY7C1422KV18 Datasheet
944Kb / 32P
   36-Mbit DDR II SIO SRAM 2-Word Burst Architecture
CY7C1522AV18 CYPRESS-CY7C1522AV18_07 Datasheet
686Kb / 30P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1522V18 CYPRESS-CY7C1522V18 Datasheet
446Kb / 28P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392JV18 CYPRESS-CY7C1392JV18 Datasheet
1Mb / 26P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392BV18 CYPRESS-CY7C1392BV18 Datasheet
483Kb / 27P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1522AV18 CYPRESS-CY7C1522AV18 Datasheet
1Mb / 28P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392CV18 CYPRESS-CY7C1392CV18 Datasheet
695Kb / 30P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com