Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1525V18-200BZXC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1525V18-200BZXC
Description  72-Mbit QDR-II??SRAM 2-Word Burst Architecture
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1525V18-200BZXC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1525V18-200BZXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1525V18-200BZXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1525V18-200BZXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1525V18-200BZXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1525V18-200BZXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1525V18-200BZXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1525V18-200BZXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1525V18-200BZXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1525V18-200BZXC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
CY7C1510V18
CY7C1525V18
CY7C1512V18
CY7C1514V18
Document #: 38-05489 Rev. *D
Page 6 of 27
Pin Definitions
Pin Name
I/O
Pin Description
D[x:0]
Input-
Synchronous
Data input signals, sampled on the rising edge of K and K clocks during valid write
operations.
CY7C1510V18 - D[7:0]
CY7C1525V18 - D[8:0]
CY7C1512V18 - D[17:0]
CY7C1514V18 - D[35:0]
WPS
Input-
Synchronous
Write Port Select, active LOW. Sampled on the rising edge of the K clock. When
asserted active, a write operation is initiated. Deasserting will deselect the Write port.
Deselecting the Write port will cause D[x:0] to be ignored.
NWS0,NWS1
Nibble Write Select 0,1
− active LOW. (CY7C1510V18 Only) Sampled on the rising
edge of the K and K clocks during write operations. Used to select which nibble is written
into the device during the current portion of the write operations.Nibbles not written
remain unaltered.NWS0 controls D[3:0] and NWS1 controls D[7:4].All Nibble Write Selects
are sampled on the same edge as the data. Deselecting a Nibble Write Select will cause
the corresponding nibble of data to be ignored and not written into the device.
BWS0, BWS1,
BWS2, BWS3
Input-
Synchronous
Byte Write Select 0, 1, 2 and 3
− active LOW. Sampled on the rising edge of the K and
K clocks during write operations. Used to select which byte is written into the device
during the current portion of the write operations. Bytes not written remain unaltered.
CY7C1525V18
− BWS
0 controls D[8:0]
CY7C1512V18
− BWS
0 controls D[8:0], BWS1 controls D[17:9].
CY7C1514V18
− BWS
0 controls D[8:0], BWS1 controls D[17:9],BWS2 controls D[26:18] and
BWS3 controls D[35:27].
All the Byte Write Selects are sampled on the same edge as the data. Deselecting a Byte
Write Select will cause the corresponding byte of data to be ignored and not written into
the device.
A
Input-
Synchronous
Address Inputs. Sampled on the rising edge of the K (read address) and K (write
address) clocks during active read and write operations. These address inputs are multi-
plexed for both Read and Write operations. Internally, the device is organized as 8M x 8
(2 arrays each of 4M x 8) for CY7C1510V18, 8M x 9 (2 arrays each of 4M x 9) for
CY7C1525V18, 4M x 18 (2 arrays each of 2M x 18) for CY7C1512V18 and 2M x 36 (2
arrays each of 1M x 36) for CY7C1514V18. Therefore, only 22 address inputs are needed
to access the entire memory array of CY7C1510V18 and CY7C1525V18, 21 address
inputs for CY7C1512V18 and 20 address inputs for CY7C1514V18. These inputs are
ignored when the appropriate port is deselected.
Q[x:0]
Outputs-
Synchronous
Data Output signals. These pins drive out the requested data during a Read operation.
Valid data is driven out on the rising edge of both the C and C clocks during Read
operations or K and K when in single clock mode. When the Read port is deselected,
Q[x:0] are automatically tri-stated.
CY7C1510V18
− Q
[7:0]
CY7C1525V18
− Q
[8:0]
CY7C1512V18
− Q
[17:0]
CY7C1514V18
− Q
[35:0]
RPS
Input-
Synchronous
Read Port Select, active LOW. Sampled on the rising edge of Positive Input Clock (K).
When active, a Read operation is initiated. Deasserting will cause the Read port to be
deselected. When deselected, the pending access is allowed to complete and the output
drivers are automatically tri-stated following the next rising edge of the C clock. Each
read access consists of a burst of two sequential transfers.
C
Input-Clock
Positive Input Clock for Output Data. C is used in conjunction with C to clock out the
Read data from the device. C and C can be used together to deskew the flight times of
various devices on the board back to the controller. See application example for further
details.
C
Input-Clock
Negative Input Clock for Output Data. C is used in conjunction with C to clock out the
Read data from the device. C and C can be used together to deskew the flight times of
various devices on the board back to the controller. See application example for further
details.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1525V18-200BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1525V18-200BZC CYPRESS-CY7C1525V18-200BZC Datasheet
369Kb / 24P
   72-Mbit QDR-II??SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1525V18-200BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1510KV18 CYPRESS-CY7C1510KV18_09 Datasheet
836Kb / 30P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1510JV18 CYPRESS-CY7C1510JV18_09 Datasheet
654Kb / 26P
   72-Mbit QDR??II SRAM 2-Word Burst Architecture
CY7C1512KV18 CYPRESS-CY7C1512KV18 Datasheet
814Kb / 30P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1510AV18 CYPRESS-CY7C1510AV18_07 Datasheet
646Kb / 28P
   72-Mbit QDR??II SRAM 2-Word Burst Architecture
CY7C1510AV18 CYPRESS-CY7C1510AV18_09 Datasheet
711Kb / 28P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1510V18 CYPRESS-CY7C1510V18 Datasheet
369Kb / 24P
   72-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1510AV18 CYPRESS-CY7C1510AV18 Datasheet
1Mb / 26P
   72-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1510JV18 CYPRESS-CY7C1510JV18 Datasheet
628Kb / 26P
   72-Mbit QDR??II SRAM 2-Word Burst Architecture
CY7C1510V18 CYPRESS-CY7C1510V18_09 Datasheet
675Kb / 29P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1511KV18 CYPRESS-CY7C1511KV18_09 Datasheet
837Kb / 31P
   72-Mbit QDR II SRAM 4-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com