Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY4605 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY4605
Description  EZ-USB HX2LP??Low-Power USB 2.0 Hub Controller Family
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY4605 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY4605 Datasheet HTML 1Page - Cypress Semiconductor CY4605 Datasheet HTML 2Page - Cypress Semiconductor CY4605 Datasheet HTML 3Page - Cypress Semiconductor CY4605 Datasheet HTML 4Page - Cypress Semiconductor CY4605 Datasheet HTML 5Page - Cypress Semiconductor CY4605 Datasheet HTML 6Page - Cypress Semiconductor CY4605 Datasheet HTML 7Page - Cypress Semiconductor CY4605 Datasheet HTML 8Page - Cypress Semiconductor CY4605 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
CY7C656xx
Document #: 38-08037 Rev. *H
Page 2 of 24
Introduction
EZ-USB HX2LP™ is Cypress’ next generation family of high
performance, low power USB 2.0 hub controllers. HX2LP is an
ultra low power single chip USB 2.0 hub controller with
integrated upstream and downstream transceivers, a USB
Serial Interface Engine (SIE), USB Hub Control and Repeater
logic, and Transaction Translator (TT) logic. Cypress has also
integrated many of the external passive components, such as
pull up and pull down resistors, reducing the overall bill of
materials required to implement a hub design. The HX2LP
portfolio consists of:
1. CY7C65630: 4-port/single transaction translator
This device option is for ultra low power applications that
require four downstream ports. All four ports share a single
transaction translator. The CY7C65630 is available in a 56
QFN
and
is
also
pin-for-pin
compatible
with
the
CY7C65640.
2. CY7C65620:
This device option is for a 2-port bus powered application.
Both ports share a single transaction translator. The
CY7C65620 is available in a 56 QFN.
All device options are supported by Cypress’ world class
reference design kits, which include board schematics, bill of
materials, Gerber files, Orcad files, and thorough design
documentation.
USB Serial Interface Engine
The Serial Interface Engine (SIE) allows the CY7C656xx to
communicate with the USB host. The SIE handles the
following USB activity independently of the Hub Control Block.
• Bit stuffing/unstuffing
• Checksum generation/checking
• TOKEN type identification
• Address checking.
Routing Logic
Hub Repeater
USB Upstream Port
USB 2.0 PHY
PLL
Serial
Interface
Engine
High-Speed
USB Control Logic
SPI Communication
Block
USB Downstream Port 1
USB 2.0
PHY
Port Power
Control
Port
Status
USB Downstream Port 2
USB 2.0
PHY
Port Power
Control
Port
Status
USB Downstream Port 3
USB 2.0
PHY
Port Power
Control
Port
Status
USB Downstream Port 4
USB 2.0
PHY
Port Power
Control
Port
Status
SPI_SCK
SPI_CS
SPI_SD
D+
D-
PWR#[4]
OVR#[4]
LED
D+
D- PWR#[3]
OVR#[3]
LED
D+
D-
PWR#[2]
OVR#[2]
LED
D+
D- PWR#[1]
OVR#[1]
LED
Transaction Translator (X1)
TT RAM
D+
D -
24 MHz
Crystal
Block Diagram
CY7C65620
[+] Feedback
[+] Feedback


Similar Part No. - CY4605

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY4605 CYPRESS-CY4605 Datasheet
503Kb / 25P
   EZ-USB HX2LP?? Low-Power USB 2.0 Hub Controller Family
CY4605 CYPRESS-CY4605 Datasheet
553Kb / 25P
   EZ-USB HX2LP Low Power USB 2.0 Hub Controller Family
CY4605 CYPRESS-CY4605 Datasheet
532Kb / 24P
   EZ-USB HX2LP Lite Low Power USB 2.0 Hub Controller Family
CY4605 CYPRESS-CY4605 Datasheet
581Kb / 28P
   EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
CY4605 CYPRESS-CY4605 Datasheet
583Kb / 27P
   EZ-USB HX2LP Lite??Low Power USB 2.0 Hub Controller Family
More results

Similar Description - CY4605

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C656XX CYPRESS-CY7C656XX_09 Datasheet
553Kb / 25P
   EZ-USB HX2LP Low Power USB 2.0 Hub Controller Family
CY7C65620 CYPRESS-CY7C65620_13 Datasheet
411Kb / 30P
   EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
CY7C656XX CYPRESS-CY7C656XX_11 Datasheet
581Kb / 28P
   EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
CY7C65620_1105 CYPRESS-CY7C65620_1105 Datasheet
403Kb / 29P
   EZ-USB HX2LP Low Power USB 2.0 Hub Controller Family
CY7C65620 CYPRESS-CY7C65620_12 Datasheet
395Kb / 28P
   EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
CY7C65620 CYPRESS-CY7C65620 Datasheet
170Kb / 2P
   EZ-USB HX2LP??Low-Power USB 2.0 Hub Controller Family
CY7C656XX CYPRESS-CY7C656XX_08 Datasheet
503Kb / 25P
   EZ-USB HX2LP?? Low-Power USB 2.0 Hub Controller Family
CY7C65621 CYPRESS-CY7C65621_11 Datasheet
583Kb / 27P
   EZ-USB HX2LP Lite??Low Power USB 2.0 Hub Controller Family
CY7C65621 CYPRESS-CY7C65621 Datasheet
532Kb / 24P
   EZ-USB HX2LP Lite Low Power USB 2.0 Hub Controller Family
logo
GENESYS LOGIC
GL850A GENESYS-GL850A Datasheet
385Kb / 29P
   USB 2.0 Low-Power HUB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com