Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C67200 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C67200
Description  EZ-OTG??Programmable USB On-The-Go
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C67200 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C67200 Datasheet HTML 1Page - Cypress Semiconductor CY7C67200 Datasheet HTML 2Page - Cypress Semiconductor CY7C67200 Datasheet HTML 3Page - Cypress Semiconductor CY7C67200 Datasheet HTML 4Page - Cypress Semiconductor CY7C67200 Datasheet HTML 5Page - Cypress Semiconductor CY7C67200 Datasheet HTML 6Page - Cypress Semiconductor CY7C67200 Datasheet HTML 7Page - Cypress Semiconductor CY7C67200 Datasheet HTML 8Page - Cypress Semiconductor CY7C67200 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 78 page
background image
CY7C67200
Document #: 38-08014 Rev. *G
Page 3 of 78
USB Interface
EZ-OTG has two built-in Host/Peripheral SIEs that each have
a single USB transceiver, meeting the USB 2.0 specification
requirements for full and low speed (high speed is not support-
ed). In Host mode, EZ-OTG supports two downstream ports;
each supports control, interrupt, bulk, and isochronous trans-
fers. In Peripheral mode, EZ-OTG supports one peripheral
port with eight endpoints for each of the two SIEs. Endpoint 0
is dedicated as the control endpoint and only supports control
transfers. Endpoints 1 though 7 support Interrupt, bulk (up to
64 bytes per packet), or isochronous transfers (up to 1023
bytes per packet size). EZ-OTG also supports a combination
of Host and Peripheral ports simultaneously, as shown in
Table 2.
USB Features
• USB 2.0 compatible for full and low speed
• Up to two downstream USB host ports
• Up to two upstream USB peripheral ports
• Configurable endpoint buffers (pointer and length), must
reside in internal RAM
• Up to eight available peripheral endpoints (1 control
endpoint)
• Supports Control, Interrupt, Bulk, and Isochronous transfers
• Internal DMA channels for each endpoint
• Internal pull up and pull down resistors
• Internal Series termination resistors on USB data lines
USB Pins
OTG Interface
EZ-OTG has one USB port that is compatible with the USB
On-The-Go supplement to the USB 2.0 specification. The USB
OTG port has various hardware features to support Session
Request Protocol (SRP) and Host Negotiation Protocol (HNP).
OTG is only supported on USB PORT 1A.
OTG Features
• Internal Charge Pump to supply and control VBUS
• VBUS Valid Status (above 4.4V)
• VBUS Status for 2.4V < VBUS < 0.8V
• ID Pin Status
• Switchable 2-Kohm internal discharge resistor on VBUS
• Switchable 500-ohm internal pull-up resistor on VBUS
• Individually switchable internal pull-up and pull-down
resistors on the USB data lines
OTG Pins
General Purpose IO Interface
EZ-OTG has up to 25 GPIO signals available. Several other
optional interfaces use GPIO pins as well and may reduce the
overall number of available GPIOs.
GPIO Description
All Inputs are sampled asynchronously with state changes oc-
curring at a rate of up to two 48 MHz clock cycles. GPIO pins
are latched directly into registers, a single flip-flop.
Unused Pin Descriptions
Unused USB pins must be tri-stated with the D+ line pulled
high through the internal pull-up resistor and the D– line pulled
low through the internal pull-down resistor.
Unused GPIO pins must be configured as outputs and driven
low.
UART Interface
EZ-OTG has a built-in UART interface. The UART interface
supports data rates from 900 to 115.2K baud. It can be used
as a development port or for other interface requirements. The
UART interface is exposed through GPIO pins.
Table 2. USB Port Configuration Options
Port Configurations
Port 1A
Port 2A
OTG
OTG
OTG + 1 Host
OTG
Host
OTG + 1 Peripheral
OTG
Peripheral
1 Host + 1 Peripheral
Host
Peripheral
1 Host + 1 Peripheral
Peripheral
Host
2 Hosts
Host
Host
1 Host
Host
1 Host
Host
2 Peripherals
Peripheral
Peripheral
1 Peripheral
Peripheral
1 Peripheral
Peripheral
Table 3. USB Interface Pins
Pin Name
Pin Number
DM1A
F2
DP1A
E3
DM2A
C2
DP2A
D3
Table 4. OTG Interface Pins
Pin Name
Pin Number
DM1A
F2
DP1A
E3
OTGVBUS
C1
OTGID
F4
CSwitchA
D1
CSwitchB
D2
[+] Feedback
[+] Feedback


Similar Part No. - CY7C67200

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C67200 CYPRESS-CY7C67200 Datasheet
618Kb / 98P
   EZ-OTG Programmable USB On-The-Go Host/Peripheral Controller
CY7C67200 CYPRESS-CY7C67200 Datasheet
97Kb / 7P
   EZ-OTG??Programmable USB On-The-Go
CY7C67200 CYPRESS-CY7C67200 Datasheet
1Mb / 78P
   EZ-OTG Programmable USB On-The-Go Package option: 48-pin FBGA
CY7C67200-48BAI CYPRESS-CY7C67200-48BAI Datasheet
618Kb / 98P
   EZ-OTG Programmable USB On-The-Go Host/Peripheral Controller
CY7C67200-48BAXI CYPRESS-CY7C67200-48BAXI Datasheet
1Mb / 78P
   EZ-OTG Programmable USB On-The-Go Package option: 48-pin FBGA
More results

Similar Description - CY7C67200

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C67200 CYPRESS-CY7C67200_04 Datasheet
97Kb / 7P
   EZ-OTG??Programmable USB On-The-Go
CY7C67200 CYPRESS-CY7C67200_13 Datasheet
1Mb / 92P
   EZ-OTG??Programmable USB On-The-Go Host/Peripheral Controller
CY7C67200 CYPRESS-CY7C67200 Datasheet
618Kb / 98P
   EZ-OTG Programmable USB On-The-Go Host/Peripheral Controller
CY7C67200 CYPRESS-CY7C67200_11 Datasheet
1Mb / 78P
   EZ-OTG Programmable USB On-The-Go Package option: 48-pin FBGA
logo
GENESYS LOGIC
GL824 GENESYS-GL824 Datasheet
1Mb / 56P
   USB 2.0 On-The-Go Controller
logo
Microchip Technology
PIC24FJ256DA210-I-PT MICROCHIP-PIC24FJ256DA210-I-PT Datasheet
3Mb / 408P
   16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
01/05/10
PIC24FJ256GB210 MICROCHIP-PIC24FJ256GB210 Datasheet
3Mb / 386P
   64/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
2010
logo
Molex Electronics Ltd.
0887328600 MOLEX1-0887328600 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0, 1.0m USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0, 1.0m
logo
Microchip Technology
PIC24FJ256GB106-IMR MICROCHIP-PIC24FJ256GB106-IMR Datasheet
2Mb / 352P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
03/26/09
PIC24FJ256GB106 MICROCHIP-PIC24FJ256GB106 Datasheet
2Mb / 352P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com