Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C53120E4-40SXI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C53120E4-40SXI
Description  Neuron짰 Chip Network Processor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C53120E4-40SXI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C53120E4-40SXI Datasheet HTML 6Page - Cypress Semiconductor CY7C53120E4-40SXI Datasheet HTML 7Page - Cypress Semiconductor CY7C53120E4-40SXI Datasheet HTML 8Page - Cypress Semiconductor CY7C53120E4-40SXI Datasheet HTML 9Page - Cypress Semiconductor CY7C53120E4-40SXI Datasheet HTML 10Page - Cypress Semiconductor CY7C53120E4-40SXI Datasheet HTML 11Page - Cypress Semiconductor CY7C53120E4-40SXI Datasheet HTML 12Page - Cypress Semiconductor CY7C53120E4-40SXI Datasheet HTML 13Page - Cypress Semiconductor CY7C53120E4-40SXI Datasheet HTML 14Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
CY7C53150
CY7C53120
Document #: 38-10001 Rev. *E
Page 11 of 14
Package Diagrams
Figure 9. 44-Lead Thin Plastic Quad Flat Pack A44
12.00±0.25 SQ
STAND-OFF
0.60±0.15
12°±1°
R. 0.08 MIN.
0.20 MIN.
1.00 REF.
0° MIN.
0-7°
0.20 MAX.
0.20 MIN.
0.25
(8X)
GAUGE PLANE
10.00±0.10 SQ
0.80
0.37±0.05
0.20 MAX.
0.05 MIN.
0.15 MAX.
44
1
1.60 MAX.
1.40±0.05
B.S.C.
R. 0.08 MIN.
SEATING PLANE
SEE DETAIL
A
DETAIL
A
11
33
23
12
22
34
0.10
NOTE:
1. JEDEC STD REF MS-026
2. BODY LENGTH DIMENSION DOES NOT INCLUDE MOLD PROTRUSION/END FLASH
MOLD PROTRUSION/END FLASH SHALL NOT EXCEED 0.0098 in (0.25 mm) PER SIDE
3. DIMENSIONS IN MILLIMETERS
BODY LENGTH DIMENSIONS ARE MAX PLASTIC BODY SIZE INCLUDING MOLD MISMATCH
51-85064-*C
[+] Feedback
[+] Feedback


Similar Part No. - CY7C53120E4-40SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C53120E4-40SI CYPRESS-CY7C53120E4-40SI Datasheet
228Kb / 12P
   Neuron Chip Network Processor
More results

Similar Description - CY7C53120E4-40SXI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NEURON5000 ETC2-NEURON5000 Datasheet
3Mb / 8P
   Neuron짰 5000 Processor
logo
Cypress Semiconductor
CY7C53150 CYPRESS-CY7C53150 Datasheet
228Kb / 12P
   Neuron Chip Network Processor
CY7C53120L8 CYPRESS-CY7C53120L8 Datasheet
508Kb / 14P
   3.3V Neuron Chip Network Processor
logo
Infineon Technologies A...
ADM5120P INFINEON-ADM5120P Datasheet
119Kb / 2P
   System on Chip (SoC) Network Processor
ADM5120PX INFINEON-ADM5120PX Datasheet
8Mb / 221P
   Network Processor
Version AB
logo
ATMEL Corporation
AT76C520 ATMEL-AT76C520 Datasheet
83Kb / 4P
   Network Processor
logo
List of Unclassifed Man...
HMS30C7110 ETC-HMS30C7110 Datasheet
973Kb / 161P
   Multipurpose Network Processor
logo
Broadcom Corporation.
BCM4780P BOARDCOM-BCM4780P Datasheet
111Kb / 1P
   NETWORK ATTACHED STORAGE PROCESSOR
logo
Motorola, Inc
MSC8101 MOTOROLA-MSC8101 Datasheet
1Mb / 104P
   Network Digital Signal Processor
logo
STMicroelectronics
SN260 STMICROELECTRONICS-SN260 Datasheet
1Mb / 88P
   ZigBee짰 802.15.4 network processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com