Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1483V33-100AXI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1483V33-100AXI
Description  72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1483V33-100AXI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1483V33-100AXI Datasheet HTML 1Page - Cypress Semiconductor CY7C1483V33-100AXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1483V33-100AXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1483V33-100AXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1483V33-100AXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1483V33-100AXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1483V33-100AXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1483V33-100AXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1483V33-100AXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
72-Mbit (2M x 36/4M x 18/1M x 72)
Flow-Through SRAM
CY7C1481V33
CY7C1483V33
CY7C1487V33
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-05284 Rev. *H
Revised May 01, 2007
Features
• Supports 133 MHz bus operations
• 2M x 36/4M x 18/1M x 72 common IO
• 3.3V core power supply (VDD)
• 2.5V or 3.3V I/O supply (VDDQ)
• Fast clock-to-output times
— 6.5 ns (133 MHz version)
• Provide high-performance 2-1-1-1 access rate
• User selectable burst counter supporting Intel® Pentium®
interleaved or linear burst sequences
• Separate processor and controller address strobes
• Synchronous self timed write
• Asynchronous output enable
• CY7C1481V33, CY7C1483V33 available in
JEDEC-standard Pb-free 100-pin TQFP, Pb-free and
non-Pb-free 165-ball FBGA package. CY7C1487V33
available in Pb-free and non-Pb-free 209 ball FBGA
package
• IEEE 1149.1 JTAG-Compatible Boundary Scan
• “ZZ” Sleep Mode option
Functional Description[1]
The CY7C1481V33/CY7C1483V33/CY7C1487V33 is a 3.3V,
2M x 36/4M x 18/1M x 72 Synchronous Flow-through SRAM
designed to interface with high speed microprocessors with
minimum glue logic. Maximum access delay from clock rise is
6.5 ns (133 MHz version). A two-bit on-chip counter captures
the first address in a burst and increments the address
automatically for the rest of the burst access. All synchronous
inputs
are
gated
by
registers
controlled
by
a
positive-edge-triggered Clock Input (CLK). The synchronous
inputs include all addresses, all data inputs, address-pipelining
Chip Enable (CE1), depth-expansion Chip Enables (CE2 and
CE3), Burst Control inputs (ADSC, ADSP, and ADV), Write
Enables (BWx and BWE), and Global Write (GW).
Asynchronous inputs include the Output Enable (OE) and the
ZZ pin.
The CY7C1481V33/CY7C1483V33/CY7C1487V33 allows
either interleaved or linear burst sequences, selected by the
MODE input pin. A HIGH selects an interleaved burst
sequence, while a LOW selects a linear burst sequence. Burst
accesses can be initiated with the Processor Address Strobe
(ADSP) or the cache Controller Address Strobe (ADSC)
inputs. Address advancement is controlled by the Address
Advancement (ADV) input.
Addresses and chip enables are registered at rising edge of
clock when either Address Strobe Processor (ADSP) or
Address Strobe Controller (ADSC) are active. Subsequent
burst addresses can be internally generated as controlled by
the Advance pin (ADV).
The CY7C1481V33/CY7C1483V33/CY7C1487V33 operates
from a +3.3V core power supply while all outputs may operate
with either a +2.5 or +3.3V supply. All inputs and outputs are
JEDEC standard JESD8-5 compatible.
Selection Guide
133 MHz
100 MHz
Unit
Maximum Access Time
6.5
8.5
ns
Maximum Operating Current
335
305
mA
Maximum CMOS Standby Current
150
150
mA
Note
1. For best practices recommendations, refer to the Cypress application note AN1064, SRAM System Guidelines.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1483V33-100AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1483V33-100AC CYPRESS-CY7C1483V33-100AC Datasheet
638Kb / 30P
   2M x 36/4M x 18/1M x 72 Flow-through SRAM
More results

Similar Description - CY7C1483V33-100AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1481V25 CYPRESS-CY7C1481V25 Datasheet
1Mb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM
CY7C1481V33 CYPRESS-CY7C1481V33 Datasheet
638Kb / 30P
   2M x 36/4M x 18/1M x 72 Flow-through SRAM
CY7C1471V33 CYPRESS-CY7C1471V33_07 Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1471V25 CYPRESS-CY7C1471V25 Datasheet
373Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471V25 CYPRESS-CY7C1471V25_07 Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1471BV33 CYPRESS-CY7C1471BV33 Datasheet
907Kb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471BV25 CYPRESS-CY7C1471BV25 Datasheet
848Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471V33 CYPRESS-CY7C1471V33 Datasheet
375Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1441AV33 CYPRESS-CY7C1441AV33 Datasheet
572Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM
CY7C1441AV25 CYPRESS-CY7C1441AV25 Datasheet
529Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com