Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1561V18-400BZXC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1561V18-400BZXC
Description  72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1561V18-400BZXC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1561V18-400BZXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1561V18-400BZXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1561V18-400BZXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1561V18-400BZXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1561V18-400BZXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1561V18-400BZXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1561V18-400BZXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1561V18-400BZXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1561V18-400BZXC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
CY7C1561V18
CY7C1576V18
CY7C1563V18
CY7C1565V18
Document Number: 001-05384 Rev. *E
Page 7 of 28
Functional Overview
The CY7C1561V18, CY7C1576V18, CY7C1563V18, and
CY7C1565V18 are synchronous pipelined Burst SRAMs
equipped with both a Read Port and a Write Port. The Read Port
is dedicated to read operations and the Write Port is dedicated
to write operations. Data flows into the SRAM through the Write
Port and out through the Read Port. These devices multiplex the
address inputs in order to minimize the number of address pins
required. By having separate Read and Write Ports, the QDR-II+
completely eliminates the need to “turn-around” the data bus and
avoids any possible data contention, thereby simplifying system
design. Each access consists of four 8-bit data transfers in the
case of CY7C1561V18, four 9-bit data transfers in the case of
CY7C1576V18, four 18-bit data transfers in the case of
CY7C1563V18, and four 36-bit data transfers in the case of
CY7C1565V18, in two clock cycles.
Accesses for both ports are initiated on the Positive Input Clock
(K). All synchronous input and output timing are referenced from
the rising edge of the input clocks (K and K).
All synchronous data inputs (D[x:0]) inputs pass through input
registers controlled by the input clocks (K and K). All
synchronous data outputs (Q[x:0]) outputs pass through output
registers controlled by the rising edge of the input clocks (K and
K) as well.
All synchronous control (RPS, WPS, BWS[x:0]) inputs pass
through input registers controlled by the rising edge of the input
clocks (K and K).
CY7C1563V18 is described in the following sections. The same
basic descriptions apply to CY7C1561V18, CY7C1576V18, and
CY7C1565V18.
Read Operations
The CY7C1563V18 is organized internally as 4 arrays of 1M x
18. Accesses are completed in a burst of four sequential 18-bit
data words. Read operations are initiated by asserting RPS
active at the rising edge of the Positive Input Clock (K). The
address presented to Address inputs are stored in the Read
Address Register. Following the next two K clock rise, the corre-
sponding lowest order 18-bit word of data is driven onto the
Q[17:0] using K as the output timing reference. On the subse-
quent rising edge of K the next 18-bit data word is driven onto
the Q[17:0]. This process continues until all four 18-bit data words
have been driven out onto Q[17:0]. The requested data is valid
CQ
Echo Clock
Synchronous Echo Clock Outputs. This is a free running clock and is synchronized to the input
clock (K) of the QDR-II+. The timings for the echo clocks are shown in the “Switching Characteristics”
on page 22.
ZQ
Input
Output Impedance Matching Input. This input is used to tune the device outputs to the system data
bus impedance. CQ, CQ and Q[x:0] output impedance are set to 0.2 x RQ, where RQ is a resistor
connected between ZQ and ground. Alternately, this pin can be connected directly to VDDQ, which
enables the minimum impedance mode. This pin cannot be connected directly to GND or left uncon-
nected.
DOFF
Input
DLL Turn Off-Active LOW. Connecting this pin to ground turns off the DLL inside the device.The
timings in the DLL turned off operation are different from those listed in this data sheet. For normal
operation, this pin can be connected to a pull up through a 10 K
Ω or less pull up resistor. The device
behaves in QDR-I mode when the DLL is turned off. In this mode, the device can be operated at a
frequency of up to 167 MHz with QDR-I timing.
TDO
Output
TDO for JTAG.
TCK
Input
TCK pin for JTAG.
TDI
Input
TDI pin for JTAG.
TMS
Input
TMS pin for JTAG.
NC
N/A
Not connected to the die. Can be tied to any voltage level.
NC/144M
N/A
Not connected to the die. Can be tied to any voltage level.
NC/288M
N/A
Not connected to the die. Can be tied to any voltage level.
VREF
Input-
Reference
Reference Voltage Input. Static input used to set the reference level for HSTL inputs and Outputs
as well as AC measurement points.
VDD
Power Supply Power supply inputs to the core of the device.
VSS
Ground
Ground for the device.
VDDQ
Power Supply Power supply inputs for the outputs of the device.
Pin Definitions (continued)
Pin Name
IO
Pin Description


Similar Part No. - CY7C1561V18-400BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1561V18-400BZXC CYPRESS-CY7C1561V18-400BZXC Datasheet
676Kb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency)
More results

Similar Description - CY7C1561V18-400BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1561V18 CYPRESS-CY7C1561V18_08 Datasheet
676Kb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1561KV18 CYPRESS-CY7C1561KV18_11 Datasheet
856Kb / 29P
   72-Mbit QDR II SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1541V18 CYPRESS-CY7C1541V18 Datasheet
1Mb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
logo
Renesas Technology Corp
RMQSAA3636DGBA RENESAS-RMQSAA3636DGBA_15 Datasheet
832Kb / 30P
   36-Mbit QDR??II SRAM 4-word Burst Architecture (2.5 Cycle Read latency)
logo
Cypress Semiconductor
CY7C1541V18 CYPRESS-CY7C1541V18_08 Datasheet
665Kb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1261V18 CYPRESS-CY7C1261V18 Datasheet
1Mb / 28P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1161V18 CYPRESS-CY7C1161V18 Datasheet
1Mb / 29P
   18-Mbit QDR??II SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency)
logo
Renesas Technology Corp
RMQSAA3636DGBA RENESAS-RMQSAA3636DGBA Datasheet
363Kb / 30P
   36-Mbit QDR™ II SRAM 4-word Burst Architecture (2.5 Cycle Read latency)
May 25, 2015
logo
Cypress Semiconductor
CY7C15632KV18 CYPRESS-CY7C15632KV18_12 Datasheet
783Kb / 30P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1566KV18 CYPRESS-CY7C1566KV18_11 Datasheet
921Kb / 31P
   72-Mbit DDR II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com