Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY4602 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY4602
Description  TetraHub??High-Speed USB Hub Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY4602 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY4602 Datasheet HTML 7Page - Cypress Semiconductor CY4602 Datasheet HTML 8Page - Cypress Semiconductor CY4602 Datasheet HTML 9Page - Cypress Semiconductor CY4602 Datasheet HTML 10Page - Cypress Semiconductor CY4602 Datasheet HTML 11Page - Cypress Semiconductor CY4602 Datasheet HTML 12Page - Cypress Semiconductor CY4602 Datasheet HTML 13Page - Cypress Semiconductor CY4602 Datasheet HTML 14Page - Cypress Semiconductor CY4602 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
CY7C65640A
Document #: 38-08019 Rev. *I
Page 11 of 21
8.0
Configuration Options
Systems using TetraHub must have an external EEPROM in
order for the device to have a unique VID, PID, and DID. The
TetraHub can talk to SPI EEPROM that are double byte
addressable only. TetraHub uses the command format from
the '040 parts. The TetraHub cannot talk to ‘080 EEPROM
parts, as the read command format used for talking to ‘080 is
not the same as ‘040. The '010s and '020s uses the same
command format as used to interface with the ‘040 and hence
these can also be used to interface with the TetraHub.
8.1
Default – 0xD0 Load
When used in default mode, only a unique VID, PID, and DID
must be present in the external SPI EEPROM. The contents
of the EEPROM must contain this information in the following
format:
8.2
Configured – 0xD2 Load
Byte 0: 0xD2
Needs to be programmed with 0xD2
Byte 1: VID (LSB)
Least Significant Byte of Vendor ID
Byte 2: VID (MSB)
Most Significant Byte of Vendor ID
Byte 3: PID (LSB)
Least Significant Byte of Product ID
Byte 4: PID (MSB)]
Most Significant Byte of Product ID
Byte 5: DID (LSB)
Least Significant Byte of Device ID
Byte 6: DID (MSB)]
Most Significant Byte of Device ID
Byte 7: EnableOvercurrentTimer[3:0], DisabledOvercur-
rentTimer[3:0]
Count time in ms for filtering overcurrent detection. Bits 7–4
are for an enabled port, and bits 3–0 are for a disabled port.
Both range from 0 ms to 15 ms. See section 4.8. Default: 8
ms = 0x88.
Byte 8: ActivePorts[3:0], RemovablePorts[3:0]
Bits 7–4 are the ActivePorts[3:0] bits that indicates if the
corresponding port is usable. For example, a two-port hub
that uses ports 1 and 4 would set this field to 0x09. The total
number of ports reported in the Hub Descriptor: bNbrPorts
field is calculated from this. Bits 3–0 are the Removable-
Ports[3:0] bits that indicates whether the corresponding
port is removable (set to HIGH). This bit’s values are re-
corded
appropriately
in
the
HubDescriptor:DeviceRemovable field. Default: 0xFF.
Byte 9: MaximumPower
This value is reported in the ConfigurationDescriptor:bMax-
Power field and is the current in 2-mA intervals that is re-
quired from the upstream hub. Default: 0x32 = 100 mA
Byte 10: HubControllerPower
This value is reported in the HubDescriptor:bHubContrCur-
rent field and is the current in milliamperes required by the
hub controller. Default: 0x64 = 100 mA.
Byte 11: PowerOnTimer
This
value
is
reported
in
the
HubDescrip-
tor:bPwrOn2PwrGood field and is the time in 2-ms intervals
from the SetPortPower command until the power on the
corresponding downstream port is good. Default: 0x32 =
100 ms.
Byte 12: IllegalHubDescriptor, Unused, FullspeedOnly,
NoPortIndicators, Reserved, GangPowered, SingleT-
TOnly, NoEOPatEOF1
Bit 7: IllegalHubDescriptor: For GetHubDescriptor request,
some USB hosts use a DescriptorTypeof 0x00 instead of
HUB_DESCRIPTOR, 0x29. According to the USB 2.0 stan-
dard, a hub must treat this as a Request Error, and STALL
the transaction accordingly (USB 2.0, 11.24.2.5). For sys-
tems that do not accept this, the IllegalHubDescriptor con-
figuration bit may be set to allow TetraHub to accept a De-
scriptorType of 0x00 for this command. Default is 0,
recommended setting is 1.
Bit 6: Unused: This bit is an unused, don’t care bit and can
be set to anything.
Byte
Value
0
0xD0
1
VID (LSB)
2
VID (MSB)
3
PID (LSB)
4
PID (MSB)
5
DID (LSB)
6
DID (MSB)
Byte
Value (MSB->LSB)
0
0xD2
1
VID (LSB)
2
VID (MSB)
3
PID (LSB)
4
PID (MSB)
5DID (LSB)
6
DID (MSB)
7
EnableOverCurrentTimer[3:0], DisableOvercurrent-
Timer[3:0]
8
ActivePorts[3:0], RemovablePorts[3:0]
9MaxPower
10
HubControllerPower
11
PowerOnTimer
12
IllegalHubDescriptor, Unused, FullspeedOnly,
NoPortIndicators, Reserved, GangPowered, SingleT-
TOnly, NoEOPatEOF1
[+] Feedback
[+] Feedback


Similar Part No. - CY4602

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY4602 CYPRESS-CY4602 Datasheet
675Kb / 27P
   TetraHub High-speed USB Hub Controller
CY4602 CYPRESS-CY4602 Datasheet
762Kb / 23P
   TetraHub??High Speed USB Hub Controller
CY4602 CYPRESS-CY4602 Datasheet
831Kb / 25P
   TetraHub??High Speed USB Hub Controller
More results

Similar Description - CY4602

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C65640 CYPRESS-CY7C65640 Datasheet
675Kb / 27P
   TetraHub High-speed USB Hub Controller
CY7C65640A CYPRESS-CY7C65640A_09 Datasheet
762Kb / 23P
   TetraHub??High Speed USB Hub Controller
CY7C65640A CYPRESS-CY7C65640A_11 Datasheet
831Kb / 25P
   TetraHub??High Speed USB Hub Controller
logo
Microchip Technology
USB3803 MICROCHIP-USB3803 Datasheet
1Mb / 99P
   USB 2.0 High-Speed Hub Controller Optimized
01/27/15
USB2512B MICROCHIP-USB2512B Datasheet
887Kb / 57P
   USB 2.0 Hi-Speed Hub Controller
07/14/15
logo
SMSC Corporation
USB2512B-AEZG SMSC-USB2512B-AEZG_12 Datasheet
1Mb / 63P
   USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2512B-AEZG-TR MICROCHIP-USB2512B-AEZG-TR Datasheet
861Kb / 63P
   USB 2.0 Hi-Speed Hub Controller
Revision 2.2 02-17-12
logo
SMSC Corporation
USB2514B-AEZC-TR SMSC-USB2514B-AEZC-TR Datasheet
1Mb / 63P
   USB 2.0 Hi-Speed Hub Controller
USB2517 SMSC-USB2517 Datasheet
1Mb / 72P
   USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2512 MICROCHIP-USB2512 Datasheet
887Kb / 57P
   USB 2.0 Hi-Speed Hub Controller
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com