Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1484V33-200BZC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1484V33-200BZC
Description  72-Mbit (2M x 36/4M x 18) Pipelined DCD Sync SRAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1484V33-200BZC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1484V33-200BZC Datasheet HTML 1Page - Cypress Semiconductor CY7C1484V33-200BZC Datasheet HTML 2Page - Cypress Semiconductor CY7C1484V33-200BZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1484V33-200BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1484V33-200BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1484V33-200BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1484V33-200BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1484V33-200BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1484V33-200BZC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
72-Mbit (2M x 36/4M x 18) Pipelined
DCD Sync SRAM
CY7C1484V33
CY7C1485V33
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-05285 Rev. *G
Revised May 01, 2007
Features
• Supports bus operation up to 250 MHz
• Available speed grades are 250, 200, and 167 MHz
• Registered inputs and outputs for pipelined operation
• Optimal for performance (double cycle deselect)
• Depth expansion without wait state
• 3.3V core power supply (VDD)
• 2.5V/3.3V IO operation
• Fast clock-to-output times
— 3.0 ns (for 250 MHz device)
• Provide high performance 3-1-1-1 access rate
• User selectable burst counter supporting Intel®
Pentium® interleaved or linear burst sequences
• Separate processor and controller address strobes
• Synchronous self timed writes
• Asynchronous output enable
• CY7C1484V33
, CY7C1485V33 available in
JEDEC-standard Pb-free 100-pin TQFP, Pb-free and
non-Pb-free 165-ball FBGA package
• IEEE 1149.1 JTAG-Compatible Boundary Scan
• “ZZ” Sleep Mode option
Functional Description[1]
The CY7C1484V33/CY7C1485V33 SRAM integrates 2M x
36/4M x 18 SRAM cells with advanced synchronous
peripheral circuitry and a two-bit counter for internal burst
operation. All synchronous inputs are gated by registers
controlled by a positive-edge-triggered Clock Input (CLK). The
synchronous inputs include all addresses, all data inputs,
address-pipelining Chip Enable (CE1), depth-expansion Chip
Enables (CE2 and CE3), Burst Control inputs (ADSC, ADSP,
and ADV), Write Enables (BWX, and BWE), and Global Write
(GW). Asynchronous inputs include the Output Enable (OE)
and the ZZ pin.
Addresses and chip enables are registered at rising edge of
clock when either Address Strobe Processor (ADSP) or
Address Strobe Controller (ADSC) are active. Subsequent
burst addresses can be internally generated as controlled by
the Advance pin (ADV).
Address, data inputs, and write controls are registered on-chip
to initiate a self timed write cycle. This part supports byte write
operations (see “Pin Definitions” on page 5 and “Truth Table”
on page 8 for further details). Write cycles can be one to four
bytes wide as controlled by the byte write control inputs. GW
active LOW causes all bytes to be written. This device incor-
porates an additional pipelined enable register which delays
turning off the output buffers an additional cycle when a
deselect is executed.This feature enables depth expansion
without penalizing system performance.
The CY7C1484V33/CY7C1485V33 operates from a +3.3V
core power supply while all outputs operate with a +3.3V or a
+2.5V supply. All inputs and outputs are JEDEC-standard
JESD8-5-compatible.
Note
1. For best practices recommendations, please refer to the Cypress application note AN1064, SRAM System Guidelines.
Selection Guide
250 MHz
200 MHz
167 MHz
Unit
Maximum Access Time
3.0
3.0
3.4
ns
Maximum Operating Current
500
500
450
mA
Maximum CMOS Standby Current
120
120
120
mA
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1484V33-200BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1484V33-200BZC CYPRESS-CY7C1484V33-200BZC Datasheet
507Kb / 29P
   2M x 36/4M x 18 Pipelined DCD SRAM
More results

Similar Description - CY7C1484V33-200BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1484V25 CYPRESS-CY7C1484V25 Datasheet
1Mb / 26P
   72-Mbit (2M x 36/4M x 18) Pipelined DCD Sync SRAM
CY7C1480V33 CYPRESS-CY7C1480V33_07 Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V25 CYPRESS-CY7C1480V25_06 Datasheet
578Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V33 CYPRESS-CY7C1480V33 Datasheet
398Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V25 CYPRESS-CY7C1480V25 Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480BV33 CYPRESS-CY7C1480BV33 Datasheet
974Kb / 34P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V33 CYPRESS-CY7C1480V33_06 Datasheet
578Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480BV25 CYPRESS-CY7C1480BV25 Datasheet
933Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1444AV25 CYPRESS-CY7C1444AV25 Datasheet
440Kb / 26P
   36-Mbit (1M x 36/2M x 18) Pipelined DCD Sync SRAM
CY7C1484V33 CYPRESS-CY7C1484V33 Datasheet
507Kb / 29P
   2M x 36/4M x 18 Pipelined DCD SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com