Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1440AV33-250AXC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1440AV33-250AXC
Description  36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1440AV33-250AXC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1440AV33-250AXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1440AV33-250AXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1440AV33-250AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1440AV33-250AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1440AV33-250AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1440AV33-250AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1440AV33-250AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1440AV33-250AXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1440AV33-250AXC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
CY7C1440AV33
CY7C1442AV33
CY7C1446AV33
Document #: 38-05383 Rev. *E
Page 6 of 31
209-ball FBGA (14 x 22 x 1.76 mm) Pinout
CY7C1446AV33 (512K × 72)
Pin Configurations (continued)
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
123456789
11
10
DQG
DQG
DQG
DQG
DQG
DQG
DQG
DQG
DQC
DQC
DQC
DQC
NC
DQPG
DQH
DQH
DQH
DQH
DQD
DQD
DQD
DQD
DQPD
DQPC
DQC
DQC
DQC
DQC
NC
DQH
DQH
DQH
DQH
DQPH
DQD
DQD
DQD
DQD
DQB
DQB
DQB
DQB
DQB
DQB
DQB
DQB
DQF
DQF
DQF
DQF
NC
DQPF
DQA
DQA
DQA
DQA
DQE
DQE
DQE
DQE
DQPA
DQPB
DQF
DQF
DQF
DQF
NC
DQA
DQA
DQA
DQA
DQPE
DQE
DQE
DQE
DQE
A
ADSP
ADV
A
NC
NC
NC/72M
AA
A
A
AA
AA
A
A1
A0
A
AA
AA
A
NC/144M
NC/288M
NC/576M
GW
NC
NC
BWSB
BWSF
BWSE
BWSA
BWSC
BWSG
BWSD
BWSH
TMS
TDI
TDO
TCK
NC
NC
MODE
NC
VSS
VSS
NC
CLK
NC
VSS
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
NC/1G
VDD
NC
OE
CE3
CE1
CE2
ADSC
BW
VSS
VSS
VSS
VSS
VSS
VSS
VSS
ZZ
VSS
VSS
VSS
VSS
NC
VDDQ
VSS
VSS
NC
VSS
VSS
VSS
VSS
VSS
VSS
NC
VSS
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
Pin Definitions
Name
I/O
Description
A0, A1, A
Input-
Synchronous
Address Inputs used to select one of the address locations. Sampled at the rising edge
of the CLK if ADSP or ADSC is active LOW, and CE1, CE2, and CE3
[2]are sampled active.
A1: A0 are fed to the two-bit counter.
BWA, BWB,
BWC, BWD,
BWE, BWF,
BWG, BWH
Input-
Synchronous
Byte Write Select Inputs, active LOW. Qualified with BWE to conduct byte writes to the
SRAM. Sampled on the rising edge of CLK.
GW
Input-
Synchronous
Global Write Enable Input, active LOW. When asserted LOW on the rising edge of CLK,
a global write is conducted (ALL bytes are written, regardless of the values on BWX and
BWE).
BWE
Input-
Synchronous
Byte Write Enable Input, active LOW. Sampled on the rising edge of CLK. This signal
must be asserted LOW to conduct a byte write.
CLK
Input-
Clock
Clock Input. Used to capture all synchronous inputs to the device. Also used to increment
the burst counter when ADV is asserted LOW, during a burst operation.
CE1
Input-
Synchronous
Chip Enable 1 Input, active LOW. Sampled on the rising edge of CLK. Used in conjunction
with CE2 and CE3 to select/deselect the device. ADSP is ignored if CE1 is HIGH. CE1 is
sampled only when a new external address is loaded.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1440AV33-250AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1440AV33-250AXC CYPRESS-CY7C1440AV33-250AXC Datasheet
392Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
CY7C1440AV33-250AXC CYPRESS-CY7C1440AV33-250AXC Datasheet
809Kb / 33P
   36-Mbit (1 M 횞 36) Pipelined Sync SRAM
More results

Similar Description - CY7C1440AV33-250AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1440AV33 CYPRESS-CY7C1440AV33 Datasheet
392Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
CY7C1440AV25 CYPRESS-CY7C1440AV25 Datasheet
524Kb / 32P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
CY7C1480V33 CYPRESS-CY7C1480V33_07 Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V25 CYPRESS-CY7C1480V25_06 Datasheet
578Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V33 CYPRESS-CY7C1480V33 Datasheet
398Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V25 CYPRESS-CY7C1480V25 Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480BV33 CYPRESS-CY7C1480BV33 Datasheet
974Kb / 34P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V33 CYPRESS-CY7C1480V33_06 Datasheet
578Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480BV25 CYPRESS-CY7C1480BV25 Datasheet
933Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1444AV25 CYPRESS-CY7C1444AV25 Datasheet
440Kb / 26P
   36-Mbit (1M x 36/2M x 18) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com