Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1557V18 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1557V18
Description  72-Mbit DDR-II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1557V18 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1557V18 Datasheet HTML 6Page - Cypress Semiconductor CY7C1557V18 Datasheet HTML 7Page - Cypress Semiconductor CY7C1557V18 Datasheet HTML 8Page - Cypress Semiconductor CY7C1557V18 Datasheet HTML 9Page - Cypress Semiconductor CY7C1557V18 Datasheet HTML 10Page - Cypress Semiconductor CY7C1557V18 Datasheet HTML 11Page - Cypress Semiconductor CY7C1557V18 Datasheet HTML 12Page - Cypress Semiconductor CY7C1557V18 Datasheet HTML 13Page - Cypress Semiconductor CY7C1557V18 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
CY7C1546V18
CY7C1557V18
CY7C1548V18
CY7C1550V18
Document Number: 001-06550 Rev. *D
Page 10 of 27
Write Cycle Descriptions
The write cycle description table for CY7C1546V18 and CY7C1548V18 follows. [3, 9]
BWS0/
NWS0
BWS1/
NWS1
K
K
Comments
L
L
L–H
During the data portion of a write sequence
:
CY7C1546V18
− both nibbles (D[7:0]) are written into the device,
CY7C1548V18
− both bytes (D[17:0]) are written into the device.
L
L
L-H During the data portion of a write sequence
:
CY7C1546V18
− both nibbles (D[7:0]) are written into the device,
CY7C1548V18
− both bytes (D[17:0]) are written into the device.
L
H
L–H
During the data portion of a write sequence
:
CY7C1546V18
− only the lower nibble (D[3:0]) is written into the device, D[7:4] remains unaltered.
CY7C1548V18
− only the lower byte (D[8:0]) is written into the device, D[17:9] remains unaltered.
L
H
L–H During the data portion of a write sequence
:
CY7C1546V18
− only the lower nibble (D[3:0]) is written into the device, D[7:4] remains unaltered.
CY7C1548V18
− only the lower byte (D[8:0]) is written into the device, D[17:9] remains unaltered.
H
L
L–H
During the data portion of a write sequence
:
CY7C1546V18
− only the upper nibble (D[7:4]) is written into the device, D[3:0] remains unaltered.
CY7C1548V18
− only the upper byte (D[17:9]) is written into the device, D[8:0] remains unaltered.
H
L
L–H During the data portion of a write sequence
:
CY7C1546V18
− only the upper nibble (D[7:4]) is written into the device, D[3:0] remains unaltered.
CY7C1548V18
− only the upper byte (D[17:9]) is written into the device, D[8:0] remains unaltered.
H
H
L–H
No data is written into the devices during this portion of a write operation.
H
H
L–H No data is written into the devices during this portion of a write operation.
Write Cycle Descriptions
The write cycle description table for CY7C1557V18 follows. [3, 9]
BWS0
KK
L
L–H
During the data portion of a write sequence, the single byte (D[8:0]) is written into the device.
L
L–H
During the data portion of a write sequence, the single byte (D[8:0]) is written into the device.
H
L–H
No data is written into the device during this portion of a write operation.
H
L–H
No data is written into the device during this portion of a write operation.
Note
9. Assumes a write cycle is initiated as per the Write Cycle Descriptions table. NWS0, NWS1, BWS0, BWS1, BWS2, and BWS3 is altered on different portions of a write
cycle, as long as the setup and hold requirements are met.


Similar Part No. - CY7C1557V18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1557KV18 CYPRESS-CY7C1557KV18 Datasheet
959Kb / 31P
   72-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
More results

Similar Description - CY7C1557V18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1546KV18 CYPRESS-CY7C1546KV18 Datasheet
959Kb / 31P
   72-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1548KV18 CYPRESS-CY7C1548KV18_12 Datasheet
844Kb / 29P
   72-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1566KV18 CYPRESS-CY7C1566KV18_11 Datasheet
921Kb / 31P
   72-Mbit DDR II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1566V18 CYPRESS-CY7C1566V18 Datasheet
1Mb / 27P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1566V18 CYPRESS-CY7C1566V18_08 Datasheet
664Kb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1246V18 CYPRESS-CY7C1246V18 Datasheet
1Mb / 27P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1146V18 CYPRESS-CY7C1146V18 Datasheet
1Mb / 27P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
logo
Renesas Technology Corp
RMQCHA3636DGBA RENESAS-RMQCHA3636DGBA_15 Datasheet
846Kb / 30P
   36-Mbit DDR??II SRAM 2-word Burst Architecture (2.0 Cycle Read latency)
logo
Cypress Semiconductor
CY7C11461KV18 CYPRESS-CY7C11461KV18 Datasheet
854Kb / 29P
   18-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1246KV18 CYPRESS-CY7C1246KV18 Datasheet
913Kb / 28P
   36-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com