Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTRC5000-180G Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDTRC5000-180G
Description  MULTI-ISSUE 64-BIT MICROPROCESSOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTRC5000-180G Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDTRC5000-180G Datasheet HTML 7Page - Integrated Device Technology IDTRC5000-180G Datasheet HTML 8Page - Integrated Device Technology IDTRC5000-180G Datasheet HTML 9Page - Integrated Device Technology IDTRC5000-180G Datasheet HTML 10Page - Integrated Device Technology IDTRC5000-180G Datasheet HTML 11Page - Integrated Device Technology IDTRC5000-180G Datasheet HTML 12Page - Integrated Device Technology IDTRC5000-180G Datasheet HTML 13Page - Integrated Device Technology IDTRC5000-180G Datasheet HTML 14Page - Integrated Device Technology IDTRC5000-180G Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
IDT RC5000
COMMERCIAL TEMPERATURE RANGE
11
DC ELECTRICAL CHARACTERISTICS
(Vcc = 3.3V± 5%; Tcase = 0°C to +85°C)
Boot Mode Bits 20 and 33 must be set to “1” for operation at this frequency.
# Preliminary information for 250MHz.
Parameter
180MHz
200MHz†
250MHz†#
Conditions
Min
Max
Min
Max
Min
Max
VOL
0.1V
0.1V
0.1V
|IOUT|= 20uA
VOH
VCC
- 0.1V
—VCC
- 0.1V
—VCC
- 0.1V
VOL
0.4V
0.4V
0.4V
|IOUT|= 4mA
VOH
2.4V
2.4V
2.4V
VIL
–0.5V
0.2VCC
–0.5V
0.2VCC
–0.5V
0.2VCC
VIH
0.7VCC
VCC +
0.5V
0.7VCC
VCC + 0.5V
0.7VCC
VCC + 0.5V
IIN
±10uA
±10uA
±10uA
0
≤ V
IN ≤ VCC
CIN
10pF
10pF
10pF
CIO
10pF
10pF
10pF
Cclk
10pF
10pF
10pF
I/OLEAK
20uA
20uA
20uA
Input/Output Leakage


Similar Part No. - IDTRC5000-180G

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IDT-3030 ADVANTECH-IDT-3030 Datasheet
164Kb / 1P
   Accessories Connectors and Cables
1-Mar-2007
IDT-3120E ADVANTECH-IDT-3120E Datasheet
2Mb / 3P
   Slide Rail
IDT-3120E ADVANTECH-IDT-3120E Datasheet
541Kb / 2P
   2U Rackmount Chassis for ATX/MicroATX Motherboard
IDT-3120E ADVANTECH-IDT-3120E Datasheet
845Kb / 2P
   Micro Computer, Intel® Core™ i7/i5/i3 CPU, H81, 4 Expansions 2PCI/2PCIe, 300W 80Plus PSU
5-Dec-2014
IDT-5101 ADVANTECH-IDT-5101 Datasheet
109Kb / 1P
   Accessories 5.25 Industrial Disk Tray
1-Mar-2007
More results

Similar Description - IDTRC5000-180G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
79RC5000 IDT-79RC5000 Datasheet
297Kb / 15P
   MULTI-ISSUE 64-BIT MICROPROCESSOR
logo
NEC
UPD30181A NEC-UPD30181A Datasheet
573Kb / 72P
   64-/32-BIT MICROPROCESSOR
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700_08 Datasheet
785Kb / 25P
   64-Bit RISC Microprocessor
logo
NEC
UPD30181 NEC-UPD30181 Datasheet
1Mb / 444P
   64-/32-Bit Microprocessor
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700 Datasheet
328Kb / 25P
   64-Bit RISC Microprocessor
logo
NEC
UPD30102 NEC-UPD30102 Datasheet
2Mb / 701P
   64/32-bit Microprocessor
logo
Renesas Technology Corp
IDT79R4700 RENESAS-IDT79R4700 Datasheet
984Kb / 26P
   64-Bit RISC Microprocessor
December 5, 2008
logo
Toshiba Semiconductor
TMPR4925XB TOSHIBA-TMPR4925XB Datasheet
151Kb / 32P
   64-bit RISC MICROPROCESSOR
logo
NEC
UPD30121 NEC-UPD30121 Datasheet
436Kb / 76P
   VR4121TM 64-/32-BIT MICROPROCESSOR
logo
Aeroflex Circuit Techno...
ACT5260111111 AEROFLEX-ACT5260111111 Datasheet
119Kb / 8P
   ACT5260 64-Bit Superscaler Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com