Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7M9510SR150M Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT7M9510SR150M
Description  IDT79RV4640/IDT79RC64V474 PCI MEZZANINE CARD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7M9510SR150M Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT7M9510SR150M Datasheet HTML 1Page - Integrated Device Technology IDT7M9510SR150M Datasheet HTML 2Page - Integrated Device Technology IDT7M9510SR150M Datasheet HTML 3Page - Integrated Device Technology IDT7M9510SR150M Datasheet HTML 4Page - Integrated Device Technology IDT7M9510SR150M Datasheet HTML 5Page - Integrated Device Technology IDT7M9510SR150M Datasheet HTML 6Page - Integrated Device Technology IDT7M9510SR150M Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
1999
Integrated Device Technology, Inc.
©
IDT
IDT7M9510 / IDT7M9514
PMC CONNECTORS
The 7M9510 / 7M9514 utilizes three 64 position connectors that are
compliant with the PMC standard. The placement of these connectors is in
compliance with the Common Mezzanine Card (CMC) Specification (IEEE
1386) and the PCI Mezzanine Card (PMC) Specification (IEEE 1386.1).
Headers correspond as follows:
-J1 on the 7M9510 / 7M9514 corresponds to PN11 (PN1) and P12
(PN2) in the PMC and CMC Specifications.
-J2 on the 7M9510 / 7M9514 corresponds to P14 (PN4) in the PMC
and CMC Specifications.
For further information on the mechanical placement of the PMC
headers, refer to the Common Mezzanine Card (CMC) Specification (IEEE
1386).
PIN ASSIGNMENTS
The 32-bit bus is implemented in J1 (PN1 and PN2), in compliance with
the PMC Specifications and is provided below. The User-Defined I/O is
implemented in J2 (PN4) and is provided below.
1
N
P
#
n
i
Pe
m
a
N
l
a
n
g
i
Se
m
a
N
l
a
n
g
i
S#
n
i
P
1K
C
TV
2
1
-
)
1
(
2
3D
N
G#
A
T
N
I4
5#
B
T
N
I#
C
T
N
I6
7#
1
E
E
D
O
M
S
U
Bv
5
+8
9#
D
T
N
ID
V
S
R
-I
C
P
)
1
(
0
1
1
1D
N
GD
V
S
R
-I
C
P
)
1
(
2
1
3
1K
L
CD
N
G4
1
5
1D
N
G#
T
N
G6
1
7
1#
Q
E
RV
5
+8
1
9
1)
O
/I
(
V
)
1
(
]
1
3
[
D
A0
2
1
2]
8
2
[
D
A]
7
2
[
D
A2
2
3
2]
5
2
[
D
AD
N
G4
2
5
2D
N
G#
]
3
[
E
B
/
C6
2
7
2]
2
2
[
D
A]
1
2
[
D
A8
2
9
2]
9
1
[
D
AV
5
+0
3
1
3)
O
/I
(
V
)
1
(
]
7
1
[
D
A2
3
3
3#
E
M
A
R
FD
N
G4
3
5
3D
N
G#
Y
D
R
I6
3
7
3#
L
E
S
V
E
DV
5
+8
3
9
3D
N
G#
K
C
O
L0
4
1
4#
E
N
O
D
S
)
1
(
(
#
O
B
S
)
1
(
2
4
3
4R
A
PD
N
G4
4
5
4)
O
/I
(
V
)
1
(
]
5
1
[
D
A6
4
7
4]
2
1
[
D
A]
1
1
[
D
A8
4
9
4]
9
0
[
D
AV
5
+0
5
1
5D
N
G#
]
0
[
E
B
/
C2
5
3
5]
6
0
[
D
A]
5
0
[
D
A4
5
5
5]
4
0
[
D
AD
N
G6
5
7
5)
O
/I
(
V]
3
1
[
D
A8
5
9
5]
2
0
[
D
A]
1
0
[
D
A0
6
1
6]
0
0
[
D
AV
5
+2
6
3
6D
N
G#
4
6
Q
E
R4
6
NOTES:
1. Not connected on 7M9510 / 7M9514
4095 tbl 04
2
N
P
#
n
i
Pe
m
a
N
l
a
n
g
i
Se
m
a
N
l
a
n
g
i
S#
n
i
P
1V
2
1
+
)
1
(
#
T
S
R
T2
3S
M
TO
D
T4
5I
D
TD
N
G6
7D
N
GD
V
S
R
-I
C
P
)
1
(
8
9D
V
S
R
-I
C
P
)
1
(
D
V
S
R
-I
C
P
)
1
(
0
1
1
1#
2
E
D
O
M
S
U
B
)
1
(
V
3
.
3
+2
1
3
1#
T
S
R#
3
E
D
O
M
S
U
B4
1
5
1V
3
.
3
+#
4
E
D
O
M
S
U
B6
1
7
1D
V
S
R
-I
C
P
)
1
(
D
N
G8
1
9
1]
0
3
[
D
A]
9
2
[
D
A0
2
1
2D
N
G]
6
2
[
D
A2
2
3
2]
4
2
[
D
AV
3
.
3
+4
2
5
2L
E
S
D
I]
3
2
[
D
A6
2
7
2V
3
.
3
+]
0
2
[
D
A8
2
9
2]
8
1
]
D
AD
N
G0
3
1
3]
6
1
[
D
A#
]
2
[
E
B
/
C2
3
3
3D
N
GD
V
S
R
-
C
M
P
)
1
(
4
3
5
3#
Y
D
R
TV
3
.
3
+6
3
7
3D
N
G#
P
O
T
S8
3
9
3#
R
R
E
PD
N
G0
4
1
4V
3
.
3
+#
R
R
E
S2
4
3
4#
]
1
[
E
B
/
CD
N
G4
4
5
4]
4
1
[
D
A]
3
1
[
D
A6
4
7
4D
N
G]
0
1
[
D
A8
4
9
4]
8
0
[
D
AV
3
.
3
+0
5
1
5]
7
0
[
D
AD
V
S
R
-
C
M
P
)
1
(
2
5
3
5V
3
.
3
+D
V
S
R
-
C
M
P
)
1
(
4
5
5
5D
V
S
R
-
C
M
P
)
1
(
D
N
G6
5
7
5D
V
S
R
-
C
M
P
)
1
(
D
V
S
R
-
C
M
P
)
1
(
8
5
9
5D
N
GD
V
S
R
-
C
M
P
)
1
(
0
6
1
6#
4
6
K
C
A
)
1
(
V
3
.
3
+2
6
3
6D
N
GD
V
S
R
-
C
M
P
)
1
(
4
6
4095 tbl 05


Similar Part No. - IDT7M9510SR150M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT7M9510 RENESAS-IDT7M9510 Datasheet
203Kb / 8P
   IDT79RV4640/IDT79RC64V474 PCI MEZZANINE CARD
Mar 2020
More results

Similar Description - IDT7M9510SR150M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
7M9514 RENESAS-7M9514 Datasheet
203Kb / 8P
   IDT79RV4640/IDT79RC64V474 PCI MEZZANINE CARD
Mar 2020
logo
National Instruments Co...
778040-01 NI-778040-01 Datasheet
560Kb / 3P
   GPIB Interface for PCI Mezzanine Bus
PMC-GPIB NI-PMC-GPIB Datasheet
609Kb / 3P
   GPIB Interface for PCI Mezzanine Bus
logo
Advantech Co., Ltd.
UNOP-1000I ADVANTECH-UNOP-1000I Datasheet
351Kb / 1P
   PCI & Mini-PCI Expansion Card
30-Oct-2015
logo
Broadcom Corporation.
BCM957454M4540C BOARDCOM-BCM957454M4540C Datasheet
837Kb / 21P
   Single-Port 1/10/25/40/50/100 Gb/s Ethernet PCI Express Gen3 x16 OCP Mezzanine Card
July 18, 2018
logo
MolexKits
76650-0172 MOLEXKITS-76650-0172 Datasheet
38Kb / 2P
   Mezzanine PCB Connectors
logo
Advantech Co., Ltd.
NMC-1012 ADVANTECH-NMC-1012 Datasheet
459Kb / 1P
   8 Ports 10GbE SFP Network Mezzanine Card
21-Mar-2022
NMC-6003 ADVANTECH-NMC-6003 Datasheet
612Kb / 1P
   2 Ports 100GbE QSFP28 Network Mezzanine Card
27-Oct-2020
NMC-2503 ADVANTECH-NMC-2503 Datasheet
458Kb / 1P
   4 Ports 25GbE SFP28 Network Mezzanine Card
21-Mar-2022
logo
Molex Electronics Ltd.
75003-0X05 MOLEX-75003-0X05 Datasheet
608Kb / 2P
   Combination High Speed Mezzanine
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com