Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1485V25-200AXC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1485V25-200AXC
Description  72-Mbit (2M x 36/4M x 18) Pipelined DCD Sync SRAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1485V25-200AXC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1485V25-200AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1485V25-200AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1485V25-200AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1485V25-200AXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1485V25-200AXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1485V25-200AXC Datasheet HTML 11Page - Cypress Semiconductor CY7C1485V25-200AXC Datasheet HTML 12Page - Cypress Semiconductor CY7C1485V25-200AXC Datasheet HTML 13Page - Cypress Semiconductor CY7C1485V25-200AXC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
CY7C1484V25
CY7C1485V25
Document #: 38-05286 Rev. *H
Page 10 of 26
IEEE 1149.1 Serial Boundary Scan (JTAG)
The CY7C1484V25/CY7C1485V25 incorporates a serial
boundary scan test access port (TAP). This port operates in
accordance with IEEE Standard 1149.1-1990 but does not
have the set of functions required for full 1149.1 compliance.
These functions from the IEEE specification are excluded
because their inclusion places an added delay in the critical
speed path of the SRAM. Note that the TAP controller
functions in a manner that does not conflict with the operation
of other devices using 1149.1 fully compliant TAPs. The TAP
operates using JEDEC-standard 2.5V or 1.8V I/O logic levels.
The CY7C1484V25/CY7C1485V25 contains a TAP controller,
instruction register, boundary scan register, bypass register,
and ID register.
Disabling the JTAG Feature
It is possible to operate the SRAM without using the JTAG
feature. To disable the TAP controller, tie TCK LOW (VSS) to
prevent device clocking. TDI and TMS are internally pulled up
and may be unconnected. They may alternatively be
connected to VDD through a pull up resistor. TDO must be left
unconnected. During power up, the device comes up in a reset
state, which does not interfere with the operation of the device.
The 0/1 next to each state represents the value of TMS at the
rising edge of TCK.
Test Access Port (TAP)
Test Clock (TCK)
The test clock is used only with the TAP controller. All inputs
are captured on the rising edge of TCK. All outputs are driven
from the falling edge of TCK.
Test Mode Select (TMS)
The TMS input gives commands to the TAP controller and is
sampled on the rising edge of TCK. It is allowable to leave this
ball unconnected if the TAP is not used. The ball is pulled up
internally, resulting in a logic HIGH level.
Test Data-In (TDI)
The TDI ball serially inputs information into the registers and
can be connected to the input of any of the registers. The
register between TDI and TDO is chosen by the instruction
that is loaded into the TAP instruction register. For information
about loading the instruction register, see the TAP Controller
State Diagram. TDI is internally pulled up and can be uncon-
nected if the TAP is unused in an application. TDI is connected
to the most significant bit (MSB) of any register. (See TAP
Controller Block Diagram.)
Test Data-Out (TDO)
The TDO output ball serially clocks data-out from the registers.
Whether the output is active depends on the current state of
the TAP state machine. The output changes on the falling edge
of TCK. TDO is connected to the least significant bit (LSB) of
any register. (See TAP Controller State Diagram.)
Performing a TAP Reset
A RESET is performed by forcing TMS HIGH (VDD) for five
rising edges of TCK. This RESET does not affect the operation
of the SRAM and may be performed while the SRAM is
operating.
At power up, the TAP is reset internally to ensure that TDO
comes up in a High-Z state.
TAP Registers
Registers are connected between the TDI and TDO balls and
enable data to be scanned into and out of the SRAM test
circuitry. Only one register can be selected at a time through
the instruction register. Data is serially loaded into the TDI ball
on the rising edge of TCK. Data is output on the TDO ball on
the falling edge of TCK.
TAP Controller State Diagram
TEST-LOGIC
RESET
RUN-TEST/
IDLE
SELECT
DR-SCA N
SELECT
IR-SCA N
CA PTURE-DR
SHIFT-DR
CA PTURE-IR
SHIFT-IR
EXIT1-DR
PA USE-DR
EXIT1-IR
PA USE-IR
EXIT2-DR
UPDA TE-DR
EXIT2-IR
UPDA TE-IR
1
1
1
0
1
1
0
0
1
1
1
0
0
0
0
0
0
0
0
0
1
0
1
1
0
1
0
1
1
1
1
0
TAP Controller Block Diagram
Bypass Register
0
Instruction Register
0
1
2
Identification Register
0
1
2
29
30
31
.
.
.
Boundary Scan Register
0
1
2
.
.
x
.
.
.
Selection
Circuitry
TCK
TM S
TAP CONTROLLER
TDI
TDO
Selection
Circuitry
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1485V25-200AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1485V33 CYPRESS-CY7C1485V33 Datasheet
507Kb / 29P
   2M x 36/4M x 18 Pipelined DCD SRAM
CY7C1485V33 CYPRESS-CY7C1485V33 Datasheet
1Mb / 26P
   72-Mbit (2M x 36/4M x 18) Pipelined DCD Sync SRAM
CY7C1485V33-167AC CYPRESS-CY7C1485V33-167AC Datasheet
507Kb / 29P
   2M x 36/4M x 18 Pipelined DCD SRAM
CY7C1485V33-167AXC CYPRESS-CY7C1485V33-167AXC Datasheet
1Mb / 26P
   72-Mbit (2M x 36/4M x 18) Pipelined DCD Sync SRAM
CY7C1485V33-167AXI CYPRESS-CY7C1485V33-167AXI Datasheet
1Mb / 26P
   72-Mbit (2M x 36/4M x 18) Pipelined DCD Sync SRAM
More results

Similar Description - CY7C1485V25-200AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1484V33 CYPRESS-CY7C1484V33_07 Datasheet
1Mb / 26P
   72-Mbit (2M x 36/4M x 18) Pipelined DCD Sync SRAM
CY7C1480V33 CYPRESS-CY7C1480V33_07 Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V25 CYPRESS-CY7C1480V25_06 Datasheet
578Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V33 CYPRESS-CY7C1480V33 Datasheet
398Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V25 CYPRESS-CY7C1480V25 Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480BV33 CYPRESS-CY7C1480BV33 Datasheet
974Kb / 34P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V33 CYPRESS-CY7C1480V33_06 Datasheet
578Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480BV25 CYPRESS-CY7C1480BV25 Datasheet
933Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1444AV25 CYPRESS-CY7C1444AV25 Datasheet
440Kb / 26P
   36-Mbit (1M x 36/2M x 18) Pipelined DCD Sync SRAM
CY7C1484V33 CYPRESS-CY7C1484V33 Datasheet
507Kb / 29P
   2M x 36/4M x 18 Pipelined DCD SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com