Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTRC5000 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDTRC5000
Description  MULTI-ISSUE 64-BIT MICROPROCESSOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTRC5000 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDTRC5000 Datasheet HTML 2Page - Integrated Device Technology IDTRC5000 Datasheet HTML 3Page - Integrated Device Technology IDTRC5000 Datasheet HTML 4Page - Integrated Device Technology IDTRC5000 Datasheet HTML 5Page - Integrated Device Technology IDTRC5000 Datasheet HTML 6Page - Integrated Device Technology IDTRC5000 Datasheet HTML 7Page - Integrated Device Technology IDTRC5000 Datasheet HTML 8Page - Integrated Device Technology IDTRC5000 Datasheet HTML 9Page - Integrated Device Technology IDTRC5000 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
IDT RC5000
COMMERCIAL TEMPERATURE RANGE
6
Pin Description
RC5000 implements a bus similar to that of the RC4700. Table 2 lists and describes the RC5000 signals.
Pin Name
Type
Description
System interface:
ExtRqst*
Input
External Request.
Signals that the system interface needs to submit an external request.
Release*
Output
Release Interface.
Signals that the processor is releasing the system interface to slave state
RdRdy*
Input
Read Ready.
Signals that an external agent can now accept a processor read.
WrRdy*
Input
Write Ready.
Signals that an external agent can now accept a processor write request.
ValidIn*
Input
Valid Input.
Signals that an external agent is now driving a valid address or data on the SysAD bus and a valid com-
mand or data identifier on the SysCmd bus.
ValidOut*
Output
Valid Output.
Signals that the processor is now driving a valid address or data on the SysAD bus and a valid com-
mand or data identifier on the SysCmd bus.
SysAD(63:0)
Input/Output
System Address/Data bus.
A 64-bit address and data bus for communication between the processor and an external agent.
SysADC(7:0)
Input/Output
System Address/Data check bus.
An 8-bit bus containing parity check bits for the SysAD bus during data bus cycles.
SysCmd(8:0)
Input/Output
System Command/data identifier bus.
A 9-bit bus for command and data identifier transmission between the processor and an external agent.
SysCmdP
Input/Output
Reserved System Command/data identifier bus parity.
For the RC5000, unused on input and zero on output.
Clock/control interface:
SysClock
Input
Master Clock.
Master clock input at the bus frequency. The pipeline clock is derived by multiplying this clock up.
VCCP
Input
Quiet VCC for PLL.
Quiet VCC for the internal phase locked loop.
VSSP
Input
Quiet VSS for PLL.
Quiet VSS for the internal phase locked loop.
Interrupt interface:
Int(5:0)*
Input
Interrupt.
Six general processor interrupts, bit-wise ORed with bits 5:0 of the interrupt register.
NMI*
Input
Non-maskable interrupt.
Non-maskable interrupt, ORed with bit 6 of the interrupt register.
JTAG interface:
JTDI
Input
JTAG Data In.
Connected directly to JTDO. No JTAG implemented; should be pulled High.
JTCK
Input
JTAG Clock Input.
Unused input; should be pulled High.
JTDO
Output
JTAG Data Out.
Connected directly to JTDI. If no external scan used, this is a no connect.
Table 2. RC5000 Signal Names and Descriptions (Page 1 of 2)


Similar Part No. - IDTRC5000

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IDT-3030 ADVANTECH-IDT-3030 Datasheet
164Kb / 1P
   Accessories Connectors and Cables
1-Mar-2007
IDT-3120E ADVANTECH-IDT-3120E Datasheet
2Mb / 3P
   Slide Rail
IDT-3120E ADVANTECH-IDT-3120E Datasheet
541Kb / 2P
   2U Rackmount Chassis for ATX/MicroATX Motherboard
IDT-3120E ADVANTECH-IDT-3120E Datasheet
845Kb / 2P
   Micro Computer, Intel® Core™ i7/i5/i3 CPU, H81, 4 Expansions 2PCI/2PCIe, 300W 80Plus PSU
5-Dec-2014
IDT-5101 ADVANTECH-IDT-5101 Datasheet
109Kb / 1P
   Accessories 5.25 Industrial Disk Tray
1-Mar-2007
More results

Similar Description - IDTRC5000

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
79RC5000 IDT-79RC5000 Datasheet
297Kb / 15P
   MULTI-ISSUE 64-BIT MICROPROCESSOR
logo
NEC
UPD30181A NEC-UPD30181A Datasheet
573Kb / 72P
   64-/32-BIT MICROPROCESSOR
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700_08 Datasheet
785Kb / 25P
   64-Bit RISC Microprocessor
logo
NEC
UPD30181 NEC-UPD30181 Datasheet
1Mb / 444P
   64-/32-Bit Microprocessor
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700 Datasheet
328Kb / 25P
   64-Bit RISC Microprocessor
logo
NEC
UPD30102 NEC-UPD30102 Datasheet
2Mb / 701P
   64/32-bit Microprocessor
logo
Renesas Technology Corp
IDT79R4700 RENESAS-IDT79R4700 Datasheet
984Kb / 26P
   64-Bit RISC Microprocessor
December 5, 2008
logo
Toshiba Semiconductor
TMPR4925XB TOSHIBA-TMPR4925XB Datasheet
151Kb / 32P
   64-bit RISC MICROPROCESSOR
logo
NEC
UPD30121 NEC-UPD30121 Datasheet
436Kb / 76P
   VR4121TM 64-/32-BIT MICROPROCESSOR
logo
Aeroflex Circuit Techno...
ACT5260111111 AEROFLEX-ACT5260111111 Datasheet
119Kb / 8P
   ACT5260 64-Bit Superscaler Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com