Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1481V33-133BZXI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1481V33-133BZXI
Description  72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1481V33-133BZXI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1481V33-133BZXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1481V33-133BZXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1481V33-133BZXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1481V33-133BZXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1481V33-133BZXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1481V33-133BZXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1481V33-133BZXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1481V33-133BZXI Datasheet HTML 11Page - Cypress Semiconductor CY7C1481V33-133BZXI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
CY7C1481V33
CY7C1483V33
CY7C1487V33
Document #: 38-05284 Rev. *H
Page 8 of 30
Functional Overview
All synchronous inputs pass through input registers controlled
by the rising edge of the clock. Maximum access delay from
the clock rise (tCDV) is 6.5 ns (133-MHz device).
The CY7C1481V33/CY7C1483V33/CY7C1487V33 supports
secondary cache in systems using either a linear or inter-
leaved burst sequence. The interleaved burst order supports
Pentium and i486™ processors. The linear burst sequence is
suited for processors that use a linear burst sequence. The
burst order is user selectable, and is determined by sampling
the MODE input. Accesses can be initiated with either the
Processor Address Strobe (ADSP) or the Controller Address
Strobe (ADSC). Address advancement through the burst
sequence is controlled by the ADV input. A two-bit on-chip
wraparound burst counter captures the first address in a burst
sequence and automatically increments the address for the
rest of the burst access.
Byte write operations are qualified with the Byte Write Enable
(BWE) and Byte Write Select (BWX) inputs. A Global Write
Enable (GW) overrides all byte write inputs and writes data to
all four bytes. All writes are simplified with on-chip
synchronous self timed write circuitry.
Three synchronous Chip Selects (CE1, CE2, CE3) and an
asynchronous Output Enable (OE) provide easy bank
selection and output tri-state control. ADSP is ignored if CE1
is HIGH.
Single Read Accesses
A single read access is initiated when the following conditions
are satisfied at clock rise: (1) CE1, CE2, and CE3 are all
asserted active, and (2) ADSP or ADSC is asserted LOW (if
the access is initiated by ADSC, the write inputs must be
deasserted during this first cycle). The address presented to
the address inputs is latched into the address register and the
burst counter/control logic and presented to the memory core.
If the OE input is asserted LOW, the requested data is
available at the data outputs a maximum to tCDV after clock
rise. ADSP is ignored if CE1 is HIGH.
Single Write Accesses Initiated by ADSP
This access is initiated when the following conditions are
satisfied at clock rise: (1) CE1, CE2, CE3 are all asserted
active, and (2) ADSP is asserted LOW. The addresses
presented are loaded into the address register and the burst
inputs (GW, BWE, and BWX) are ignored during this first clock
cycle. If the write inputs are asserted active (see “Truth Table
for Read/Write” on page 11 for appropriate states that indicate
a write) on the next clock rise, the appropriate data is latched
and written into the device. Byte writes are supported. All IOs
are tri-stated during a byte write. Because this is a common IO
device, the asynchronous OE input signal must be deasserted
and the I/Os must be tri-stated before the presentation of data
to DQs. As a safety precaution, the data lines are tri-stated
after a write cycle is detected, regardless of the state of OE.
Single Write Accesses Initiated by ADSC
This write access is initiated when the following conditions are
satisfied at clock rise: (1) CE1, CE2, and CE3 are all asserted
active, (2) ADSC is asserted LOW, (3) ADSP is deasserted
HIGH, and (4) the write input signals (GW, BWE, and BWX)
indicate a write access. ADSC is ignored if ADSP is active
LOW.
The addresses presented are loaded into the address register
and the burst counter/control logic and delivered to the
memory core. The information presented to DQs will be written
into the specified address location. Byte writes are supported.
VDD
Power Supply
Power supply inputs to the core of the device.
VDDQ
IO Power Supply Power supply for the IO circuitry.
VSS
Ground
Ground for the core of the device.
VSSQ[2}
I/O Ground
Ground for the IO circuitry.
TDO
JTAG Serial
Output
Synchronous
Serial Data-Out to the JTAG Circuit. Delivers data on the negative edge of TCK. If
the JTAG feature is not used, this pin should be left unconnected. This pin is not
available on TQFP packages.
TDI
JTAG Serial Input
Synchronous
Serial Data-In to the JTAG Circuit. Sampled on the rising edge of TCK. If the JTAG
feature is not used, this pin can be left floating or connected to VDD through a pull up
resistor. This pin is not available on TQFP packages.
TMS
JTAG Serial Input
Synchronous
Serial Data-In to the JTAG Circuit. Sampled on the rising edge of TCK. If the JTAG
feature is not used, this pin can be disconnected or connected to VDD. This pin is not
available on TQFP packages.
TCK
JTAG Clock
Clock Input to the JTAG Circuit. If the JTAG feature is not used, this pin must be
connected to VSS. This pin is not available on TQFP packages.
NC
-
No Connects. Not internally connected to the die. 144M, 288M, 576M, and 1G are
address expansion pins and are not internally connected to the die.
Pin Definitions (continued)
Pin Name
IO
Description
Note
2. Applicable for TQFP package. For BGA package VSS serves as ground for the core and the IO circuitry.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1481V33-133BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1481V33-133BZC CYPRESS-CY7C1481V33-133BZC Datasheet
638Kb / 30P
   2M x 36/4M x 18/1M x 72 Flow-through SRAM
More results

Similar Description - CY7C1481V33-133BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1481V25 CYPRESS-CY7C1481V25 Datasheet
1Mb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM
CY7C1481V33 CYPRESS-CY7C1481V33 Datasheet
638Kb / 30P
   2M x 36/4M x 18/1M x 72 Flow-through SRAM
CY7C1471V33 CYPRESS-CY7C1471V33_07 Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1471V25 CYPRESS-CY7C1471V25 Datasheet
373Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471V25 CYPRESS-CY7C1471V25_07 Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1471BV33 CYPRESS-CY7C1471BV33 Datasheet
907Kb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471BV25 CYPRESS-CY7C1471BV25 Datasheet
848Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471V33 CYPRESS-CY7C1471V33 Datasheet
375Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1441AV33 CYPRESS-CY7C1441AV33 Datasheet
572Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM
CY7C1441AV25 CYPRESS-CY7C1441AV25 Datasheet
529Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com