Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7M9514S100M Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT7M9514S100M
Description  IDT79RV4640/IDT79RC64V474 PCI MEZZANINE CARD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7M9514S100M Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT7M9514S100M Datasheet HTML 1Page - Integrated Device Technology IDT7M9514S100M Datasheet HTML 2Page - Integrated Device Technology IDT7M9514S100M Datasheet HTML 3Page - Integrated Device Technology IDT7M9514S100M Datasheet HTML 4Page - Integrated Device Technology IDT7M9514S100M Datasheet HTML 5Page - Integrated Device Technology IDT7M9514S100M Datasheet HTML 6Page - Integrated Device Technology IDT7M9514S100M Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
1999
Integrated Device Technology, Inc.
©
IDT
IDT7M9510 / IDT7M9514
SYSTEM FPGA
The system FPGA is responsible for the following functions: Processor
initialization, Reset Control, Device Decoding, Interrupt Masking / Mapping.
PROCESSOR INITIALIZATION
The 79RV4640 / 79RC64V474 requires a serial data stream for initializa-
tion. The initialization process is handled by the system FPGA.
RESET CONTROL
Once the FPGA is loaded, the CPU is booted by sequencing the VCCOK,
WARMRESET,COLDRESETlines. Atboot-up,theCPUappliesMODECLOCK
to the FPGA to read out several bytes of configuration information using the
MODEIN line.
Thereisapushbuttonforresettingthe7M9510/7M9514. Thisisconnected
to the FPGA through the SYSRESET signal. Additionally, a 2-pin header is
provided for connection to an external reset switch.
INTERRUPT STRUCTURE
The system FPGA implements a basic interrupt controller that maps the
variousinterruptsourcestotheCPUinterrupts. ItalsogivestheCPUtheability
to mask interrupts and generate PCI interrupts.
PCI INTERFACE
TheGT-64011includesafullfeaturedhosttoPCIbridgewhichcanoperate
as either a target or initiator. For improved performance the bridge contains 96
bytes of posted write and read prefetch buffers.
TheGT-64011initiatesPCIcycleswheneithertheCPUortheDMAengine
generates a bus cycle to PCI address space. These cycles can be either
Memory, Interrupt Acknowledge, Special, I/O, or Configuration cycles. Con-
figuration registers can be accessed from either the host bus or the PCI bus.
The GT-64011 includes a full featured DRAM controller and generates all
control signals for the DRAM SIMM.
Further information can be found in the GT-64011 Data Sheet, available
from Galileo Technology.
PC16552DUALSERIALPORTCONTROLLER
The PC16552D is a Dual Universal Asynchronous Receiver/Transmitter.
EachindependentchannelissoftwarecompatiblewiththePC16550D. Further
informationcanbefoundinthePC16552DDataSheet,availablefromNational
Semiconductor.
WATCHDOG TIMER
The WatchDog Timer generates a non-maskable interrupt from a
MAX706TCSA. It is used to control the system reset logic and to provide a
watchdog reset. Further information can be found in the MAX706 Data Sheet,
available from Maxim.
BOARD OVERVIEW
The IDT7M9510/9514 consists of the following functional blocks:
IDT79RV4640/IDT79RC64V474 MIPS processor, Galileo GT-64011 PCI
System Controller, DRAM memory, system Glue Logic (FPGA based), Flash/
EPROM and dual serial channels. The IDT7M9510/9514 CPU subsystem is
designedtointerfacewithitstargetedsystemthroughastandardPCIMezzanine
Card form factor.
IDT79RV4640PROCESSOR
The IDT79RV4640 is a high performance cost-effective MIPS processor
targeted at embedded applications which runs at internal frequencies from
100MHz to 200MHz. Further information can be found in the 79RV4640 Data
Sheet, available from IDT.
IDT79RC64V474PROCESSOR
TheIDT79RC64V474isahighperformancecost-effectiveMIPSprocessor
targeted at embedded applications which runs at internal frequencies from
180MHzto250MHz. Furtherinformationcanbefoundinthe79RC64V474Data
Sheet, available from IDT.
GT-64011 PCI SYSTEM CONTROLLER
The GT-64011 is a system support device from Galileo Technology, Inc.
Thischipprovidesthebulkofthesystemcontrolandsupportfunctionsrequired
foraMIPSRV4640/RC64V474CPUbasedsystem.TheGT-64011hasathree
bus architecture. These three busses are: a CPU bus interface, a PCI bus
interfaceandamemory/devicebusinterface.InadditiontheGT-64011contains
a DRAM controller and a DMA controller. Further information can be found in
the GT-64011 Data Sheet, available from Galileo Technology.
DRAM
The main memory is implemented using one standard 72-position DRAM
SIMM providing a 32-bit path to memory.
The main memory is designed to support one or two banks of DRAM which
is dependent on the type of SIMM being used. One bank is supported when
a single bank DRAM SIMM is used (e.g., 1M x 32), and two banks are
supported when a double bank DRAM SIMM is used (e.g., 2M x 32). The
design can use any standard DRAM SIMM containing 4MB (1M x 32), 8MB
(2M x 32), 16 MB (4M x 32), or 32MB (8M x 32), 64MB (16M x 32), or 128MB
(32M x 32) allowing the 7M9510/7M9514 to have up to a maximum of 128MB
of memory. 60ns memory is recommended. The memory configuration is
flexible and is field upgradeable.
BOOT EPROM
The Boot EPROM is a standard 512K x 8 EPROM which holds the boot
code, the debug monitor and power-on diagnostics. (Socket supports Flash
chip for development)
FLASH MEMORY
The 7M9510 / 7M9514 has 2MB of Flash on board, configured as 512K
x 32.


Similar Part No. - IDT7M9514S100M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT7M9514 RENESAS-IDT7M9514 Datasheet
203Kb / 8P
   IDT79RV4640/IDT79RC64V474 PCI MEZZANINE CARD
Mar 2020
More results

Similar Description - IDT7M9514S100M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
7M9514 RENESAS-7M9514 Datasheet
203Kb / 8P
   IDT79RV4640/IDT79RC64V474 PCI MEZZANINE CARD
Mar 2020
logo
National Instruments Co...
778040-01 NI-778040-01 Datasheet
560Kb / 3P
   GPIB Interface for PCI Mezzanine Bus
PMC-GPIB NI-PMC-GPIB Datasheet
609Kb / 3P
   GPIB Interface for PCI Mezzanine Bus
logo
Advantech Co., Ltd.
UNOP-1000I ADVANTECH-UNOP-1000I Datasheet
351Kb / 1P
   PCI & Mini-PCI Expansion Card
30-Oct-2015
logo
Broadcom Corporation.
BCM957454M4540C BOARDCOM-BCM957454M4540C Datasheet
837Kb / 21P
   Single-Port 1/10/25/40/50/100 Gb/s Ethernet PCI Express Gen3 x16 OCP Mezzanine Card
July 18, 2018
logo
MolexKits
76650-0172 MOLEXKITS-76650-0172 Datasheet
38Kb / 2P
   Mezzanine PCB Connectors
logo
Advantech Co., Ltd.
NMC-1012 ADVANTECH-NMC-1012 Datasheet
459Kb / 1P
   8 Ports 10GbE SFP Network Mezzanine Card
21-Mar-2022
NMC-6003 ADVANTECH-NMC-6003 Datasheet
612Kb / 1P
   2 Ports 100GbE QSFP28 Network Mezzanine Card
27-Oct-2020
NMC-2503 ADVANTECH-NMC-2503 Datasheet
458Kb / 1P
   4 Ports 25GbE SFP28 Network Mezzanine Card
21-Mar-2022
logo
Molex Electronics Ltd.
75003-0X05 MOLEX-75003-0X05 Datasheet
608Kb / 2P
   Combination High Speed Mezzanine
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com