Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1482V33-167AXC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1482V33-167AXC
Description  72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1482V33-167AXC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1482V33-167AXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1482V33-167AXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1482V33-167AXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1482V33-167AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1482V33-167AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1482V33-167AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1482V33-167AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1482V33-167AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1482V33-167AXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
72-Mbit (2M x 36/4M x 18/1M x 72)
Pipelined Sync SRAM
CY7C1480V33
CY7C1482V33
CY7C1486V33
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-05283 Rev. *H
Revised April 23, 2007
Features
• Supports bus operation up to 250 MHz
• Available speed grades are 250, 200, and 167 MHz
• Registered inputs and outputs for pipelined operation
• 3.3V core power supply
• 2.5V/3.3V I/O operation
• Fast clock-to-output times
— 3.0 ns (for 250 MHz device)
• Provide high performance 3-1-1-1 access rate
• User selectable burst counter supporting Intel®
Pentium® interleaved or linear burst sequences
• Separate processor and controller address strobes
• Synchronous self timed writes
• Asynchronous output enable
• Single cycle chip deselect
• CY7C1480V33, CY7C1482V33 available in
JEDEC-standard Pb-free 100-pin TQFP, Pb-free and
non-Pb-free 165-ball FBGA package. CY7C1486V33
available in Pb-free and non-Pb-free 209-ball FBGA
package
• IEEE 1149.1 JTAG-Compatible Boundary Scan
• “ZZ” Sleep Mode option
Functional Description[1]
The CY7C1480V33/CY7C1482V33/CY7C1486V33 SRAM
integrates 2M x 36/4M x 18/1M × 72 SRAM cells with
advanced synchronous peripheral circuitry and a two-bit
counter for internal burst operation. All synchronous inputs are
gated by registers controlled by a positive-edge-triggered
Clock Input (CLK). The synchronous inputs include all
addresses, all data inputs, address-pipelining Chip Enable
(CE1), depth-expansion Chip Enables (CE2 and CE3), Burst
Control inputs (ADSC, ADSP, and ADV), Write Enables (BWX,
and BWE), and Global Write (GW). Asynchronous inputs
include the Output Enable (OE) and the ZZ pin.
Addresses and chip enables are registered at the rising edge
of the clock when either Address Strobe Processor (ADSP) or
Address Strobe Controller (ADSC) are active. Subsequent
burst addresses can be internally generated as controlled by
the Advance pin (ADV).
Address, data inputs, and write controls are registered on-chip
to initiate a self timed write cycle.This part supports byte write
operations (see “Pin Definitions” on page 7 and “Truth Table”
on page 10 for further details). Write cycles can be one to two
or four bytes wide as controlled by the byte write control inputs.
GW when active LOW causes all bytes to be written.
The CY7C1480V33/CY7C1482V33/CY7C1486V33 operates
from a +3.3V core power supply while all outputs may operate
with either a +2.5 or +3.3V supply. All inputs and outputs are
JEDEC standard JESD8-5 compatible.
Selection Guide
250 MHz
200 MHz
167 MHz
Unit
Maximum Access Time
3.0
3.0
3.4
ns
Maximum Operating Current
500
500
450
mA
Maximum CMOS Standby Current
120
120
120
mA
Note
1. For best practices recommendations, please refer to the Cypress application note AN1064, SRAM System Guidelines.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1482V33-167AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1482V33-167AXC CYPRESS-CY7C1482V33-167AXC Datasheet
398Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1482V33-167AXC CYPRESS-CY7C1482V33-167AXC Datasheet
578Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
More results

Similar Description - CY7C1482V33-167AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1480V25 CYPRESS-CY7C1480V25_06 Datasheet
578Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V33 CYPRESS-CY7C1480V33_06 Datasheet
578Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480BV25 CYPRESS-CY7C1480BV25 Datasheet
933Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V33 CYPRESS-CY7C1480V33 Datasheet
398Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V25 CYPRESS-CY7C1480V25 Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480BV33 CYPRESS-CY7C1480BV33 Datasheet
974Kb / 34P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1484V25 CYPRESS-CY7C1484V25 Datasheet
1Mb / 26P
   72-Mbit (2M x 36/4M x 18) Pipelined DCD Sync SRAM
CY7C1484V33 CYPRESS-CY7C1484V33_07 Datasheet
1Mb / 26P
   72-Mbit (2M x 36/4M x 18) Pipelined DCD Sync SRAM
CY7C1440AV33 CYPRESS-CY7C1440AV33_06 Datasheet
581Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
CY7C1440AV25 CYPRESS-CY7C1440AV25 Datasheet
524Kb / 32P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com