Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1482V25-167BZC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1482V25-167BZC
Description  72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1482V25-167BZC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1482V25-167BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1482V25-167BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1482V25-167BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1482V25-167BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1482V25-167BZC Datasheet HTML 9Page - Cypress Semiconductor CY7C1482V25-167BZC Datasheet HTML 10Page - Cypress Semiconductor CY7C1482V25-167BZC Datasheet HTML 11Page - Cypress Semiconductor CY7C1482V25-167BZC Datasheet HTML 12Page - Cypress Semiconductor CY7C1482V25-167BZC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
CY7C1480V25
CY7C1482V25
CY7C1486V25
Document #: 38-05282 Rev. *H
Page 9 of 32
DQs are automatically tri-stated whenever a write cycle is
detected, regardless of the state of OE.
Single Write Accesses Initiated by ADSC
ADSC Write accesses are initiated when the following condi-
tions are satisfied: (1) ADSC is asserted LOW, (2) ADSP is
deasserted HIGH, (3) CE1, CE2, CE3 are all asserted active,
and (4) the appropriate combination of the write inputs (GW,
BWE, and BWX) are asserted active to conduct a write to the
desired byte(s). ADSC-triggered write accesses need a single
clock cycle to complete. The address presented to A is loaded
into the address register and the address advancement logic
while being delivered to the memory array. The ADV input is
ignored during this cycle. If a global write is conducted, the
data presented to the DQs is written into the corresponding
address location in the memory core. If a byte write is
conducted, only the selected bytes are written. Bytes not
selected during a byte write operation remain unaltered. A
synchronous self-timed write mechanism has been provided
to simplify the write operations.
Because CY7C1480V25/CY7C1482V25/CY7C1486V25 is a
common IO device, the Output Enable (OE) must be
deasserted HIGH before presenting data to the DQs inputs.
Doing so tri-states the output drivers. As a safety precaution,
DQs are automatically tri-stated whenever a write cycle is
detected, regardless of the state of OE.
Burst Sequences
The CY7C1480V25/CY7C1482V25/CY7C1486V25 provides
a two-bit wraparound counter, fed by A1: A0, that implements
either an interleaved or linear burst sequence. The interleaved
burst sequence is designed specifically to support Intel
Pentium applications. The linear burst sequence is designed
to support processors that follow a linear burst sequence. The
burst sequence is user selectable through the MODE input.
Asserting ADV LOW at clock rise automatically increments the
burst counter to the next address in the burst sequence. Both
Read and Write burst operations are supported.
Sleep Mode
The ZZ input pin is an asynchronous input. Asserting ZZ
places the SRAM in a power conservation “sleep” mode. Two
clock cycles are required to enter into or exit from this “sleep”
mode. While in this mode, data integrity is guaranteed.
Accesses pending when entering the “sleep” mode are not
considered valid nor is the completion of the operation
guaranteed. The device must be deselected prior to entering
the “sleep” mode. CE1, CE2, CE3, ADSP, and ADSC must
remain inactive for the duration of tZZREC after the ZZ input
returns LOW.
Interleaved Burst Address Table
(MODE = Floating or VDD)
First
Address
A1: A0
Second
Address
A1: A0
Third
Address
A1: A0
Fourth
Address
A1: A0
00
01
10
11
01
00
11
10
10
11
00
01
11
10
01
00
Linear Burst Address Table
(MODE = GND)
First
Address
A1: A0
Second
Address
A1: A0
Third
Address
A1: A0
Fourth
Address
A1: A0
00
01
10
11
01
10
11
00
10
11
00
01
11
00
01
10
ZZ Mode Electrical Characteristics
Parameter
Description
Test Conditions
Min.
Max.
Unit
IDDZZ
Sleep Mode Standby Current
ZZ > VDD – 0.2V
120
mA
tZZS
Device Operation to ZZ
ZZ > VDD – 0.2V
2tCYC
ns
tZZREC
ZZ Recovery Time
ZZ < 0.2V
2tCYC
ns
tZZI
ZZ Active to Sleep Current
This parameter is sampled
2tCYC
ns
tRZZI
ZZ Inactive to Exit Sleep Current
This parameter is sampled
0
ns
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1482V25-167BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1482V25-167BZC CYPRESS-CY7C1482V25-167BZC Datasheet
578Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
More results

Similar Description - CY7C1482V25-167BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1480V33 CYPRESS-CY7C1480V33_07 Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V25 CYPRESS-CY7C1480V25_06 Datasheet
578Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V33 CYPRESS-CY7C1480V33_06 Datasheet
578Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480BV25 CYPRESS-CY7C1480BV25 Datasheet
933Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V33 CYPRESS-CY7C1480V33 Datasheet
398Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480BV33 CYPRESS-CY7C1480BV33 Datasheet
974Kb / 34P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1484V25 CYPRESS-CY7C1484V25 Datasheet
1Mb / 26P
   72-Mbit (2M x 36/4M x 18) Pipelined DCD Sync SRAM
CY7C1484V33 CYPRESS-CY7C1484V33_07 Datasheet
1Mb / 26P
   72-Mbit (2M x 36/4M x 18) Pipelined DCD Sync SRAM
CY7C1440AV33 CYPRESS-CY7C1440AV33_06 Datasheet
581Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
CY7C1440AV25 CYPRESS-CY7C1440AV25 Datasheet
524Kb / 32P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com