Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1423BV18-300BZI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1423BV18-300BZI
Description  36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1423BV18-300BZI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1423BV18-300BZI Datasheet HTML 4Page - Cypress Semiconductor CY7C1423BV18-300BZI Datasheet HTML 5Page - Cypress Semiconductor CY7C1423BV18-300BZI Datasheet HTML 6Page - Cypress Semiconductor CY7C1423BV18-300BZI Datasheet HTML 7Page - Cypress Semiconductor CY7C1423BV18-300BZI Datasheet HTML 8Page - Cypress Semiconductor CY7C1423BV18-300BZI Datasheet HTML 9Page - Cypress Semiconductor CY7C1423BV18-300BZI Datasheet HTML 10Page - Cypress Semiconductor CY7C1423BV18-300BZI Datasheet HTML 11Page - Cypress Semiconductor CY7C1423BV18-300BZI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
PRELIMINARY
CY7C1422BV18
CY7C1429BV18
CY7C1423BV18
CY7C1424BV18
Document Number: 001-07035 Rev. *B
Page 8 of 28
internal circuitry will automatically tri-state the outputs
following the next rising edge of the positive output clock (C).
Write Operations
Write operations are initiated by asserting R/W LOW and LD
LOW at the rising edge of the positive input clock (K). On the
following K clock rise the data presented to D[17:0] is latched
and stored into the lower 18-bit Write Data register provided
BWS[1:0] are both asserted active. On the subsequent rising
edge of the negative input clock (K), the information presented
to D[17:0] is also stored into the Write Data register provided
BWS[1:0] are both asserted active. Write accesses can be
initiated on every rising edge of input clock (K). Doing so
pipelines the data flow so that 18 bits of data are written into
the device on every rising edge of both input clocks (K and K).
When Write access is deselected, the device will ignore all
data inputs after the pending Write operations have been
completed.
Byte Write Operations
Byte Write operations are supported by the CY7C1423BV18.
A Write operation is initiated as described in the Write Opera-
tions section above. The bytes that are written are determined
by BWS0 and BWS1, which are sampled with each set of 18-bit
data words. Asserting the appropriate Byte Write Select input
during the data portion of a Write will allow the data being
presented to be latched and written into the device.
Deasserting the Byte Write Select input during the data portion
of a write will allow the data stored in the device for that byte
to remain unaltered. This feature can be used to simplify
Read/Modify/Write operations to a Byte Write operation.
Single Clock Mode
The CY7C1423BV18 can be used with a single clock that
controls both the input and output registers. In this mode the
device will recognize only a single pair of input clocks (K and
K) that control both the input and output registers. This
operation is identical to the operation if the device had zero
skew between the K/K and C/C clocks. All timing parameters
remain the same in this mode. To use this mode of operation,
the user must tie C and C HIGH at power-on. This function is
a strap option and not alterable during device operation. The
echo clocks are synchronized to input clocks K/K in this mode.
DDR Operation
The CY7C1423BV18 enables high-performance operation
through high clock frequencies (achieved through pipelining)
and double DDR mode of operation. If a Read occurs after a
Write cycle, address and data for the Write are stored in
registers. The write information must be stored because the
SRAM can not perform the last word Write to the array without
conflicting with the Read. The data stays in this register until
the next Write cycle occurs. On the first Write cycle after the
Read(s), the stored data from the earlier Write will be written
into the SRAM array. This is called a Posted Write.
Depth Expansion
Depth expansion requires replicating the LD control signal for
each bank. All other control signals can be common between
banks as appropriate.
Programmable Impedance
An external resistor, RQ, must be connected between the ZQ
pin on the SRAM and VSS to allow the SRAM to adjust its
output driver impedance. The value of RQ must be 5X the
value of the intended line impedance driven by the SRAM. The
allowable range of RQ to guarantee impedance matching with
a tolerance of ±15% is between 175
Ω and 350Ω, with
VDDQ = 1.5V. The output impedance is adjusted every 1024
cycles upon power-up to account for drifts in supply voltage
and temperature.
Echo Clocks
Echo clocks are provided on the DDR-II to simplify data
capture on high-speed systems. Two echo clocks are
generated by the DDR-II. CQ is referenced with respect to C
and CQ is referenced with respect to C. These are
free-running clocks and are synchronized to the output clock
of the Separate I/O DDR. In the single clock mode, CQ is
generated with respect to K and CQ is generated with respect
to K. The timings for the echo clocks are shown in the AC
Timing table.
DLL
These chips utilize a Delay Lock Loop (DLL) that is designed
to function between 80 MHz and the specified maximum clock
frequency. During power-up, when the DOFF is tied HIGH, the
DLL gets locked after 1024 cycles of stable clock. The DLL can
also be reset by slowing or stopping the input clock K and K
for a minimum of 30 ns. However, it is not necessary for the
DLL to be specifically reset in order to lock the DLL to the
desired frequency. The DLL will automatically lock 1024 clock
cycles after a stable clock is presented. The DLL may be
disabled by applying ground to the DOFF pin. When the DLL
is turned off, the device will behave in DDR-I mode (with one
cycle latency and a longer access time). For information refer
to
the
application
note
“DLL
Considerations
in
QDRII™/DDRII”.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1423BV18-300BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1423BV18-300BZI CYPRESS-CY7C1423BV18-300BZI Datasheet
658Kb / 30P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1423BV18-300BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1422JV18 CYPRESS-CY7C1422JV18 Datasheet
678Kb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422AV18 CYPRESS-CY7C1422AV18 Datasheet
466Kb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422BV18 CYPRESS-CY7C1422BV18_07 Datasheet
658Kb / 30P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422KV18 CYPRESS-CY7C1422KV18 Datasheet
944Kb / 32P
   36-Mbit DDR II SIO SRAM 2-Word Burst Architecture
CY7C1522AV18 CYPRESS-CY7C1522AV18_07 Datasheet
686Kb / 30P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1522V18 CYPRESS-CY7C1522V18 Datasheet
446Kb / 28P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392JV18 CYPRESS-CY7C1392JV18 Datasheet
1Mb / 26P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392BV18 CYPRESS-CY7C1392BV18 Datasheet
483Kb / 27P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1522AV18 CYPRESS-CY7C1522AV18 Datasheet
1Mb / 28P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392CV18 CYPRESS-CY7C1392CV18 Datasheet
695Kb / 30P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com