Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1471V33 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1471V33
Description  72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL??Architecture
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1471V33 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1471V33 Datasheet HTML 1Page - Cypress Semiconductor CY7C1471V33 Datasheet HTML 2Page - Cypress Semiconductor CY7C1471V33 Datasheet HTML 3Page - Cypress Semiconductor CY7C1471V33 Datasheet HTML 4Page - Cypress Semiconductor CY7C1471V33 Datasheet HTML 5Page - Cypress Semiconductor CY7C1471V33 Datasheet HTML 6Page - Cypress Semiconductor CY7C1471V33 Datasheet HTML 7Page - Cypress Semiconductor CY7C1471V33 Datasheet HTML 8Page - Cypress Semiconductor CY7C1471V33 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
72-Mbit (2M x 36/4M x 18/1M x 72)
Flow-Through SRAM with NoBL™ Architecture
CY7C1471V33
CY7C1473V33
CY7C1475V33
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-05288 Rev. *J
Revised July 04, 2007
Features
• No Bus Latency™ (NoBL™) architecture eliminates dead
cycles between write and read cycles
• Supports up to 133 MHz bus operations with zero wait states
• Data is transferred on every clock
• Pin compatible and functionally equivalent to ZBT™ devices
• Internally self timed output buffer control to eliminate the
need to use OE
• Registered inputs for flow through operation
• Byte Write capability
• 3.3V/2.5V IO supply (VDDQ)
• Fast clock-to-output times
— 6.5 ns (for 133-MHz device)
• Clock Enable (CEN) pin to enable clock and suspend
operation
• Synchronous self timed writes
• Asynchronous Output Enable (OE)
• CY7C1471V33, CY7C1473V33 available in
JEDEC-standard Pb-free 100-Pin TQFP, Pb-free and
non-Pb-free 165-Ball FBGA package. CY7C1475V33
available in Pb-free and non-Pb-free 209-Ball FBGA
package
• Three Chip Enables (CE1, CE2, CE3) for simple depth
expansion
• Automatic power down feature available using ZZ mode or
CE deselect
• IEEE 1149.1 JTAG Boundary Scan compatible
• Burst Capability — linear or interleaved burst order
• Low standby power
Functional Description [1]
The CY7C1471V33, CY7C1473V33 and CY7C1475V33 are
3.3V, 2M x 36/4M x 18/1M x 72 synchronous flow through burst
SRAMs designed specifically to support unlimited true
back-to-back read or write operations without the insertion of
wait states. The CY7C1471V33, CY7C1473V33 and
CY7C1475V33 are equipped with the advanced No Bus
Latency (NoBL) logic required to enable consecutive read or
write operations with data being transferred on every clock
cycle. This feature dramatically improves the throughput of
data through the SRAM, especially in systems that require
frequent write-read transitions.
All synchronous inputs pass through input registers controlled
by the rising edge of the clock. The clock input is qualified by
the Clock Enable (CEN) signal, which when deasserted
suspends operation and extends the previous clock
cycle.Maximum access delay from the clock rise is 6.5 ns
(133-MHz device).
Write operations are controlled by two or four Byte Write Select
(BWX) and a Write Enable (WE) input. All writes are conducted
with on-chip synchronous self timed write circuitry.
Three synchronous Chip Enables (CE1, CE2, CE3) and an
asynchronous Output Enable (OE) provide for easy bank
selection and output tri-state control. To avoid bus contention,
the output drivers are synchronously tri-stated during the data
portion of a write sequence.
Selection Guide
133 MHz
117 MHz
Unit
Maximum Access Time
6.5
8.5
ns
Maximum Operating Current
305
275
mA
Maximum CMOS Standby Current
120
120
mA
Note
1. For best practice recommendations, refer to the Cypress application note AN1064, SRAM System Guidelines.


Similar Part No. - CY7C1471V33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1471V33 CYPRESS-CY7C1471V33 Datasheet
375Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471V33-100AXC CYPRESS-CY7C1471V33-100AXC Datasheet
375Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471V33-100BZC CYPRESS-CY7C1471V33-100BZC Datasheet
375Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471V33-100BZXC CYPRESS-CY7C1471V33-100BZXC Datasheet
375Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471V33-133AXC CYPRESS-CY7C1471V33-133AXC Datasheet
375Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
More results

Similar Description - CY7C1471V33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1471V25 CYPRESS-CY7C1471V25 Datasheet
373Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471V25 CYPRESS-CY7C1471V25_07 Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1471BV33 CYPRESS-CY7C1471BV33 Datasheet
907Kb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471BV25 CYPRESS-CY7C1471BV25 Datasheet
848Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471V33 CYPRESS-CY7C1471V33 Datasheet
375Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1474V25 CYPRESS-CY7C1474V25 Datasheet
382Kb / 27P
   72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470V33 CYPRESS-CY7C1470V33_06 Datasheet
520Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470V25 CYPRESS-CY7C1470V25_06 Datasheet
517Kb / 28P
   72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
CY7C1470BV25 CYPRESS-CY7C1470BV25 Datasheet
868Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470BV33 CYPRESS-CY7C1470BV33 Datasheet
902Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com