Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1461AV33-133AXC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1461AV33-133AXC
Description  36-Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1461AV33-133AXC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1461AV33-133AXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1461AV33-133AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1461AV33-133AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1461AV33-133AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1461AV33-133AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1461AV33-133AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1461AV33-133AXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1461AV33-133AXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1461AV33-133AXC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
CY7C1461AV33
CY7C1463AV33
CY7C1465AV33
Document #: 38-05356 Rev. *F
Page 7 of 31
Pin Configurations (continued)
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
123456789
11
10
DQg
DQg
DQg
DQg
DQg
DQg
DQg
DQg
DQc
DQc
DQc
DQc
NC
DQPg
DQh
DQh
DQh
DQh
DQd
DQd
DQd
DQd
DQPd
DQPc
DQc
DQc
DQc
DQc
NC
DQh
DQh
DQh
DQh
DQPh
DQd
DQd
DQd
DQd
DQb
DQb
DQb
DQb
DQb
DQb
DQb
DQb
DQf
DQf
DQf
DQf
NC
DQPf
DQa
DQa
DQa
DQa
DQe
DQe
DQe
DQe
DQPa
DQPb
DQf
DQf
DQf
DQf
NC
DQa
DQa
DQa
DQa
DQPe
DQe
DQe
DQe
DQe
AA
AA
NC
NC
NC/144M
NC/72M
A
NC/288M
A
AA
AA
A
A1
A0
A
AA
AA
A
NC/576M
NC
NC
NC
NC
NC
BWSb
BWSf
BWSe
BWSa
BWSc
BWSg
BWSd
BWSh
TMS
TDI
TDO
TCK
NC
NC
MODE
NC
CEN
VSS
NC
CLK
NC
VSS
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
NC/1G
VDD
NC
OE
CE3
CE1
CE2
ADV/LD
WE
VSS
VSS
VSS
VSS
VSS
VSS
VSS
ZZ
VSS
VSS
VSS
VSS
NC
VDDQ
VSS
VSS
NC
VSS
VSS
VSS
VSS
VSS
VSS
NC
VSS
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
209-Ball FBGA (14 x 22 x 1.76 mm) Pinout
CY7C1465AV33 (512K × 72)


Similar Part No. - CY7C1461AV33-133AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1461AV33-133AXC CYPRESS-CY7C1461AV33-133AXC Datasheet
511Kb / 29P
   36-Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1461AV33-133AXC CYPRESS-CY7C1461AV33-133AXC Datasheet
859Kb / 32P
   36 Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1461AV33-133AXC CYPRESS-CY7C1461AV33-133AXC Datasheet
1Mb / 34P
   36-Mbit (1 M x 36/2 M x 18/512 k x 72) Flow-Through SRAM with NoBL Architecture
CY7C1461AV33-133AXC CYPRESS-CY7C1461AV33-133AXC Datasheet
442Kb / 24P
   36-Mbit (1 M 횞 36/2 M 횞 18) Flow-Through SRAM with NoBL??Architecture
More results

Similar Description - CY7C1461AV33-133AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1461AV33 CYPRESS-CY7C1461AV33_08 Datasheet
859Kb / 32P
   36 Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1461AV33 CYPRESS-CY7C1461AV33_06 Datasheet
511Kb / 29P
   36-Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1461AV25 CYPRESS-CY7C1461AV25 Datasheet
459Kb / 29P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1371D CYPRESS-CY7C1371D_07 Datasheet
1,011Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1371DV25 CYPRESS-CY7C1371DV25 Datasheet
444Kb / 28P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1371C CYPRESS-CY7C1371C Datasheet
791Kb / 33P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL Architecture
CY7C1460AV33 CYPRESS-CY7C1460AV33 Datasheet
395Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1460AV25 CYPRESS-CY7C1460AV25_06 Datasheet
511Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1471V33 CYPRESS-CY7C1471V33_07 Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1460AV33 CYPRESS-CY7C1460AV33_06 Datasheet
513Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com