Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1445AV33-167BZC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1445AV33-167BZC
Description  36-Mbit (1M x 36/2Mx 18) Pipelined DCD Sync SRAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1445AV33-167BZC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1445AV33-167BZC Datasheet HTML 1Page - Cypress Semiconductor CY7C1445AV33-167BZC Datasheet HTML 2Page - Cypress Semiconductor CY7C1445AV33-167BZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1445AV33-167BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1445AV33-167BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1445AV33-167BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1445AV33-167BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1445AV33-167BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1445AV33-167BZC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
36-Mbit (1M x 36/2Mx 18) Pipelined
DCD Sync SRAM
CY7C1444AV33
CY7C1445AV33
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-05352 Rev. *E
Revised June 22, 2006
Features
• Supports bus operation up to 250 MHz
• Available speed grades are 250, 200, and 167 MHz
• Registered inputs and outputs for pipelined operation
• Optimal for performance (Double-Cycle deselect)
• Depth expansion without wait state
• 3.3V core power supply
• 2.5V/3.3V I/O power supply
• Fast clock-to-output times
— 2.6 ns (for 250-MHz device)
• Provide high-performance 3-1-1-1 access rate
• User-selectable burst counter supporting Intel®
Pentium® interleaved or linear burst sequences
• Separate processor and controller address strobes
• Synchronous self-timed writes
• Asynchronous output enable
• CY7C1444AV33, CY7C1445AV33 available in
JEDEC-standard lead-free 100-pin TQFP package and
lead-free and non-lead-free 165-ball FBGA package
• IEEE 1149.1 JTAG-compatible Boundary Scan
• “ZZ” Sleep Mode Option
Functional Description[1]
The CY7C1444AV33/CY7C1445AV33 SRAM integrates 1M x
36/2M x 18 SRAM cells with advanced synchronous
peripheral circuitry and a two-bit counter for internal burst
operation. All synchronous inputs are gated by registers
controlled by a positive-edge-triggered Clock Input (CLK). The
synchronous inputs include all addresses, all data inputs,
address-pipelining Chip Enable (CE1), depth- expansion Chip
Enables (CE2 and CE3), Burst Control inputs (ADSC, ADSP,
and ADV), Write Enables (BWX, and BWE), and Global Write
(GW). Asynchronous inputs include the Output Enable (OE)
and the ZZ pin.
Addresses and chip enables are registered at rising edge of
clock when either Address Strobe Processor (ADSP) or
Address Strobe Controller (ADSC) are active. Subsequent
burst addresses can be internally generated as controlled by
the Advance pin (ADV).
Address, data inputs, and write controls are registered on-chip
to initiate a self-timed Write cycle. This part supports Byte
Write operations (see Pin Descriptions and Truth Table for
further details). Write cycles can be one to four bytes wide as
controlled by the byte write control inputs. GW active LOW
causes all bytes to be written. This device incorporates an
additional pipelined enable register which delays turning off
the output buffers an additional cycle when a deselect is
executed.This feature allows depth expansion without penal-
izing system performance.
The CY7C1444AV33/CY7C1445AV33 operates from a +3.3V
core power supply while all outputs operate with a +3.3V or a
+2.5V supply. All inputs and outputs are JEDEC-standard
JESD8-5-compatible.
Selection Guide
250 MHz
200 MHz
167 MHz
Unit
Maximum Access Time
2.6
3.2
3.4
ns
Maximum Operating Current
475
425
375
mA
Maximum CMOS Standby Current
120
120
120
mA
Note:
1. For best-practices recommendations, please refer to the Cypress application note System Design Guidelines on www.cypress.com.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1445AV33-167BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1445AV33 CYPRESS-CY7C1445AV33 Datasheet
792Kb / 28P
   36-Mbit (1 M 횞 36/2 M 횞 18) Pipelined DCD Sync SRAM 3.3 V core power supply
CY7C1445AV33 CYPRESS-CY7C1445AV33 Datasheet
784Kb / 29P
   36-Mbit (1 M x 36/2 M x 18) Pipelined DCD Sync SRAM
More results

Similar Description - CY7C1445AV33-167BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1444AV25 CYPRESS-CY7C1444AV25 Datasheet
440Kb / 26P
   36-Mbit (1M x 36/2M x 18) Pipelined DCD Sync SRAM
CY7C1386DV25 CYPRESS-CY7C1386DV25 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1444KV33 CYPRESS-CY7C1444KV33 Datasheet
1Mb / 22P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined DCD Sync SRAM
CY7C1386C CYPRESS-CY7C1386C Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386KV33 CYPRESS-CY7C1386KV33 Datasheet
390Kb / 23P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined DCD Sync SRAM
CY7C1386D CYPRESS-CY7C1386D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
CY7C1386CV25 CYPRESS-CY7C1386CV25 Datasheet
547Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1387D CYPRESS-CY7C1387D Datasheet
481Kb / 29P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
CY7C1386B CYPRESS-CY7C1386B Datasheet
789Kb / 32P
   512K x 36/1M x 18 Pipelined DCD SRAM
CY7C1440KV25 CYPRESS-CY7C1440KV25 Datasheet
2Mb / 30P
   36-Mbit (1M 횞 36) Pipelined Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com