Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1443AV33-133AXC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1443AV33-133AXC
Description  36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1443AV33-133AXC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1443AV33-133AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1443AV33-133AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1443AV33-133AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1443AV33-133AXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1443AV33-133AXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1443AV33-133AXC Datasheet HTML 11Page - Cypress Semiconductor CY7C1443AV33-133AXC Datasheet HTML 12Page - Cypress Semiconductor CY7C1443AV33-133AXC Datasheet HTML 13Page - Cypress Semiconductor CY7C1443AV33-133AXC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
CY7C1441AV33
CY7C1443AV33
CY7C1447AV33
Document #: 38-05357 Rev. *F
Page 10 of 31
ZZ Mode Electrical Characteristics
Parameter
Description
Test Conditions
Min.
Max.
Unit
IDDZZ
Sleep mode standby current
ZZ > VDD – 0.2V
100
mA
tZZS
Device operation to ZZ
ZZ > VDD – 0.2V
2tCYC
ns
tZZREC
ZZ recovery time
ZZ < 0.2V
2tCYC
ns
tZZI
ZZ active to sleep current
This parameter is sampled
2tCYC
ns
tRZZI
ZZ Inactive to exit sleep current
This parameter is sampled
0
ns
Truth Table[2, 3, 4, 5, 6]
Cycle Description
ADDRESS
Used
CE1 CE2 CE3 ZZ ADSP ADSC ADV WRITE OE CLK
DQ
Deselected Cycle, Power-down
None
H
X
X
L
X
L
X
X
X
L-H
Tri-State
Deselected Cycle, Power-down
None
L
L
X
L
L
X
X
X
X
L-H
Tri-State
Deselected Cycle, Power-down
None
L
X
H
L
L
X
X
X
X
L-H
Tri-State
Deselected Cycle, Power-down
None
L
L
X
L
H
L
X
X
X
L-H
Tri-State
Deselected Cycle, Power-down
None
X
X
X
L
H
L
X
X
X
L-H
Tri-State
Sleep Mode, Power-down
None
X
X
X
H
X
X
X
X
X
X
Tri-State
Read Cycle, Begin Burst
External
L
H
L
L
L
X
X
X
L
L-H
Q
Read Cycle, Begin Burst
External
L
H
L
L
L
X
X
X
H
L-H
Tri-State
Write Cycle, Begin Burst
External
L
H
L
L
H
L
X
L
X
L-H
D
Read Cycle, Begin Burst
External
L
H
L
L
H
L
X
H
L
L-H
Q
Read Cycle, Begin Burst
External
L
H
L
L
H
L
X
H
H
L-H
Tri-State
Read Cycle, Continue Burst
Next
X
X
X
L
H
H
L
H
L
L-H
Q
Read Cycle, Continue Burst
Next
X
X
X
L
H
H
L
H
H
L-H
Tri-State
Read Cycle, Continue Burst
Next
H
X
X
L
X
H
L
H
L
L-H
Q
Read Cycle, Continue Burst
Next
H
X
X
L
X
H
L
H
H
L-H
Tri-State
Write Cycle, Continue Burst
Next
X
X
X
L
H
H
L
L
X
L-H
D
Write Cycle, Continue Burst
Next
H
X
X
L
X
H
L
L
X
L-H
D
Read Cycle, Suspend Burst
Current
X
X
X
L
H
H
H
H
L
L-H
Q
Read Cycle, Suspend Burst
Current
X
X
X
L
H
H
H
H
H
L-H
Tri-State
Read Cycle, Suspend Burst
Current
H
X
X
L
X
H
H
H
L
L-H
Q
Read Cycle, Suspend Burst
Current
H
X
X
L
X
H
H
H
H
L-H
Tri-State
Write Cycle, Suspend Burst
Current
X
X
X
L
H
H
H
L
X
L-H
D
Write Cycle, Suspend Burst
Current
H
X
X
L
X
H
H
L
X
L-H
D
Notes:
2. X = “Don't Care.” H = Logic HIGH, L = Logic LOW.
3. WRITE = L when any one or more Byte Write enable signals and BWE = L or GW = L. WRITE = H when all Byte write enable signals, BWE, GW = H.
4. The DQ pins are controlled by the current cycle and the OE signal. OE is asynchronous and is not sampled with the clock.
5. The SRAM always initiates a read cycle when ADSP is asserted, regardless of the state of GW, BWE, or BWX. Writes may occur only on subsequent clocks
after the ADSP or with the assertion of ADSC. As a result, OE must be driven HIGH prior to the start of the write cycle to allow the outputs to tri-state. OE is a
don't care for the remainder of the write cycle.
6. OE is asynchronous and is not sampled with the clock rise. It is masked internally during write cycles. During a read cycle all data bits are tri-state when OE is
inactive or when the device is deselected, and all data bits behave as output when OE is active (LOW).
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1443AV33-133AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1443AV33 CYPRESS-CY7C1443AV33 Datasheet
1Mb / 34P
   36-Mbit (1 M x 36/2 M x 18/512 k x 72) Flow-Through SRAM
More results

Similar Description - CY7C1443AV33-133AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1441AV25 CYPRESS-CY7C1441AV25 Datasheet
529Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM
CY7C1461AV25 CYPRESS-CY7C1461AV25 Datasheet
459Kb / 29P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1481V25 CYPRESS-CY7C1481V25 Datasheet
1Mb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM
CY7C1481V33 CYPRESS-CY7C1481V33_07 Datasheet
1Mb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM
CY7C1381CV25 CYPRESS-CY7C1381CV25 Datasheet
501Kb / 35P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1440AV33 CYPRESS-CY7C1440AV33_06 Datasheet
581Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
CY7C1381D CYPRESS-CY7C1381D_07 Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381D CYPRESS-CY7C1381D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381DV25 CYPRESS-CY7C1381DV25 Datasheet
1Mb / 28P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1440AV33 CYPRESS-CY7C1440AV33 Datasheet
392Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com