Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1440AV33 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1440AV33
Description  36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1440AV33 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1440AV33 Datasheet HTML 4Page - Cypress Semiconductor CY7C1440AV33 Datasheet HTML 5Page - Cypress Semiconductor CY7C1440AV33 Datasheet HTML 6Page - Cypress Semiconductor CY7C1440AV33 Datasheet HTML 7Page - Cypress Semiconductor CY7C1440AV33 Datasheet HTML 8Page - Cypress Semiconductor CY7C1440AV33 Datasheet HTML 9Page - Cypress Semiconductor CY7C1440AV33 Datasheet HTML 10Page - Cypress Semiconductor CY7C1440AV33 Datasheet HTML 11Page - Cypress Semiconductor CY7C1440AV33 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
CY7C1440AV33
CY7C1442AV33
CY7C1446AV33
Document #: 38-05383 Rev. *E
Page 8 of 31
Functional Overview
All synchronous inputs pass through input registers controlled
by the rising edge of the clock. All data outputs pass through
output registers controlled by the rising edge of the clock.
Maximum access delay from the clock rise (tCO) is 2.6ns
(250-MHz device).
The
CY7C1440AV33/CY7C1442AV33/CY7C1446AV33
supports secondary cache in systems utilizing either a linear
or interleaved burst sequence. The interleaved burst order
supports Pentium and i486
™ processors. The linear burst
sequence is suited for processors that utilize a linear burst
sequence. The burst order is user selectable, and is deter-
mined by sampling the MODE input. Accesses can be initiated
with either the Processor Address Strobe (ADSP) or the
Controller Address Strobe (ADSC). Address advancement
through the burst sequence is controlled by the ADV input. A
two-bit on-chip wraparound burst counter captures the first
address in a burst sequence and automatically increments the
address for the rest of the burst access.
Byte Write operations are qualified with the Byte Write Enable
(BWE) and Byte Write Select (BWX) inputs. A Global Write
Enable (GW) overrides all Byte Write inputs and writes data to
all four bytes. All writes are simplified with on-chip
synchronous self-timed Write circuitry.
Three synchronous Chip Selects (CE1, CE2, CE3) and an
asynchronous Output Enable (OE) provide for easy bank
selection and output tri-state control. ADSP is ignored if CE1
is HIGH.
Single Read Accesses
This access is initiated when the following conditions are
satisfied at clock rise: (1) ADSP or ADSC is asserted LOW,
(2) CE1, CE2, CE3 are all asserted active, and (3) the Write
signals (GW, BWE) are all deserted HIGH. ADSP is ignored if
CE1 is HIGH. The address presented to the address inputs (A)
is stored into the address advancement logic and the Address
Register while being presented to the memory array. The
corresponding data is allowed to propagate to the input of the
Output Registers. At the rising edge of the next clock the data
is allowed to propagate through the output register and onto
the data bus within 2.6 ns (250-MHz device) if OE is active
LOW. The only exception occurs when the SRAM is emerging
from a deselected state to a selected state, its outputs are
always tri-stated during the first cycle of the access. After the
first cycle of the access, the outputs are controlled by the OE
signal. Consecutive single Read cycles are supported. Once
the SRAM is deselected at clock rise by the chip select and
either ADSP or ADSC signals, its output will tri-state immedi-
ately.
Single Write Accesses Initiated by ADSP
This access is initiated when both of the following conditions
are satisfied at clock rise: (1) ADSP is asserted LOW, and
(2) CE1, CE2, CE3 are all asserted active. The address
presented to A is loaded into the address register and the
address advancement logic while being delivered to the
memory array. The Write signals (GW, BWE, and BWX) and
ADV inputs are ignored during this first cycle.
ADSP-triggered Write accesses require two clock cycles to
complete. If GW is asserted LOW on the second clock rise, the
data presented to the DQs inputs is written into the corre-
sponding address location in the memory array. If GW is HIGH,
then the Write operation is controlled by BWE and BWX
signals.
The
CY7C1440AV33/CY7C1442AV33/CY7C1446AV33
provides Byte Write capability that is described in the Write
Cycle Descriptions table. Asserting the Byte Write Enable
input (BWE) with the selected Byte Write (BWX) input, will
selectively write to only the desired bytes. Bytes not selected
during a Byte Write operation will remain unaltered. A
synchronous self-timed Write mechanism has been provided
to simplify the Write operations.
Because CY7C1440AV33/CY7C1442AV33/CY7C1446AV33
is a common I/O device, the Output Enable (OE) must be
deasserted HIGH before presenting data to the DQs inputs.
Doing so will tri-state the output drivers. As a safety
precaution, DQs are automatically tri-stated whenever a Write
cycle is detected, regardless of the state of OE.
Single Write Accesses Initiated by ADSC
ADSC Write accesses are initiated when the following condi-
tions are satisfied: (1) ADSC is asserted LOW, (2) ADSP is
deserted HIGH, (3) CE1, CE2, CE3 are all asserted active, and
(4) the appropriate combination of the Write inputs (GW, BWE,
and BWX) are asserted active to conduct a Write to the desired
byte(s). ADSC-triggered Write accesses require a single clock
cycle to complete. The address presented to A is loaded into
the address register and the address advancement logic while
being delivered to the memory array. The ADV input is ignored
during this cycle. If a global Write is conducted, the data
presented to the DQs is written into the corresponding address
location in the memory core. If a Byte Write is conducted, only
the selected bytes are written. Bytes not selected during a
Byte Write operation will remain unaltered. A synchronous
self-timed Write mechanism has been provided to simplify the
Write operations.
Because CY7C1440AV33/CY7C1442AV33/CY7C1446AV33
is a common I/O device, the Output Enable (OE) must be
deasserted HIGH before presenting data to the DQs inputs.
Doing so will tri-state the output drivers. As a safety
precaution, DQs are automatically tri-stated whenever a Write
cycle is detected, regardless of the state of OE.
Burst Sequences
The
CY7C1440AV33/CY7C1442AV33/CY7C1446AV33
provides a two-bit wraparound counter, fed by A1: A0, that
implements either an interleaved or linear burst sequence. The
interleaved burst sequence is designed specifically to support
Intel Pentium applications. The linear burst sequence is
designed to support processors that follow a linear burst
sequence. The burst sequence is user selectable through the
MODE input. Asserting ADV LOW at clock rise will automati-
cally increment the burst counter to the next address in the
burst sequence. Both Read and Write burst operations are
supported.
Sleep Mode
The ZZ input pin is an asynchronous input. Asserting ZZ
places the SRAM in a power conservation “sleep” mode. Two
clock cycles are required to enter into or exit from this “sleep”
mode. While in this mode, data integrity is guaranteed.
Accesses pending when entering the “sleep” mode are not
considered valid nor is the completion of the operation
guaranteed. The device must be deselected prior to entering
the “sleep” mode. CE1, CE2, CE3, ADSP, and ADSC must
remain inactive for the duration of tZZREC after the ZZ input
returns LOW.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1440AV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1440AV33 CYPRESS-CY7C1440AV33 Datasheet
392Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
CY7C1440AV33-167AXC CYPRESS-CY7C1440AV33-167AXC Datasheet
392Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
CY7C1440AV33-167AXC CYPRESS-CY7C1440AV33-167AXC Datasheet
809Kb / 33P
   36-Mbit (1 M 횞 36) Pipelined Sync SRAM
CY7C1440AV33-167BZC CYPRESS-CY7C1440AV33-167BZC Datasheet
392Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
CY7C1440AV33-167BZXC CYPRESS-CY7C1440AV33-167BZXC Datasheet
392Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
More results

Similar Description - CY7C1440AV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1440AV33 CYPRESS-CY7C1440AV33 Datasheet
392Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
CY7C1440AV25 CYPRESS-CY7C1440AV25 Datasheet
524Kb / 32P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
CY7C1480V33 CYPRESS-CY7C1480V33_07 Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V25 CYPRESS-CY7C1480V25_06 Datasheet
578Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V33 CYPRESS-CY7C1480V33 Datasheet
398Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V25 CYPRESS-CY7C1480V25 Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480BV33 CYPRESS-CY7C1480BV33 Datasheet
974Kb / 34P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V33 CYPRESS-CY7C1480V33_06 Datasheet
578Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480BV25 CYPRESS-CY7C1480BV25 Datasheet
933Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1444AV25 CYPRESS-CY7C1444AV25 Datasheet
440Kb / 26P
   36-Mbit (1M x 36/2M x 18) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com