Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM75RSE060 Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part # PM75RSE060
Description  FLAT-BASE TYPE INSULATED PACKAGE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM75RSE060 Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

  PM75RSE060 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM75RSE060 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM75RSE060 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM75RSE060 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM75RSE060 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM75RSE060 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PM75RSE060 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PM75RSE060 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PM75RSE060 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM75RSE060
FLAT-BASE TYPE
INSULATED PACKAGE
Jul. 2005
2
1.5
2.5
1
0.5
0
18
13
12
15
14
17
16
IC = 30A
Tj = 25
°C
Tj = 125
°C
100
102
7
5
3
2
0
101
7
5
3
2
0.5
1
1.5
2
3
2.5
4
4
VD = 15V
Tj = 25
°C
Tj = 125
°C
CONTROL SUPPLY VOLTAGE VD (V)
COLLECTOR-EMITTER SATURATION
VOLTAGE (VS. VD) CHARACTERISTICS
(TYPICAL)
EMITTER-COLLECTOR VOLTAGE VEC (V)
DIODE FORWARD CHARACTERISTICS
(TYPICAL)
40
30
10
20
0
0
1
0.5
1.5
2.5
2
Tj = 25
°C
2
1.5
2.5
1
0.5
0
0
10
40
20
30
Tj = 25
°C
Tj = 125
°C
15V
13V
VD = 17V
VD = 15V
OUTPUT CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE VCE (V)
COLLECTOR CURRENT IC (A)
COLLECTOR-EMITTER SATURATION
VOLTAGE (VS. Ic) CHARACTERISTICS
(TYPICAL)
101
10–3
100
7
5
3
2
10–2
7
5
3
2
10–1
7
5
3
2
7
5
3
2
10–323 5 710–223 5 710–123 5 7100 23 5 7101
TIME (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(IGBT PART)
101
10–3
100
7
5
3
2
10–2
7
5
3
2
10–1
7
5
3
2
7
5
3
2
10–323 5 710–223 5 710–123 5 7100 23 5 7101
TIME (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(FWDi PART)
Single Pulse
Per unit base = Rth(j – c)Q = 0.71
°C/W
Single Pulse
Per unit base = Rth(j – c)F = 1.66
°C/W
PERFORMANCE CURVES (Brake Part)


Similar Part No. - PM75RSE060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM75RSE060 MITSUBISHI-PM75RSE060 Datasheet
136Kb / 6P
   MITSUBISHI INTELLIGENT POWER MODULES
More results

Similar Description - PM75RSE060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50CSE060 MITSUBISHI-PM50CSE060 Datasheet
131Kb / 6P
   FLAT-BASE FLAT-BASE TYPE INSULATED PACKAGE
PM100DSA120 MITSUBISHI-PM100DSA120 Datasheet
62Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM30CTJ060 MITSUBISHI-PM30CTJ060 Datasheet
133Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM400DSA060 MITSUBISHI-PM400DSA060 Datasheet
63Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM75RSA060 MITSUBISHI-PM75RSA060 Datasheet
84Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50CTK060 MITSUBISHI-PM50CTK060 Datasheet
144Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM200CSA060 MITSUBISHI-PM200CSA060 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM10CSJ060 MITSUBISHI-PM10CSJ060 Datasheet
57Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM100CSA120 MITSUBISHI-PM100CSA120 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50RSA060 MITSUBISHI-PM50RSA060 Datasheet
85Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM20CTM060 MITSUBISHI-PM20CTM060 Datasheet
136Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com