Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM75RSD060 Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # PM75RSD060
Description  FLAT-BASE TYPE INSULATED PACKAGE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM75RSD060 Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

  PM75RSD060 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM75RSD060 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM75RSD060 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM75RSD060 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM75RSD060 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM75RSD060 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PM75RSD060 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PM75RSD060 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PM75RSD060 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM75RSD060
FLAT-BASE TYPE
INSULATED PACKAGE
Jul. 2005
10–2
100
7
5
3
2
25 7
102
101
10–1
7
5
3
2
103
4
4
100
102
7
5
3
2
101
7
5
3
2
4
4
4
32
3
5 7
4
Irr
VCC = 300V
VD = 15V
Tj = 25
°C
Tj = 125
°C
Inductive load
trr
DIODE REVERSE RECOVERY CHARACTERISTICS
(TYPICAL)
COLLECTOR RECOVERY CURRENT –IC (A)
101
10–3
100
7
5
3
2
10–2
7
5
3
2
10–1
7
5
3
2
7
5
3
2
10–323 5 710–223 5 710–123 5 7100 23 5 7101
0
20
40
60
80
100
25
0
510
15
20
N-side
P-side
VD = 15V
Tj = 25
°C
CARRIER FREQUENCY fc (kHz)
ID VS. fc CHARACTERISTICS
(TYPICAL)
TIME (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(IGBT PART)
101
10–3
100
7
5
3
2
10–2
7
5
3
2
10–1
7
5
3
2
7
5
3
2
10–323 5 710–223 5 710–123 5 7100 23 5 7101
TIME (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(FWDi PART)
Single Pulse
Per unit base = Rth(j – c)Q = 0.49
°C/W
Single Pulse
Per unit base = Rth(j – c)F = 1.38
°C/W
100
102
7
5
3
2
0
101
7
5
3
2
0.5
1
1.5
2
2.5
4
4
VD = 15V
Tj = 25
°C
Tj = 125
°C
EMITTER-COLLECTOR VOLTAGE VEC (V)
DIODE FORWARD CHARACTERISTICS
(TYPICAL)


Similar Part No. - PM75RSD060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM75RSD060 POWEREX-PM75RSD060 Datasheet
90Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (75 Amperes/600 Volts)
More results

Similar Description - PM75RSD060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50CSE060 MITSUBISHI-PM50CSE060 Datasheet
131Kb / 6P
   FLAT-BASE FLAT-BASE TYPE INSULATED PACKAGE
PM100DSA120 MITSUBISHI-PM100DSA120 Datasheet
62Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM30CTJ060 MITSUBISHI-PM30CTJ060 Datasheet
133Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM400DSA060 MITSUBISHI-PM400DSA060 Datasheet
63Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM75RSA060 MITSUBISHI-PM75RSA060 Datasheet
84Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50CTK060 MITSUBISHI-PM50CTK060 Datasheet
144Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM200CSA060 MITSUBISHI-PM200CSA060 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM10CSJ060 MITSUBISHI-PM10CSJ060 Datasheet
57Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM100CSA120 MITSUBISHI-PM100CSA120 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50RSA060 MITSUBISHI-PM50RSA060 Datasheet
85Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM20CTM060 MITSUBISHI-PM20CTM060 Datasheet
136Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com