Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1418BV18-278BZXC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1418BV18-278BZXC
Description  36-Mbit DDR-II SRAM 2-Word Burst Architecture
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1418BV18-278BZXC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1418BV18-278BZXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1418BV18-278BZXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1418BV18-278BZXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1418BV18-278BZXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1418BV18-278BZXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1418BV18-278BZXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1418BV18-278BZXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1418BV18-278BZXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1418BV18-278BZXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
PRELIMINARY
CY7C1416BV18
CY7C1427BV18
CY7C1418BV18
CY7C1420BV18
36-Mbit DDR-II SRAM 2-Word Burst
Architecture
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-07033 Rev. *B
Revised September 20, 2006
Features
• 36-Mbit density (4M x 8, 4M x 9, 2M x 18, 1M x 36)
• 300-MHz clock for high bandwidth
• 2-Word burst for reducing address bus frequency
• Double Data Rate (DDR) interfaces
(data transferred at 600 MHz) @ 300 MHz for DDR-II
• Two input clocks (K and K) for precise DDR timing
— SRAM uses rising edges only
• Two input clocks for output data (C and C) to minimize
clock-skew and flight-time mismatches
• Echo clocks (CQ and CQ) simplify data capture in
high-speed systems
• Synchronous internally self-timed writes
• DDR-II operates with 1.5 cycle read latency when DLL
is enabled
• Operates like a DDR I device with 1 cycle read latency
in DLL off mode
• 1.8V core power supply with HSTL inputs and outputs
• Variable drive HSTL output buffers
• Expanded HSTL output voltage (1.4V–VDD)
• Available in 165-ball FBGA package (15 x 17 x 1.4 mm)
• Offered in both in lead-free and non lead-free packages
• JTAG 1149.1 compatible test access port
• Delay Lock Loop (DLL) for accurate data placement
Configurations
CY7C1416BV18 – 4M x 8
CY7C1427BV18 – 4M x 9
CY7C1418BV18 – 2M x 18
CY7C1420BV18 – 1M x 36
Functional Description
The CY7C1416BV18, CY7C1427BV18, CY7C1418BV18 and
CY7C1420BV18 are 1.8V Synchronous Pipelined SRAM
equipped with DDR-II architecture. The DDR-II consists of an
SRAM core with advanced synchronous peripheral circuitry
and a 1-bit burst counter. Addresses for Read and Write are
latched on alternate rising edges of the input (K) clock. Write
data is registered on the rising edges of both K and K. Read
data is driven on the rising edges of C and C if provided, or on
the rising edge of K and K if C/C are not provided. Each
address location is associated with two 8-bit words in the case
of CY7C1416BV18 and two 9-bit words in the case of
CY7C1427BV18 that burst sequentially into or out of the
device. The burst counter always starts with a “0” internally in
the case of CY7C1416BV18 and CY7C1427BV18. On
CY7C1418BV18 and CY7C1420BV18, the burst counter
takes in the least significant bit of the external address and
bursts two 18-bit words in the case of CY7C1418BV18 and two
36-bit words in the case of CY7C1420BV18 sequentially into
or out of the device.
Asynchronous inputs include output impedance matching
input (ZQ). Synchronous data outputs (Q, sharing the same
physical pins as the data inputs D) are tightly matched to the
two output echo clocks CQ/CQ, eliminating the need for
separately capturing data from each individual DDR SRAM in
the system design. Output data clocks (C/C) enable maximum
system clocking and data synchronization flexibility.
All synchronous inputs pass through input registers controlled
by the K or K input clocks. All data outputs pass through output
registers controlled by the C or C (or K or K in a single clock
domain) input clocks. Writes are conducted with on-chip
synchronous self-timed write circuitry.
Selection Guide
300 MHz
278 MHz
250 MHz
200 MHz
167 MHz
Unit
Maximum Operating Frequency
300
278
250
200
167
MHz
Maximum Operating Current (DDR-II)
825
775
700
600
500
mA
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1418BV18-278BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1418BV18-200BZC CYPRESS-CY7C1418BV18-200BZC Datasheet
672Kb / 29P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1418BV18-200BZI CYPRESS-CY7C1418BV18-200BZI Datasheet
672Kb / 29P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1418BV18-200BZXC CYPRESS-CY7C1418BV18-200BZXC Datasheet
672Kb / 29P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1418BV18-200BZXI CYPRESS-CY7C1418BV18-200BZXI Datasheet
672Kb / 29P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1418BV18-250BZC CYPRESS-CY7C1418BV18-250BZC Datasheet
672Kb / 29P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1418BV18-278BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1416KV18 CYPRESS-CY7C1416KV18 Datasheet
1Mb / 32P
   36-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1416BV18 CYPRESS-CY7C1416BV18_07 Datasheet
672Kb / 29P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1416JV18 CYPRESS-CY7C1416JV18 Datasheet
630Kb / 26P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1416AV18 CYPRESS-CY7C1416AV18_06 Datasheet
495Kb / 28P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1416AV18 CYPRESS-CY7C1416AV18 Datasheet
272Kb / 24P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1422JV18 CYPRESS-CY7C1422JV18 Datasheet
678Kb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422KV18 CYPRESS-CY7C1422KV18 Datasheet
944Kb / 32P
   36-Mbit DDR II SIO SRAM 2-Word Burst Architecture
CY7C1422AV18 CYPRESS-CY7C1422AV18 Datasheet
466Kb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422BV18 CYPRESS-CY7C1422BV18 Datasheet
1Mb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422BV18 CYPRESS-CY7C1422BV18_07 Datasheet
658Kb / 30P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com