Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

79RC32334 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 79RC32334
Description  IDT Interprise Integrated Communications Processor
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

79RC32334 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 79RC32334 Datasheet HTML 7Page - Integrated Device Technology 79RC32334 Datasheet HTML 8Page - Integrated Device Technology 79RC32334 Datasheet HTML 9Page - Integrated Device Technology 79RC32334 Datasheet HTML 10Page - Integrated Device Technology 79RC32334 Datasheet HTML 11Page - Integrated Device Technology 79RC32334 Datasheet HTML 12Page - Integrated Device Technology 79RC32334 Datasheet HTML 13Page - Integrated Device Technology 79RC32334 Datasheet HTML 14Page - Integrated Device Technology 79RC32334 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
11 of 30
August 31, 2004
IDT 79RC32334—Rev. Y
Mode Bit Settings to Configure Controller on Reset
The following table lists the mode bit settings to configure the controller on cold reset.
Debug Signals
debug_cpu_dma_n
I/O
Z
Low
Debug CPU versus DMA Negated
De-assertion high during debug_cpu_ads_n assertion or debug_cpu_ack_n assertion indicates transac-
tion was generated from the CPU.
Assertion low during debug_cpu_ads_n assertion or debug_cpu_ack_n assertion indicates transaction
was generated from DMA.
Alternate function: modebit[6].
debug_cpu_ack_n
I/O
Z
Low
Debug CPU Acknowledge Negated
Indicates either a data acknowledge to the CPU or DMA.
Alternate function: modebit[4].
debug_cpu_ads_n
I/O
Z
Low
Debug CPU Address/Data Strobe Negated
Assertion indicates that either a CPU or a DMA transaction is beginning and that the mem_data[31:4] bus
has the current block address.
Alternate function: modebit[5].
debug_cpu_i_d_n
I/O
Z
Low
Debug CPU Instruction versus Data Negated
Assertion during debug_cpu_ads_n assertion or debug_cpu_ack_n assertion indicates transaction is a
CPU or DMA data transaction.
De-assertion during debug_cpu_ads_n assertion or debug_cpu_ack_n assertion indicates transaction is a
CPU instruction transaction.
Alternate function: modebit[3].
Pin
Mode Bit
Description
Value
Mode Setting
ejtag_pcst[2:0]
2:0 MSB (2)
Clock Multiplier
MasterClock is multiplied internally to gener-
ate PClock
0
Multiply by 2
1
Multiply by 3
2
Multiply by 4
3
Reserved
4
Reserved
5
Reserved
6
Reserved
7
Reserved
debug_cpu_i_d_n
3
EndBit
0
Little-endian ordering
1
Big-endian ordering
debug_cpu_ack_n
4
Reserved
0
debug_cpu_ads_n
5
Reserved
0
debug_cpu_dma_n
6
TmrIntEn
Enables/Disables the timer interrupt on Int*[5]
0
Enables timer interrupt
1
Disables timer interrupt
mem_addr[17]
7
Reserved for future use
1
Table 2 Boot-Mode Configuration Settings (Part 1 of 2)
Name
Type
Reset
State
Status
Drive
Strength
Capability
Description
Table 1 Pin Description (Part 7 of 7)


Similar Part No. - 79RC32334

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
79RC32334 RENESAS-79RC32334 Datasheet
939Kb / 31P
   IDTTM InterpriseTM Integrated Communications Processor
August 31, 2004
More results

Similar Description - 79RC32334

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT79RC32332 IDT-IDT79RC32332 Datasheet
987Kb / 47P
   IDT Interprise Integrated Communications Processor
79RC32351 IDT-79RC32351 Datasheet
864Kb / 42P
   IDT Interprise Integrated Communications Processor
RC32434 IDT-RC32434 Datasheet
877Kb / 53P
   IDT TInterprise Integrated Communications Processor
logo
Renesas Technology Corp
79RC32435 RENESAS-79RC32435 Datasheet
1Mb / 54P
   IDTTM InterpriseTM Integrated Communications Processor
January 19, 2006
RC32365 RENESAS-RC32365 Datasheet
833Kb / 45P
   IDTTM InterpriseTM Integrated Communications Processor
October 5, 2005
logo
Integrated Device Techn...
79RC32435 IDT-79RC32435 Datasheet
877Kb / 53P
   IDTTM InterpriseTM Integrated Communications Processor
logo
Teledyne Technologies I...
T1042 TELEDYNE-T1042 Datasheet
1Mb / 174P
   QorIQ Integrated Multicore Communications Processor
logo
Renesas Technology Corp
79RC32351 RENESAS-79RC32351 Datasheet
1Mb / 43P
   IDTTM InterpriseTM Integrated Communications Processor
May 25, 2004
RC32336 RENESAS-RC32336 Datasheet
783Kb / 45P
   IDTTM InterpriseTM Integrated Communications Processor
October 4, 2005
logo
Integrated Device Techn...
79RC32T336-150BCG IDT-79RC32T336-150BCG Datasheet
632Kb / 44P
   IDTTM InterpriseTM Integrated Communications Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com