Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM75B6LB060 Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # PM75B6LB060
Description  FLAT-BASE TYPE INSULATED PACKAGE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM75B6LB060 Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button PM75B6LB060 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM75B6LB060 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM75B6LB060 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM75B6LB060 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM75B6LB060 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PM75B6LB060 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PM75B6LB060 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PM75B6LB060 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor PM75B6LB060 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM75B6LB060
FLAT-BASE TYPE
INSULATED PACKAGE
Oct. 2005
10–3
100
7
5
3
2
10–2
7
5
3
2
10–1
7
5
3
2
10–323 5 710–223 5 710–1
10–523 5 710–423 5 7
23 5 7
100 23 57101
10–3
100
7
5
3
2
10–2
7
5
3
2
10–1
7
5
3
2
10–323 5 710–223 5 710–1
10–523 5 710–423 5 7
23 5 7
100 23 57101
100
23
5 7
101
23
5 7
102
10–2
10–1
7
5
3
2
100
7
5
3
2
101
7
5
3
2
10–1
100
7
5
3
2
101
7
5
3
2
102
7
5
3
2
100
102
7
5
3
2
0
101
7
5
3
2
0.5
1
1.5
2
2.5
VD = 15V
Tj = 25°C
Tj = 125°C
Irr
VCC = 300V
VD = 15V
Tj = 25°C
Tj = 125°C
Inductive load
trr
100
23
5 7
101
23
5 7
102
10–2
10–1
7
5
3
2
100
7
5
3
2
101
7
5
3
2
VCC = 300V
VD = 15V
Tj = 25°C
Tj = 125°C
Inductive load
Err
Single Pulse
Per unit base = Rth(j – c)Q = 0.32°C/W
Single Pulse
Per unit base = Rth(j – c)F = 0.53°C/W
TIME (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(IGBT PART)
TIME (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(FWDi PART)
EMITTER-COLLECTOR VOLTAGE VEC (V)
FWDi FORWARD VOLTAGE CHARACTERISTICS
(TYPICAL)
COLLECTOR REVERSE CURRENT IC (A)
FWDi REVERSE RECOVERY LOSS CHARACTERISTICS
(TYPICAL)
FWDi REVERSE RECOVERY CHARACTERISTICS
(TYPICAL)
COLLECTOR CURRENT IC (A)


Similar Part No. - PM75B6LB060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM75B6LB060 MITSUBISHI-PM75B6LB060 Datasheet
298Kb / 10P
   FLAT-BASE TYPE INSULATED PACKAGE
PM75B6LB060 MITSUBISHI-PM75B6LB060_09 Datasheet
298Kb / 10P
   FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM75B6LB060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50CSE060 MITSUBISHI-PM50CSE060 Datasheet
131Kb / 6P
   FLAT-BASE FLAT-BASE TYPE INSULATED PACKAGE
PM100DSA120 MITSUBISHI-PM100DSA120 Datasheet
62Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM30CTJ060 MITSUBISHI-PM30CTJ060 Datasheet
133Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM400DSA060 MITSUBISHI-PM400DSA060 Datasheet
63Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM75RSA060 MITSUBISHI-PM75RSA060 Datasheet
84Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50CTK060 MITSUBISHI-PM50CTK060 Datasheet
144Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM200CSA060 MITSUBISHI-PM200CSA060 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM10CSJ060 MITSUBISHI-PM10CSJ060 Datasheet
57Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM100CSA120 MITSUBISHI-PM100CSA120 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50RSA060 MITSUBISHI-PM50RSA060 Datasheet
85Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM20CTM060 MITSUBISHI-PM20CTM060 Datasheet
136Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com